Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-S13VT Datasheet(PDF) 10 Page - Rohm

Part # SML-S13VT
Description  Surface mount Lens LEDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-S13VT Datasheet(HTML) 10 Page - Rohm

Back Button SML-S13VT Datasheet HTML 4Page - Rohm SML-S13VT Datasheet HTML 5Page - Rohm SML-S13VT Datasheet HTML 6Page - Rohm SML-S13VT Datasheet HTML 7Page - Rohm SML-S13VT Datasheet HTML 8Page - Rohm SML-S13VT Datasheet HTML 9Page - Rohm SML-S13VT Datasheet HTML 10Page - Rohm SML-S13VT Datasheet HTML 11Page - Rohm SML-S13VT Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
    
[Data Sheet]
LED products do not contain reinforcement material such as a glass fillers.
RECOMMENDED CONDITION
Condition ) Temp. of iron top less than
Ultrasonic Cleaning
15W/Below 1 liter (capacity of tank)
Drying
Under 100℃ within 3 minutes
furnaces vary by customer’s own conditions.
So thermal stress by soldering greatly influence its reliability.
Please keep following points for manual soldering.
Solvent
We recommend to use alcohols solvent such as, isopropyl alcohols
Temperature
Under 30℃ within 3 minutes
Heating on PCB pattern, not direct to the
LED. (Fig-1)
Sn-Cu,Sn-Ag-Cu,Sn-Ag-Bi-Cu
②HAND SOLDERING CONDITION
Time for peak temperature
Within 10sec.
ΔTR/Δt
4-8.Cleaning after Soldering
Please follow the conditions below if the cleaning is necessary after soldering.
※Above conditions are for reference. Therefore, evaluate by customer’s own circuit boards and
reflow furnaces before using, because stress from circuit boards and temperature variations of reflow
4-7.Attention Points in Soldering Operation
This product was developed as a surface mount LED especially suitable for reflow soldering.
So reflow soldering is recommended. In case of implementing manual soldering,
please take care of following points.
①SOLDER USED
350℃ within 3 sec.
ITEM
a) Heating method
b)
Handling after
soldering
Please handle after the part temp.
goes down to room temp.
tP
Temperature rising rate
Under 3℃/sec.
ΔTD/Δt
Temperature decreasing rate
Over -3℃/sec.
TL
Reference temperature
230〜260℃
tL
Retention time for TL Within 40sec.
TP
Peak temperature
260℃(Max)
Tsmax
Maximum of pre-heating temperature
180℃
Tsmin
Minimum of pre-heating temperature
140℃
ts
Time from Tsmin to Tsmax
Over 60sec.
4-6.Reflow Profile
For reflow profile, please refer to the conditions below:(※)
■Meaning of marks, Conditions
Mark
Meanings
Conditions
[SML-S1x series]
Fig.-1
SOLDERING
SOLDERING
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
10/10
2017.5 - Rev.006


Similar Part No. - SML-S13VT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-S13VT ROHM-SML-S13VT Datasheet
1,002Kb / 12P
   Surface mount Lens LEDs
2021.11 - Rev.014
More results

Similar Description - SML-S13VT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-S13RT ROHM-SML-S13RT Datasheet
874Kb / 10P
   Surface mount Lens LEDs
SML-S1X ROHM-SML-S1X Datasheet
1,002Kb / 12P
   Surface mount Lens LEDs
2021.11 - Rev.014
logo
Agilent(Hewlett-Packard...
HSMA-C540 HP-HSMA-C540 Datasheet
195Kb / 8P
   Oval Lens High Performance Surface Mount LEDs
logo
Sanken electric
SEC4003 SANKEN-SEC4003 Datasheet
438Kb / 2P
   Side View Surface Mount LEDs (Inner Lens Type)
SEC1001 SANKEN-SEC1001_08 Datasheet
427Kb / 2P
   3.0 횞 1.5 Surface Mount LEDs (Flat Lens Type)
SEC1003 SANKEN-SEC1003_08 Datasheet
426Kb / 2P
   3.0 횞 1.5 Surface Mount LEDs (Inner Lens Type)
SEC1G03C SANKEN-SEC1G03C Datasheet
416Kb / 1P
   3 횞 1.5 Surface Mount Infrared LEDs (Inner Lens Type)
logo
Chicago Miniature Lamp,...
7020X CML-7020X Datasheet
74Kb / 1P
   Surface Mount LEDs
logo
Visual Communications C...
7020X VCC-7020X Datasheet
651Kb / 1P
   Surface Mount LEDs
logo
List of Unclassifed Man...
SML-310VT ETC1-SML-310VT Datasheet
106Kb / 2P
   LEDs, Surface Mount
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com