Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-S13UT Datasheet(PDF) 2 Page - Rohm

Part # SML-S13UT
Description  Surface mount Lens LEDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-S13UT Datasheet(HTML) 2 Page - Rohm

  SML-S13UT Datasheet HTML 1Page - Rohm SML-S13UT Datasheet HTML 2Page - Rohm SML-S13UT Datasheet HTML 3Page - Rohm SML-S13UT Datasheet HTML 4Page - Rohm SML-S13UT Datasheet HTML 5Page - Rohm SML-S13UT Datasheet HTML 6Page - Rohm SML-S13UT Datasheet HTML 7Page - Rohm SML-S13UT Datasheet HTML 8Page - Rohm SML-S13UT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
    
[Data Sheet]
■Electrical Characteristics Curves
Fig.1 Forward Current
Fig.2 Luminous Intensity -
- Forward Voltages
     Atmosphere Temperature
Fig.3 Luminous Intensity - Forward Current
Fig.4 Derating
[SML-S1x series]
Reference
0
5
10
15
30
25
20
1.5
1.0
0.5
0
0.2
-40
-20
0
20
40
60
80
100
1.6
1.4
1.2
1.0
0.8
0.6
0.4
100
10
1
1.6
1.8
2.0
2.2
Ta=25ºC
FORWARD VOLTAGE : VF [V]
I
F=20mA
ATMOSPHERE TEMPERATURE : Ta [ºC]
Ta=25ºC
FORWARD CURRENT : IF [mA]
AMBIENT TEMPERATURE : Ta [ºC]
SML-S13VT
SML-S13UT
SML-S13DT
SML-S13YT
SML-S13MT
SML-S13VT
SML-S13UT
SML-S13DT
SML-S13YT
SML-S13MT
SML-S13VT
SML-S13UT
SML-S13DT
SML-S13YT
SML-S13MT
0
40
30
20
10
-40
-20
0
20
40
60
80
100
SML-S13VT
SML-S13UT
SML-S13DT
SML-S13YT
SML-S13MT
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
2/10
2017.5 - Rev.006


Similar Part No. - SML-S13UT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-S13UT ROHM-SML-S13UT Datasheet
1,002Kb / 12P
   Surface mount Lens LEDs
2021.11 - Rev.014
More results

Similar Description - SML-S13UT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-S13RT ROHM-SML-S13RT Datasheet
874Kb / 10P
   Surface mount Lens LEDs
SML-S1X ROHM-SML-S1X Datasheet
1,002Kb / 12P
   Surface mount Lens LEDs
2021.11 - Rev.014
logo
Agilent(Hewlett-Packard...
HSMA-C540 HP-HSMA-C540 Datasheet
195Kb / 8P
   Oval Lens High Performance Surface Mount LEDs
logo
Sanken electric
SEC4003 SANKEN-SEC4003 Datasheet
438Kb / 2P
   Side View Surface Mount LEDs (Inner Lens Type)
SEC1001 SANKEN-SEC1001_08 Datasheet
427Kb / 2P
   3.0 횞 1.5 Surface Mount LEDs (Flat Lens Type)
SEC1003 SANKEN-SEC1003_08 Datasheet
426Kb / 2P
   3.0 횞 1.5 Surface Mount LEDs (Inner Lens Type)
SEC1G03C SANKEN-SEC1G03C Datasheet
416Kb / 1P
   3 횞 1.5 Surface Mount Infrared LEDs (Inner Lens Type)
logo
Chicago Miniature Lamp,...
7020X CML-7020X Datasheet
74Kb / 1P
   Surface Mount LEDs
logo
Visual Communications C...
7020X VCC-7020X Datasheet
651Kb / 1P
   Surface Mount LEDs
logo
List of Unclassifed Man...
SML-310VT ETC1-SML-310VT Datasheet
106Kb / 2P
   LEDs, Surface Mount
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com