Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-S13UT Datasheet(PDF) 5 Page - Rohm

Part # SML-S13UT
Description  Surface mount Lens LEDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-S13UT Datasheet(HTML) 5 Page - Rohm

  SML-S13UT Datasheet HTML 1Page - Rohm SML-S13UT Datasheet HTML 2Page - Rohm SML-S13UT Datasheet HTML 3Page - Rohm SML-S13UT Datasheet HTML 4Page - Rohm SML-S13UT Datasheet HTML 5Page - Rohm SML-S13UT Datasheet HTML 6Page - Rohm SML-S13UT Datasheet HTML 7Page - Rohm SML-S13UT Datasheet HTML 8Page - Rohm SML-S13UT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
    
[Data Sheet]
■Rank Reference of Brightness*
*Measurement tolerance:±10%
[SML-S1x series]
Red(V,U)
(Ta=25ºC, IF=20mA)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
Y
Z
1.0
1.6 1.6
2.5 2.5
4.0 4.0
6.3 6.3
10 10
16
16
25
25
40
40
63 63
100 100
160 160
250 250
400 400
630 630
1000 1000
1600 1600
2500 2500
4000
Orange(D)
(Ta=25ºC, IF=20mA)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
Y
Z
1.0
1.6 1.6
2.5 2.5
4.0 4.0
6.3 6.3
10 10
16
16
25
25
40
40
63 63
100 100
160 160
250 250
400 400
630 630
1000 1000
1600 1600
2500 2500
4000
Yellow(Y)
(Ta=25ºC, IF=20mA)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
Y
Z
1.0
1.6 1.6
2.5 2.5
4.0 4.0
6.3 6.3
10 10
16
16
25
25
40
40
63 63
100 100
160 160
250 250
400 400
630 630
1000 1000
1600 1600
2500 2500
4000
Yellowish Green(M), Green(P)
(Ta=25ºC, IF=20mA)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
Y
Z
1.0
1.6 1.6
2.5 2.5
4.0 4.0
6.3 6.3
10 10
16
16
25
25
40
40
63 63
100 100
160 160
250 250
400 400
630 630
1000 1000
1600 1600
2500 2500
4000
Green(E )
(Ta=25ºC, IF=20mA)
R1
R2
S1
S2
T1
T2
U1
U2
V1
V2
W1
W2
X1
X2
Y1
Y2
Z1
Z2
Z3
56
71
71
90 90
110 110
140 140
180 180
220 220
280 280
360 360
450 450
560 560
710 710
900 900
1100 1100
1400 1400
1800 1800
2200 2200
2800 2800
3600 3600
4500
Blue(B)
(Ta=25ºC, IF=20mA)
R1
R2
S1
S2
T1
T2
U1
U2
V1
V2
W1
W2
X1
X2
Y1
Y2
Z1
Z2
56
71
71
90 90
110 110
140 140
180 180
220 220
280 280
360 360
450 450
560 560
710 710
900 900
1100 1100
1400 1400
1800 1800
2200 2200
2800 2800
3600
Rank
Iv (mcd)
Iv (mcd)
SML-S13DT
Rank
Iv (mcd)
SML-S13YT
Rank
Iv (mcd)
SML-S13VT
SML-S13UT
Rank
SML-S13MT
Rank
Iv (mcd)
SML-S14EET
Rank
Iv (mcd)
SML-S14BET
SML-S13PT
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
5/10
2017.5 - Rev.006


Similar Part No. - SML-S13UT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-S13UT ROHM-SML-S13UT Datasheet
1,002Kb / 12P
   Surface mount Lens LEDs
2021.11 - Rev.014
More results

Similar Description - SML-S13UT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-S13RT ROHM-SML-S13RT Datasheet
874Kb / 10P
   Surface mount Lens LEDs
SML-S1X ROHM-SML-S1X Datasheet
1,002Kb / 12P
   Surface mount Lens LEDs
2021.11 - Rev.014
logo
Agilent(Hewlett-Packard...
HSMA-C540 HP-HSMA-C540 Datasheet
195Kb / 8P
   Oval Lens High Performance Surface Mount LEDs
logo
Sanken electric
SEC4003 SANKEN-SEC4003 Datasheet
438Kb / 2P
   Side View Surface Mount LEDs (Inner Lens Type)
SEC1001 SANKEN-SEC1001_08 Datasheet
427Kb / 2P
   3.0 횞 1.5 Surface Mount LEDs (Flat Lens Type)
SEC1003 SANKEN-SEC1003_08 Datasheet
426Kb / 2P
   3.0 횞 1.5 Surface Mount LEDs (Inner Lens Type)
SEC1G03C SANKEN-SEC1G03C Datasheet
416Kb / 1P
   3 횞 1.5 Surface Mount Infrared LEDs (Inner Lens Type)
logo
Chicago Miniature Lamp,...
7020X CML-7020X Datasheet
74Kb / 1P
   Surface Mount LEDs
logo
Visual Communications C...
7020X VCC-7020X Datasheet
651Kb / 1P
   Surface Mount LEDs
logo
List of Unclassifed Man...
SML-310VT ETC1-SML-310VT Datasheet
106Kb / 2P
   LEDs, Surface Mount
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com