Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-Z14EGT Datasheet(PDF) 10 Page - Rohm

Part # SML-Z14EGT
Description  High brightness
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-Z14EGT Datasheet(HTML) 10 Page - Rohm

Back Button SML-Z14EGT Datasheet HTML 4Page - Rohm SML-Z14EGT Datasheet HTML 5Page - Rohm SML-Z14EGT Datasheet HTML 6Page - Rohm SML-Z14EGT Datasheet HTML 7Page - Rohm SML-Z14EGT Datasheet HTML 8Page - Rohm SML-Z14EGT Datasheet HTML 9Page - Rohm SML-Z14EGT Datasheet HTML 10Page - Rohm SML-Z14EGT Datasheet HTML 11Page - Rohm SML-Z14EGT Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
    
[Data Sheet]
b)
Handling after
soldering
Please handle after the part temp.
goes down to room temp.
Solvent
We recommend to use alcohols solvent such as, isopropyl alcohols
Temperature
Under 30℃ within 3 minutes
Heating on PCB pattern, not direct to the
LED. (Fig-1)
Sn-Cu,Sn-Ag-Cu,Sn-Ag-Bi-Cu
②HAND SOLDERING CONDITION
LED products do not contain reinforcement material such as a glass fillers.
RECOMMENDED CONDITION
Condition ) Temp. of iron top less than
325℃ within 3 sec.
So thermal stress by soldering greatly influence its reliability.
Please keep following points for manual soldering.
ITEM
a) Heating method
※Above conditions are for reference. Therefore, evaluate by customer’s own circuit boards and
reflow furnaces before using, because stress from circuit boards and temperature variations of reflow
4-7.Attention Points in Soldering Operation
This product was developed as a surface mount LED especially suitable for reflow soldering.
So reflow soldering is recommended. In case of implementing manual soldering,
please take care of following points.
①SOLDER USED
furnaces vary by customer’s own conditions.
tP
Time for peak temperature
Within 10sec.
ΔTR/Δt
Temperature rising rate
Under 3℃/sec.
ΔTD/Δt
Temperature decreasing rate
Over -3℃/sec.
TL
Reference temperature
230〜250℃
tL
Retention time for TL Within 40sec.
TP
Peak temperature
250℃(Max)
Tsmax
Maximum of pre-heating temperature
180℃
Tsmin
Minimum of pre-heating temperature
140℃
ts
Time from Tsmin to Tsmax
Over 60sec.
For reflow profile, please refer to the conditions below:(※)
■Meaning of marks, Conditions
Mark
Meanings
Conditions
[SML-Z14x(C) series]
4-8.Cleaning after Soldering
Please follow the conditions below if the cleaning is necessary after soldering.
Ultrasonic Cleaning
15W/Below 1 liter (capacity of tank)
Drying
Under 100℃ within 3 minutes
4-6.Reflow Profile
Fig-1
SOLDERING IRON
SOLDERING LAND
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
10/10
2017.7 - Rev.005


Similar Part No. - SML-Z14EGT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-Z14ET1P ROHM-SML-Z14ET1P Datasheet
1Mb / 5P
   High brightness
SML-Z14ETT86P ROHM-SML-Z14ETT86P Datasheet
1Mb / 5P
   High brightness
SML-Z14ETT87P ROHM-SML-Z14ETT87P Datasheet
1Mb / 5P
   High brightness
SML-Z14EW1P ROHM-SML-Z14EW1P Datasheet
1Mb / 5P
   High brightness
SML-Z14EWT86P ROHM-SML-Z14EWT86P Datasheet
1Mb / 5P
   High brightness
More results

Similar Description - SML-Z14EGT

ManufacturerPart #DatasheetDescription
logo
Rohm
SLI-343V8RC3F ROHM-SLI-343V8RC3F Datasheet
145Kb / 4P
   High brightness
logo
AVAGO TECHNOLOGIES LIMI...
HSMM-C110 AVAGO-HSMM-C110 Datasheet
206Kb / 9P
   High brightness
logo
Rohm
SML-Z1 ROHM-SML-Z1_11 Datasheet
1Mb / 5P
   High brightness
SML-Z1 ROHM-SML-Z1 Datasheet
1Mb / 5P
   High brightness
logo
Vishay Siliconix
TLVD42 VISHAY-TLVD42 Datasheet
142Kb / 5P
   High brightness
Rev. 1.4, 14-Oct-14
logo
Roithner LaserTechnik G...
RLCD-M63H-350 ROITHNER-RLCD-M63H-350 Datasheet
411Kb / 3P
   high brightness
RLCD-M66H-2W3W ROITHNER-RLCD-M66H-2W3W Datasheet
367Kb / 3P
   High brightness
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AM70 AVAGO-HLMP-AM70 Datasheet
273Kb / 10P
   High brightness material
logo
Rohm
SML-51 ROHM-SML-51 Datasheet
134Kb / 3P
   High Brightness Type
logo
STANLEY ELECTRIC CO.,LT...
EFR5365S STANLEY-EFR5365S Datasheet
271Kb / 1P
   HIGH BRIGHTNESS COLOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com