Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS82582D38GE-400 Datasheet(PDF) 7 Page - GSI Technology

Part # GS82582D38GE-400
Description  288Mb SigmaQuad-II 288Mb SigmaQuad-II
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS82582D38GE-400 Datasheet(HTML) 7 Page - GSI Technology

Back Button GS82582D38GE-400 Datasheet HTML 3Page - GSI Technology GS82582D38GE-400 Datasheet HTML 4Page - GSI Technology GS82582D38GE-400 Datasheet HTML 5Page - GSI Technology GS82582D38GE-400 Datasheet HTML 6Page - GSI Technology GS82582D38GE-400 Datasheet HTML 7Page - GSI Technology GS82582D38GE-400 Datasheet HTML 8Page - GSI Technology GS82582D38GE-400 Datasheet HTML 9Page - GSI Technology GS82582D38GE-400 Datasheet HTML 10Page - GSI Technology GS82582D38GE-400 Datasheet HTML 11Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Separate I/O SigmaQuad II+ B4 SRAM Truth Table
Previous
Operation
A
R
W
Current
Operation
D
D
D
D
Q
Q
Q
Q
K
(tn-1)
K
(tn)
K
(tn)
K
(tn)
K
(tn)
K
(tn+1)
K
(tn+1½)
K
(tn+2)
K
(tn+2½)
K
(tn+2½)
K
(tn+3)
K
(tn+3½)
K
(tn+4)
Deselect
X
1
1
Deselect
X
X
Hi-Z
Hi-Z
Write
X
1
X
Deselect
D2
D3
Hi-Z
Hi-Z
Read
X
X
1
Deselect
X
X
Q2
Q3
Deselect
V
1
0
Write
D0
D1
D2
D3
Hi-Z
Hi-Z
Deselect
V
0
X
Read
X
X
Q0
Q1
Q2
Q3
Read
V
X
0
Write
D0
D1
D2
D3
Q2
Q3
Write
V
0
X
Read
D2
D3
Q0
Q1
Q2
Q3
Notes:
1. “1” = input “high”; “0” = input “low”; “V” = input “valid”; “X” = input “don’t care”
2. “—” indicates that the input requirement or output state is determined by the next operation.
3. Q0, Q1, Q2, and Q3 indicate the first, second, third, and fourth pieces of output data transferred during Read operations.
4. D0, D1, D2, and D3 indicate the first, second, third, and fourth pieces of input data transferred during Write operations.
5. Users should not clock in metastable addresses.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.04 4/2016
7/27
© 2012, GSI Technology
GS82582D20/38GE-550/500/450/400


Similar Part No. - GS82582D38GE-400

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS82582D38GE-400I GSI-GS82582D38GE-400I Datasheet
453Kb / 27P
   288Mb SigmaQuad-II Burst of 4 SRAM
More results

Similar Description - GS82582D38GE-400

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS82582D38GE-400I GSI-GS82582D38GE-400I Datasheet
453Kb / 27P
   288Mb SigmaQuad-II Burst of 4 SRAM
GS82582DT38GE-450I GSI-GS82582DT38GE-450I Datasheet
453Kb / 27P
   288Mb SigmaQuad-IIBurst of 4 SRAM
GS82582D20GE-400I GSI-GS82582D20GE-400I Datasheet
453Kb / 27P
   288Mb SigmaQuad-II Burst of 4 SRAM
GS82582DT20GE-450 GSI-GS82582DT20GE-450 Datasheet
453Kb / 27P
   288Mb SigmaQuad-II Burst of 4 SRAM
GS82582DT20GE-450I GSI-GS82582DT20GE-450I Datasheet
453Kb / 27P
   288Mb SigmaQuad-II Burst of 4 SRAM
GS82582DT20GE-550I GSI-GS82582DT20GE-550I Datasheet
453Kb / 27P
   288Mb SigmaQuad-II Burst of 4 SRAM
GS82582D20GE-500I GSI-GS82582D20GE-500I Datasheet
453Kb / 27P
   288Mb SigmaQuad-II Burst of 4 SRAM
GS82582Q20GE-500I GSI-GS82582Q20GE-500I Datasheet
436Kb / 25P
   288Mb SigmaQuad-II Burst of 2 SRAM
GS82582Q20GE-450I GSI-GS82582Q20GE-450I Datasheet
436Kb / 25P
   288Mb SigmaQuad-II Burst of 2 SRAM
GS82582D20 GSI-GS82582D20 Datasheet
453Kb / 27P
   288Mb SigmaQuad-II Burst of 4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com