Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS82582D38GE-400 Datasheet(PDF) 8 Page - GSI Technology

Part # GS82582D38GE-400
Description  288Mb SigmaQuad-II 288Mb SigmaQuad-II
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS82582D38GE-400 Datasheet(HTML) 8 Page - GSI Technology

Back Button GS82582D38GE-400 Datasheet HTML 4Page - GSI Technology GS82582D38GE-400 Datasheet HTML 5Page - GSI Technology GS82582D38GE-400 Datasheet HTML 6Page - GSI Technology GS82582D38GE-400 Datasheet HTML 7Page - GSI Technology GS82582D38GE-400 Datasheet HTML 8Page - GSI Technology GS82582D38GE-400 Datasheet HTML 9Page - GSI Technology GS82582D38GE-400 Datasheet HTML 10Page - GSI Technology GS82582D38GE-400 Datasheet HTML 11Page - GSI Technology GS82582D38GE-400 Datasheet HTML 12Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Byte Write Clock Truth Table
BW
BW
BW
BW
Current Operation
D
D
D
D
K
(tn+1)
K
(tn+1½)
K
(tn+2)
K
(tn+2½)
K
(tn)
K
(tn+1)
K
(tn+1½)
K
(tn+2)
K
(tn+2½)
T
T
T
T
Write
Dx stored if BWn = 0 in all four data transfers
D0
D2
D3
D4
T
F
F
F
Write
Dx stored if BWn = 0 in 1st data transfer only
D0
X
X
X
F
T
F
F
Write
Dx stored if BWn = 0 in 2nd data transfer only
X
D1
X
X
F
F
T
F
Write
Dx stored if BWn = 0 in 3rd data transfer only
X
X
D2
X
F
F
F
T
Write
Dx stored if BWn = 0 in 4th data transfer only
X
X
X
D3
F
F
F
F
Write Abort
No Dx stored in any of the four data transfers
X
X
X
X
Notes:
1. “1” = input “high”; “0” = input “low”; “X” = input “don’t care”; “T” = input “true”; “F” = input “false”.
2. If one or more BWn = 0, then BW = “T”, else BW = “F”.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.04 4/2016
8/27
© 2012, GSI Technology
GS82582D20/38GE-550/500/450/400


Similar Part No. - GS82582D38GE-400

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS82582D38GE-400I GSI-GS82582D38GE-400I Datasheet
453Kb / 27P
   288Mb SigmaQuad-II Burst of 4 SRAM
More results

Similar Description - GS82582D38GE-400

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS82582D38GE-400I GSI-GS82582D38GE-400I Datasheet
453Kb / 27P
   288Mb SigmaQuad-II Burst of 4 SRAM
GS82582DT38GE-450I GSI-GS82582DT38GE-450I Datasheet
453Kb / 27P
   288Mb SigmaQuad-IIBurst of 4 SRAM
GS82582D20GE-400I GSI-GS82582D20GE-400I Datasheet
453Kb / 27P
   288Mb SigmaQuad-II Burst of 4 SRAM
GS82582DT20GE-450 GSI-GS82582DT20GE-450 Datasheet
453Kb / 27P
   288Mb SigmaQuad-II Burst of 4 SRAM
GS82582DT20GE-450I GSI-GS82582DT20GE-450I Datasheet
453Kb / 27P
   288Mb SigmaQuad-II Burst of 4 SRAM
GS82582DT20GE-550I GSI-GS82582DT20GE-550I Datasheet
453Kb / 27P
   288Mb SigmaQuad-II Burst of 4 SRAM
GS82582D20GE-500I GSI-GS82582D20GE-500I Datasheet
453Kb / 27P
   288Mb SigmaQuad-II Burst of 4 SRAM
GS82582Q20GE-500I GSI-GS82582Q20GE-500I Datasheet
436Kb / 25P
   288Mb SigmaQuad-II Burst of 2 SRAM
GS82582Q20GE-450I GSI-GS82582Q20GE-450I Datasheet
436Kb / 25P
   288Mb SigmaQuad-II Burst of 2 SRAM
GS82582D20 GSI-GS82582D20 Datasheet
453Kb / 27P
   288Mb SigmaQuad-II Burst of 4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com