Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-2186MKST-300 Datasheet(PDF) 6 Page - Analog Devices

Part # ADSP-2186MKST-300
Description  DSP Microcomputer
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2186MKST-300 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADSP-2186MKST-300 Datasheet HTML 2Page - Analog Devices ADSP-2186MKST-300 Datasheet HTML 3Page - Analog Devices ADSP-2186MKST-300 Datasheet HTML 4Page - Analog Devices ADSP-2186MKST-300 Datasheet HTML 5Page - Analog Devices ADSP-2186MKST-300 Datasheet HTML 6Page - Analog Devices ADSP-2186MKST-300 Datasheet HTML 7Page - Analog Devices ADSP-2186MKST-300 Datasheet HTML 8Page - Analog Devices ADSP-2186MKST-300 Datasheet HTML 9Page - Analog Devices ADSP-2186MKST-300 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
REV. 0
–6–
ADSP-2186M
Common-Mode Pins
Pin Name
# of Pins
I/O
Function
RESET
1
I
Processor Reset Input
BR
1
I
Bus Request Input
BG
1
O
Bus Grant Output
BGH
1
O
Bus Grant Hung Output
DMS
1
O
Data Memory Select Output
PMS
1
O
Program Memory Select Output
IOMS
1
O
Memory Select Output
BMS
1
O
Byte Memory Select Output
CMS
1
O
Combined Memory Select Output
RD
1
O
Memory Read Enable Output
WR
1
O
Memory Write Enable Output
IRQ2
1
I
Edge- or Level-Sensitive Interrupt Request
1
PF7
I/O
Programmable I/O Pin
IRQL1
1
I
Level-Sensitive Interrupt Requests1
PF6
I/O
Programmable I/O Pin
IRQL0
1
I
Level-Sensitive Interrupt Requests1
PF5
I/O
Programmable I/O Pin
IRQE
1
I
Edge-Sensitive Interrupt Requests
1
PF4
I/O
Programmable I/O Pin
Mode D
1
I
Mode Select Input—Checked Only During
RESET
PF3
I/O
Programmable I/O Pin During Normal Operation
Mode C
1
I
Mode Select Input—Checked Only During
RESET
PF2
I/O
Programmable I/O Pin During Normal Operation
Mode B
1
I
Mode Select Input—Checked Only During
RESET
PF1
I/O
Programmable I/O Pin During Normal Operation
Mode A
1
I
Mode Select Input—Checked Only During
RESET
PF0
I/O
Programmable I/O Pin During Normal Operation
CLKIN, XTAL
2
I
Clock or Quartz Crystal Input
CLKOUT
1
O
Processor Clock Output
SPORT0
5
I/O
Serial Port I/O Pins
SPORT1
5
I/O
Serial Port I/O Pins
IRQ1:0, FI, FO
Edge- or Level-Sensitive Interrupts, FI, FO2
PWD
1
I
Power-Down Control Input
PWDACK
1
O
Power-Down Control Output
FL0, FL1, FL2
3
O
Output Flags
VDDINT
2
I
Internal VDD (2.5 V) Power (LQFP)
VDDEXT
4
I
External VDD (2.5 V or 3.3 V) Power (LQFP)
GND
10
I
Ground (LQFP)
VDDINT
4
I
Internal VDD (2.5 V) Power (Mini-BGA)
VDDEXT
7
I
External VDD (2.5 V or 3.3 V) Power (Mini-BGA)
GND
20
I
Ground (Mini-BGA)
EZ-Port
9
I/O
For Emulation Use
NOTES
1Interrupt/Flag pins retain both functions concurrently. If IMASK is set to enable the corresponding interrupts, then the DSP will vector to the appropriate interrupt
vector address when the pin is asserted, either by external devices, or set as a programmable flag.
2SPORT configuration determined by the DSP System Control Register. Software configurable.


Similar Part No. - ADSP-2186MKST-300

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2186MKST-300 AD-ADSP-2186MKST-300 Datasheet
257Kb / 40P
   DSP Microcomputer
REV. 0
More results

Similar Description - ADSP-2186MKST-300

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com