Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BNC-P-3-CF Datasheet(PDF) 1 Page - DDK Ltd.

Part # BNC-P-3-CF
Description  BNC Style Connector
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

BNC-P-3-CF Datasheet(HTML) 1 Page - DDK Ltd.

  BNC-P-3-CF Datasheet HTML 1Page - DDK Ltd. BNC-P-3-CF Datasheet HTML 2Page - DDK Ltd. BNC-P-3-CF Datasheet HTML 3Page - DDK Ltd. BNC-P-3-CF Datasheet HTML 4Page - DDK Ltd. BNC-P-3-CF Datasheet HTML 5Page - DDK Ltd. BNC-P-3-CF Datasheet HTML 6Page - DDK Ltd. BNC-P-3-CF Datasheet HTML 7Page - DDK Ltd. BNC-P-3-CF Datasheet HTML 8Page - DDK Ltd. BNC-P-3-CF Datasheet HTML 9Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
http://www.ddknet.co.jp
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
BNC Series
BNC Style Connector
150116
JIS-C-5412, MIL-PRF-39012, DSP-C-6202
Frequency
Range
DC to 2GHz
50 Ω
Lock Type
Bayonet
Characteristic
Impedance
CONFORMING STANDARD
RoHS
Compliant
RoHS
Compliant
Item
Material / Finish
Shell (Body)
Copper Alloy / Ni or Ag Plating
Contact (Male)
Copper Alloy / Ag or Au Plating
Contact (Female) Copper Alloy / Ag or Au Plating
Insulator
PTFE
Gasket
Silicon Rubber
Characteristic Impedance
50 Ω
Rated Voltage
500VAC(r.m.s.)
Dielectric Withstanding Voltage 1500V AC(r.m.s.) for 1 minute
Insulation Resistance
1000M Ω Mim. at 500V DC
Contact Resistance
3m Ω Max.
V.S.W.R.
1.3 max. at DC to 2GHz
Operating Temperature
-55 〜 +85℃
SPECIFICATIONS
* The specifications are typical but may not apply to all connectors.
And if the cable is not 50 Ω , the specification will be changed.
Please check the specifications on each item with its drawing from us when you use.
・BNC style 50 ohm RF connector
・50 ohm impedance design
・Quick mate/demate with reliable bayonet coupling
・High reliability interconnect for numerous connect and disconnect cycles.
・BNC 50 ohm connector is intermateable with BNC75 (75 ohm) style connector.
・BNC is capable of mating with 75 ohm cable for frequencies less than 200MHz.
・Frequencies higher than 200MHz should use DDK’s BNC75 series connector.
MATERIAL/FINISH
FEATURE
OUTLINE
DDK’s 50 ohm BNC bayonet RF connector are
available in several configurations to support
a variety of design alternatives. These BNC
connectors are available in straight, right angle and
panel mount configurations.


Similar Part No. - BNC-P-3-CF

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
BNC-P-3-CF DDK-BNC-P-3-CF Datasheet
2Mb / 15P
   BNC style connector is one of the most popular 50 廓 coaxial connector.
More results

Similar Description - BNC-P-3-CF

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
BNC75-P-1.5CQEW-CF DDK-BNC75-P-1.5CQEW-CF Datasheet
265Kb / 9P
   75 廓 BNC Style Connector
31-10-CF DDK-31-10-CF Datasheet
730Kb / 2P
   BNC (Isolated) Style Connector (Panel Mounting Type)
31 DDK-31 Datasheet
399Kb / 2P
   BNC (Isolated) Style Connector (Panel Mounting Type)
logo
Pomona Electronics
6746A POMONA-6746A Datasheet
234Kb / 2P
   BNC (M) Compression Style, 75 廓
logo
3M Electronics
5344 3M-5344 Datasheet
34Kb / 2P
   Model 5344 & Assembly Instructions BNC (Female) Crimp Style Coaxial Connector
logo
DDK Ltd.
BNC DDK-BNC_12 Datasheet
2Mb / 15P
   BNC style connector is one of the most popular 50 廓 coaxial connector.
logo
Pomona Electronics
5219 POMONA-5219 Datasheet
71Kb / 1P
   Triaxial, 3 Lug Bayonet BNC Style, (F) Bulkhead Mount
logo
Adam Technologies, Inc.
RF1-500-7-BL ADAM-TECH-RF1-500-7-BL Datasheet
80Kb / 1P
   BNC CONNECTOR
RF1-89-T-00-75 ADAM-TECH-RF1-89-T-00-75 Datasheet
133Kb / 1P
   BNC CONNECTOR
RF1-91-D-04-75 ADAM-TECH-RF1-91-D-04-75 Datasheet
66Kb / 1P
   BNC CONNECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com