Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2849ACP-RL7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADN2849ACP-RL7
Description  10.7 Gbps Electro-Absorption Modulator Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2849ACP-RL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADN2849ACP-RL7 Datasheet HTML 2Page - Analog Devices ADN2849ACP-RL7 Datasheet HTML 3Page - Analog Devices ADN2849ACP-RL7 Datasheet HTML 4Page - Analog Devices ADN2849ACP-RL7 Datasheet HTML 5Page - Analog Devices ADN2849ACP-RL7 Datasheet HTML 6Page - Analog Devices ADN2849ACP-RL7 Datasheet HTML 7Page - Analog Devices ADN2849ACP-RL7 Datasheet HTML 8Page - Analog Devices ADN2849ACP-RL7 Datasheet HTML 9Page - Analog Devices ADN2849ACP-RL7 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
ADN2849
Rev. Pr. G | Page 10 of 17
The capacitors used AC-coupling and the decoupling of the
VBB pin must have an impedance less than 50Ω over the
required operating frequency range. Generally this is achieved
using values from 10nF to 100nF.
The retiming feature of the ADN2849 allows the user to remove
the data dependent jitter present on the DATAP and DATAN
pins by applying the data and clock signals to the ADN2849’s
internal latch. The retiming feature can be enabled or disabled
depending on the logic level applied to the CLK_SELB pin as
described in table 7. Note that any jitter present on the CLKP
and CLKN pins is added to the output.
Table 7.
CLK_SELB logic level
Retiming function
High
Disabled
Low
Enabled
If the retiming feature is disabled the CLKP and CLKN inputs
can be left floating.
The CLK_SELB is a 5V TTL and CMOS compatible digital
input. Its equivalent circuit is shown in figure 20.
CLK_SELB
180K
60K
40K
VEE
VEE
GND
GND
Figure 20. Equivalent circuit of the CLK_SELB pin
CROSS POINT ADJUST
The cross point adjust function allows the user to move the eye
crossing level in the modulation voltage to compensate for
asymmetry in the EA modulator electrical-to- optical transfer
function. Figure 21 shows an example on how the cross point
adjust can compensate the asymmetry of the EA modulator
transfer function. The 50% cross point in the optical eye can be
obtained in this case by moving the cross point of the signal
applied to the EA modulator away from the 50% point.
Optical
Output
Electrical
Input
Figure 21. Cross point adjust compensation
The cross point is controlled by the differential voltage applied
to the CPAP and CPAN pins. The equivalent circuit of the
CPAP and CPAN pins is shown in figure 22.
100
100
100
µA
100
µA
CPAP
CPAN
VEE
VEE
VEE
VEE
VEE
VEE
GND
GND
Figure 22. Equivalent circuit of the CPAP and CPAN pins
Preliminary Technical Data


Similar Part No. - ADN2849ACP-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2849 AD-ADN2849 Datasheet
1Mb / 17P
   10.7 Gbps Electro-Absorption Modulator Driver
Rev. Pr. G August 2004
ADN2849 AD-ADN2849_15 Datasheet
1Mb / 17P
   10.7 Gbps Electro-Absorption Modulator Driver
Rev. Pr. G August 2004
More results

Similar Description - ADN2849ACP-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2849 AD-ADN2849_15 Datasheet
1Mb / 17P
   10.7 Gbps Electro-Absorption Modulator Driver
Rev. Pr. G August 2004
logo
Texas Instruments
ONET1141L TI1-ONET1141L Datasheet
1,021Kb / 30P
[Old version datasheet]   11.3 Gbps Modulator Driver
logo
OKI electronic componet...
KGL4115HW-R OKI-KGL4115HW-R Datasheet
139Kb / 7P
   11.1 Gbps Modulator Driver IC
logo
Vitesse Semiconductor C...
VSC7992 VITESSE-VSC7992 Datasheet
459Kb / 2P
   10.7 Gb/s RZ or NRZ Laser Modulator Driver
logo
OKI electronic componet...
KGL4115F OKI-KGL4115F Datasheet
64Kb / 5P
   10 Gbps EA Modulator Driver IC
logo
Texas Instruments
ONET1130EP TI1-ONET1130EP Datasheet
2Mb / 55P
[Old version datasheet]   11.7 Gbps Transceiver with Modulator Driver
logo
Qorvo, Inc
TGA4826-SM QORVO-TGA4826-SM Datasheet
389Kb / 1P
   10 Vpp 15 Gbps Optical Modulator Driver
logo
TriQuint Semiconductor
TGA4826-SM TRIQUINT-TGA4826-SM Datasheet
389Kb / 1P
   10 Vpp 15 Gbps Optical Modulator Driver
logo
Analog Devices
ADN2525 AD-ADN2525 Datasheet
531Kb / 16P
   10.7 Gbps Active Back-Termination, Differential Laser Diode Driver
REV. 0
logo
Texas Instruments
ONET9901TA TI-ONET9901TA Datasheet
417Kb / 13P
[Old version datasheet]   10.7-GBPS TRANSIMPEDANCE AMPLIFIER WITH RSSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com