Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25600CYFFT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25600CYFFT
Description  I2C Controlled 3.0-A Single Cell Battery Charger for Parallel Charging Applications
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25600CYFFT Datasheet(HTML) 1 Page - Texas Instruments

  BQ25600CYFFT Datasheet HTML 1Page - Texas Instruments BQ25600CYFFT Datasheet HTML 2Page - Texas Instruments BQ25600CYFFT Datasheet HTML 3Page - Texas Instruments BQ25600CYFFT Datasheet HTML 4Page - Texas Instruments BQ25600CYFFT Datasheet HTML 5Page - Texas Instruments BQ25600CYFFT Datasheet HTML 6Page - Texas Instruments BQ25600CYFFT Datasheet HTML 7Page - Texas Instruments BQ25600CYFFT Datasheet HTML 8Page - Texas Instruments BQ25600CYFFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
USB
Host
VBUS
SW
BTST
SYS
BAT
+
VBUS
BAT
bq25600C
Parallel Charger
SYS
BAT
SYS
SYS
PMID
Main Charger
VBUS
I2C
I2C
I2C
I2C Bus
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
bq25600C
SLUSD36 – SEPTEMBER 2017
bq25600C I2C Controlled 3.0-A Single Cell Battery Charger
for Parallel Charging Applications
1
1 Features
1
Operation as Parallel Charger to Provide Fast
Charging in Dual Charger Operation
High-Efficiency, 1.5-MHz, Synchronous Switch-
Mode Buck Charger
92% Charge Efficiency at 2 A from 5-V Input
Optimized for USB Voltage Input (5 V)
Low Power Pulse Frequency Modulation
(PFM) Mode for Light Load Operations
Single Input to Support USB Input and High
Voltage Adapters
Support 3.9-V to 13.5-V Input Voltage Range
With 22-V Absolute Maximum Input Voltage
Rating
Programmable Input Current Limit (100 mA to
3.2 A With 100-mA Resolution) to Support
USB 2.0, USB 3.0 Standards and High Voltage
Adaptors (IINDPM)
Maximum Power Tracking by Input Voltage
Limit Up to 5.4 V (VINDPM)
VINDPM Threshold Automatically Tracks
Battery Voltage
High Charge Efficiency With 19.5-mΩ Charging
Current Sensing MOSFET
Narrow VDC (NVDC) Power Path Management
Instant-On Works with No Battery or Deeply
Discharged Battery
Ideal Diode Operation in Battery Supplement
Mode
Flexible Autonomous and I2C Mode for Optimal
System Performance
High Integration Includes All MOSFETs, Current
Sensing and Loop Compensation
17-µA Low Battery Leakage Current
High Accuracy
±0.5% Charge Voltage Regulation
±5% at 1.5-A Charge Current Regulation
±6% at 1.38-A Charge Current Regulation
±10% at 0.9-A Input Current Regulation
Remote Battery Sensing for Fast Charge
2 Applications
Smart Phones
Tablet
3 Description
The bq25600C devices are highly-integrated 3.0-A
switch-mode battery charge management and system
power path management device for single cell Li-Ion
and Li-polymer battery. The low impedance power
path optimizes switch-mode operation efficiency and
reduces
battery
charging
time.
The
I2C
serial
interface with charging and system settings makes
the device a truly flexible solution.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
bq25600C
DSBGA (30)
2.2 mm × 2.59 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - BQ25600CYFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25600 TI1-BQ25600 Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled 3.0-A, Single Cell Battery Charger With up-to 40-V Overvoltage Protection Controller for High-Input Voltage and Narrow Voltage DC (NVDC) Power Path Management
BQ25600D TI1-BQ25600D Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled 3.0-A, Single Cell Battery Charger With up-to 40-V Overvoltage Protection Controller for High-Input Voltage and Narrow Voltage DC (NVDC) Power Path Management
BQ25600DYFFR TI1-BQ25600DYFFR Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled 3.0-A, Single Cell Battery Charger With up-to 40-V Overvoltage Protection Controller for High-Input Voltage and Narrow Voltage DC (NVDC) Power Path Management
BQ25600DYFFT TI1-BQ25600DYFFT Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled 3.0-A, Single Cell Battery Charger With up-to 40-V Overvoltage Protection Controller for High-Input Voltage and Narrow Voltage DC (NVDC) Power Path Management
BQ25600YFFR TI1-BQ25600YFFR Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled 3.0-A, Single Cell Battery Charger With up-to 40-V Overvoltage Protection Controller for High-Input Voltage and Narrow Voltage DC (NVDC) Power Path Management
More results

Similar Description - BQ25600CYFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25910 TI1-BQ25910_18 Datasheet
1Mb / 59P
[Old version datasheet]   I2C Controlled 6-A Three-Level Switch Mode, Single-Cell Parallel Battery Charger for Fast Charging
BQ25910 TI1-BQ25910 Datasheet
194Kb / 8P
[Old version datasheet]   I2C Controlled 6-A Three-Level Switch Mode, Single-Cell Parallel Battery Charger for High Input Voltage
BQ25890H TI1-BQ25890H Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled Single Cell 5-A Fast Charger
BQ25898 TI1-BQ25898 Datasheet
369Kb / 11P
[Old version datasheet]   I2C Controlled Single Cell 4-A Fast Charger
logo
Richtek Technology Corp...
RT9527 RICHTEK-RT9527 Datasheet
210Kb / 14P
   Single Cell Li-Ion Battery Charger with Adjustable Charging Current for Portable Applications
logo
Texas Instruments
BQ25882 TI1-BQ25882 Datasheet
203Kb / 8P
[Old version datasheet]   I2C Controlled, 2-Cell, 2-A Boost-Mode Battery Charger for USB Input
BQ25882 TI1-BQ25882_18 Datasheet
204Kb / 9P
[Old version datasheet]   I2C Controlled, 2-Cell, 2-A Boost-Mode Battery Charger for USB Input
BQ24295 TI1-BQ24295 Datasheet
1Mb / 45P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
logo
Anpec Electronics Corop...
APW7264 ANPEC-APW7264 Datasheet
512Kb / 38P
   I2C Controlled 3A Single Cell USB Charger
logo
Texas Instruments
BQ24296 TI1-BQ24296 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com