Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ7790509PWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ7790509PWR
Description  3-5S Ultra Low-Power Voltage, Current, Temperature, and Open Wire Stackable Lithium-ion Battery Protector
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ7790509PWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ7790509PWR Datasheet HTML 3Page - Texas Instruments BQ7790509PWR Datasheet HTML 4Page - Texas Instruments BQ7790509PWR Datasheet HTML 5Page - Texas Instruments BQ7790509PWR Datasheet HTML 6Page - Texas Instruments BQ7790509PWR Datasheet HTML 7Page - Texas Instruments BQ7790509PWR Datasheet HTML 8Page - Texas Instruments BQ7790509PWR Datasheet HTML 9Page - Texas Instruments BQ7790509PWR Datasheet HTML 10Page - Texas Instruments BQ7790509PWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
7
bq77904, bq77905
www.ti.com
SLUSCM3G – JUNE 2016 – REVISED SEPTEMBER 2017
Product Folder Links: bq77904 bq77905
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
bq77904
bq77905
UNITS
PW (TSSOP)
20 PINS
RθJA
Junction-to-ambient thermal resistance
98.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
37
°C/W
RθJB
Junction-to-board thermal resistance
49.3
°C/W
ψJT
Junction-to-top characterization parameter
2.9
°C/W
ψJB
Junction-to-board characterization parameter
48.7
°C/W
(1)
Based on a 10 KΩ pull-up and 103AT thermistor.
7.5 Electrical Characteristics
Typical values stated at TA = 25ºC and VDD = 16 V (bq77904) or 20 V (bq77905). MIN and MAX values stated with TA =
–40ºC to +85ºC and VDD = 3 to 20 V (bq77904) or VDD = 3 to 25 V (bq77905) unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE
V(POR)
POR threshold
VDD rising, 0 to 6 V
4
V
V(SHUT)
Shutdown threshold
VDD falling, 6 to 0 V
2
3.25
V
V(AVDD)
AVDD voltage
C(VDD) = 1 µF
2.1
2.5
3.25
V
SUPPLY AND LEAKAGE CURRENT
ICC
Normal mode current
(bq77904/bq77905)
Cell1 through Cell5 = 4 V,
VDD = 20 V (bq77905)
6
9
µA
I(CFAULT)
Fault condition current
State comparator on
8
12
µA
IOFF
Shutdown mode current
VDD < VSHUT
0.5
µA
ILKG(OW_DIS)
Input leakage current at VCx pins
All cell voltages = 4 V,
Open Wire disable configuration
–100
0
100
nA
ILKG(100nA)
Open-wire sink current at VCx
pins
All cell voltages = 4 V,
100 nA configuration
30
110
175
nA
ILKG(200nA)
Open-wire sink current at VCx
pins
All cell voltages = 4 V,
200 nA configuration
95
210
315
nA
ILKG(400nA)
Open-wire sink current at VCx
pins
All cell voltages = 4 V,
400 nA configuration
220
425
640
nA
PROTECTION ACCURACIES
VOV
Overvoltage programmable
threshold range
3000
4575
mV
VUV
Undervoltage programmable
threshold range
1200
3000
mV
V(VA)
OV, UV, detection accuracy
TA = 25ºC, OV detection accuracy
–10
10
mV
TA = 25ºC, UV detection accuracy
–18
18
mV
TA = 0 to 60ºC
–28
26
mV
TA = –40 to 85ºC
–40
40
mV
VHYS(OV)
OV hysteresis programmable
threshold range
0
400
mV
VHYS(UV)
UV hysteresis programmable
threshold range
200
800
mV
VOTD
Overtemperature in discharge
programmable threshold
Threshold for 65°C(1)
19.71
20.56
21.86
%VTB
Threshold for 70°C (1)
17.36
18.22
19.51
%VTB
VOTD(REC)
Overtemperature in discharge
recovery
Recovery threshold at 55°C for
when VOTD is at 65°C
(1)
25.24
26.12
27.44
%VTB
Recovery threshold at 60°C for
when VOTD is at 70°C
(1)
22.12
23.2
24.24
%VTB


Similar Part No. - BQ7790509PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ7790509PWR TI1-BQ7790509PWR Datasheet
1Mb / 45P
[Old version datasheet]   3-5S Ultra Low-Power Voltage, Current, Temperature, and Open Wire Stackable Lithium-ion Battery Protector
BQ7790509PWR TI1-BQ7790509PWR Datasheet
1Mb / 47P
[Old version datasheet]   bq77904, bq77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ7790509PWR TI1-BQ7790509PWR Datasheet
1Mb / 47P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ7790509PWR TI1-BQ7790509PWR Datasheet
1Mb / 47P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ7790509PWR TI-BQ7790509PWR Datasheet
2Mb / 46P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
More results

Similar Description - BQ7790509PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ77904 TI1-BQ77904_17 Datasheet
1Mb / 45P
[Old version datasheet]   3-5S Ultra Low-Power Voltage, Current, Temperature, and Open Wire Stackable Lithium-ion Battery Protector
BQ77904 TI1-BQ77904 Datasheet
1Mb / 45P
[Old version datasheet]   Open Wire Stackable Lithium-ion Battery Protector
BQ77904 TI1-BQ77904_V01 Datasheet
1Mb / 47P
[Old version datasheet]   bq77904, bq77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ77904 TI-BQ77904_V04 Datasheet
2Mb / 46P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ77904 TI1-BQ77904_V03 Datasheet
1Mb / 47P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ77904 TI1-BQ77904_V02 Datasheet
1Mb / 47P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
UCC3911 TI-UCC3911 Datasheet
257Kb / 12P
[Old version datasheet]   Lithium-Ion Battery Protector
logo
Maxim Integrated Produc...
MAX1665S MAXIM-MAX1665S Datasheet
164Kb / 12P
   Lithium-Ion Battery Pack Protector
19-1605; Rev 0; 1/00
MAX1666S MAXIM-MAX1666S Datasheet
294Kb / 16P
   Advanced Lithium-Ion Battery-Pack Protector
19-1465; Rev 1; 7/99
MAX1666A MAXIM-MAX1666A Datasheet
832Kb / 17P
   Advanced Lithium-Ion Battery-Pack Protector
Rev 2; 12/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com