Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8182D37BGD-375 Datasheet(PDF) 10 Page - GSI Technology

Part # GS8182D37BGD-375
Description  18Mb SigmaQuad-II Burst of 4 SRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8182D37BGD-375 Datasheet(HTML) 10 Page - GSI Technology

Back Button GS8182D37BGD-375 Datasheet HTML 6Page - GSI Technology GS8182D37BGD-375 Datasheet HTML 7Page - GSI Technology GS8182D37BGD-375 Datasheet HTML 8Page - GSI Technology GS8182D37BGD-375 Datasheet HTML 9Page - GSI Technology GS8182D37BGD-375 Datasheet HTML 10Page - GSI Technology GS8182D37BGD-375 Datasheet HTML 11Page - GSI Technology GS8182D37BGD-375 Datasheet HTML 12Page - GSI Technology GS8182D37BGD-375 Datasheet HTML 13Page - GSI Technology GS8182D37BGD-375 Datasheet HTML 14Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Absolute Maximum Ratings
(All voltages reference to VSS)
Symbol
Description
Value
Unit
VDD
Voltage on VDD Pins
–0.5 to 2.9
V
VDDQ
Voltage in VDDQ Pins
–0.5 to VDD
V
VREF
Voltage in VREF Pins
–0.5 to VDDQ
V
VI/O
Voltage on I/O Pins
–0.5 to VDDQ +0.5 (≤ 2.9 V max.)
V
VIN
Voltage on Other Input Pins
–0.5 to VDDQ +0.5 (≤ 2.9 V max.)
V
IIN
Input Current on Any Pin
+/–100
mA dc
IOUT
Output Current on Any I/O Pin
+/–100
mA dc
TJ
Maximum Junction Temperature
125
oC
TSTG
Storage Temperature
–55 to 125
oC
Note:
Permanent damage to the device may occur if the Absolute Maximum Ratings are exceeded. Operation should be restricted to Recommended
Operating Conditions. Exposure to conditions exceeding the Recommended Operating Conditions, for an extended period of time, may affect
reliability of this component.
GS8182D19/37BD-435/400/375/333/300
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.03a 11/2011
10/27
© 2008, GSI Technology
Recommended Operating Conditions
Power Supplies
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply Voltage
VDD
1.7
1.8
1.9
V
I/O Supply Voltage
VDDQ
1.4
1.9
V
Reference Voltage
VREF
0.68
0.95
V
Notes:
1. The power supplies need to be powered up simultaneously or in the following sequence: VDD, VDDQ, VREF, followed by signal inputs. The
power down sequence must be the reverse. VDDQ must not exceed VDD.
2. Most speed grades and configurations of this device are offered in both Commercial and Industrial Temperature ranges. The part number of
Industrial Temperature Range versions end the character “I”. Unless otherwise noted, all performance specifications quoted are evaluated
for worst case in the temperature range marked on the device.
Operating Temperature
Parameter
Symbol
Min.
Typ.
Max.
Unit
Ambient Temperature
(Commercial Range Versions)
TA
0
25
70
°C
Ambient Temperature
(Industrial Range Versions)
TA
–40
25
85
°C


Similar Part No. - GS8182D37BGD-375

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8182D37BGD-375I GSI-GS8182D37BGD-375I Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
More results

Similar Description - GS8182D37BGD-375

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8182D19BD-375I GSI-GS8182D19BD-375I Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D19BD-435I GSI-GS8182D19BD-435I Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D37BD-435 GSI-GS8182D37BD-435 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D19BGD-333 GSI-GS8182D19BGD-333 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D18D GSI-GS8182D18D Datasheet
772Kb / 27P
   18Mb Burst of 4 SigmaQuad-II SRAM
GS8182D37BD-400 GSI-GS8182D37BD-400 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D37BD-375 GSI-GS8182D37BD-375 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D37BGD-375I GSI-GS8182D37BGD-375I Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D19BD-400 GSI-GS8182D19BD-400 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D19BGD-375I GSI-GS8182D19BGD-375I Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com