Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQW254A Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # AQW254A
Description  PhotoMOS RELAYS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

AQW254A Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  AQW254A Datasheet HTML 1Page - Nais(Matsushita Electric Works) AQW254A Datasheet HTML 2Page - Nais(Matsushita Electric Works) AQW254A Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
165
1
2
3
4
8
7
6
5
HE (High-function Economy)
Type
[2-Channel (Form A) Type]
mm inch
9.78
.385
6.4
.252
3.9
±0.2
.154
±.008
9.78
.385
6.4
.252
3.6
±0.2
.142
±.008
FEATURES
1. Compact 8-pin DIP size
The device comes in a compact (W)
6.4
×(L) 9.78×(H) 3.9 mm (W) .252×(L)
.385
×(H) .154 inch , 8-pin DIP size
(through hole terminal type).
2. Applicable for 2 Form A use as well
as two independent 1 Form A use
3. Controls low-level analog signals
PhotoMOS relays feature extremely low
closed-circuit offset voltage to enable
control of low-level analog signals without
distortion.
4. High sensitivity, low ON resistance
Can control a maximum 0.16 A (AQW254)
load current with a 5 mA input current.
Low ON resistance of 16
Ω (AQW254).
Stable operation because there are no
metallic contact parts.
5. Low-level off state leakage current
The SSR has an off state leakage current
of several miliamperes, whereas the Pho-
toMOS relay has only 100 pA even with
the rated load voltage of 400 V
(AQW254).
6. Low thermal electromotive force
(Approx. 1
µV)
TYPICAL APPLICATIONS
• High-speed inspection machines
• Data communication equipment
• Telephone equipment
TYPES
*Indicate the peak AC and DC values.
Note: For space reasons, the package type indicator "X" and "Z" are omitted from the seal.
Type
Output rating*
Part No.
Packing quantity
Through hole
terminal
Surface-mount terminal
Load
voltage
Load
current
Tube packing style
Tape and reel packing style
Tube
Tape and reel
Picked from the
1/2/3/4-pin side
Picked from the
5/6/7/8-pin side
AC/DC
400 V
120 mA
AQW254
AQW254A
AQW254AX
AQW254AZ
1 tube contains
40 pcs.
1 batch contains
400 pcs.
1,000 pcs
RATING
1. Absolute maximum ratings (Ambient temperature: 25
°C 77°F)
Item
Symbol
AQW254(A)
Remarks
Input
LED forward current
IF
50 mA
LED reverse voltage
VR
3 V
Peak forward current
IFP
1 A
f = 100 Hz, Duty factor = 0.1%
Power dissipation
Pin
75 mW
Output
Load voltage (peak AC)
VL
400 V
Continuous load current
IL
0.12 A (0.16 A)
A connection: Peak AC, DC
( ): in case of using only 1 channel
Peak load current
Ipeak
0.36 A
A connection: 100 ms (1 shot), VL = DC
Power dissipation
Pout
800 mW
Total power dissipation
PT
850 mW
I/O isolation voltage
Viso
1,500 V AC
Between input and output/between
contact sets
Temperature limits
Operating
Topr
–40
°C to +85°C –40°F to +185°F
Non-condensing at low temperatures
Storage
Tstg
–40
°C to +100°C –40°F to +212°F
PhotoMOS
RELAYS


Similar Part No. - AQW254A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQW25 PANASONIC-AQW25 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
logo
List of Unclassifed Man...
AQW25 ETC2-AQW25 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
AQW25 ETC2-AQW25 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
AQW25 ETC2-AQW25 Datasheet
171Kb / 3P
   PhotoMOS Relay Dimensions
AQW25 ETC-AQW25 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
More results

Similar Description - AQW254A

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQY221N3V NAIS-AQY221N3V Datasheet
153Kb / 6P
   PhotoMOS RELAYS
AQX21444 NAIS-AQX21444 Datasheet
53Kb / 3P
   PhotoMOS RELAYS
AQY221N2S NAIS-AQY221N2S Datasheet
35Kb / 4P
   PHOTOMOS RELAYS
AQS210 NAIS-AQS210 Datasheet
58Kb / 4P
   PhotoMOS RELAYS
AQV112KL NAIS-AQV112KL Datasheet
137Kb / 6P
   PhotoMOS RELAYS
AQY212GS NAIS-AQY212GS Datasheet
143Kb / 6P
   PhotoMOS RELAYS
AQW610S NAIS-AQW610S Datasheet
121Kb / 3P
   PhotoMOS RELAYS
AQW272 NAIS-AQW272 Datasheet
64Kb / 4P
   PhotoMOS RELAYS
AQW610EHA NAIS-AQW610EHA Datasheet
48Kb / 3P
   PhotoMOS RELAYS
AQY210KS NAIS-AQY210KS Datasheet
40Kb / 4P
   PhotoMOS RELAYS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com