Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABX0618M Datasheet(PDF) 11 Page - Advanced Semiconductor Business Inc.

Part # ABX0618M
Description  Wide Band Power Amplifier MMIC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ABX0618M Datasheet(HTML) 11 Page - Advanced Semiconductor Business Inc.

Back Button ABX0618M Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ABX0618M Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ABX0618M Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ABX0618M Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ABX0618M Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ABX0618M Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ABX0618M Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ABX0618M Datasheet HTML 14Page - Advanced Semiconductor Business Inc. ABX0618M Datasheet HTML 15Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11/18
ASB Inc.
 sales@asb.co.kr
July 2017
ABX0618M
Preliminary
-20
-15
-10
-5
0
5
10
15
20
Input Power (dBm)
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
500
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
2000
2100
2200
-20
-15
-10
-5
0
5
10
15
20
Input Power (dBm)
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
500
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
2000
2100
2200
-20
-15
-10
-5
0
5
10
15
20
Input Power (dBm)
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
500
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
2000
2100
2200
-20
-15
-10
-5
0
5
10
15
20
Input Power (dBm)
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
500
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
2000
2100
2200
VDD = +7 V, IDD = 700 mA @ 15 GHz
VDD = +7 V, IDD = 700 mA @ 16 GHz
VDD = +7 V, IDD = 700 mA @ 14 GHz
VDD = +7 V, IDD = 700 mA @ 17 GHz


Similar Part No. - ABX0618M

ManufacturerPart #DatasheetDescription
logo
Arduino
ABX00004 ARDUINO-ABX00004 Datasheet
4Mb / 49P
   ARDUINO, YOUR GATEWAT TO A WORLD FULL OF INVENTIONS
ABX00011 ARDUINO-ABX00011 Datasheet
4Mb / 49P
   ARDUINO, YOUR GATEWAT TO A WORLD FULL OF INVENTIONS
ABX00012 ARDUINO-ABX00012 Datasheet
4Mb / 49P
   ARDUINO, YOUR GATEWAT TO A WORLD FULL OF INVENTIONS
ABX00014-B ARDUINO-ABX00014-B Datasheet
4Mb / 49P
   ARDUINO, YOUR GATEWAT TO A WORLD FULL OF INVENTIONS
ABX00017-B ARDUINO-ABX00017-B Datasheet
4Mb / 49P
   ARDUINO, YOUR GATEWAT TO A WORLD FULL OF INVENTIONS
More results

Similar Description - ABX0618M

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
AWB459 ASB-AWB459 Datasheet
945Kb / 12P
   Wide band MMIC Amplifier
January 2015
logo
M/A-COM Technology Solu...
MAAM02350 MA-COM-MAAM02350_15 Datasheet
624Kb / 5P
   Wide Band GaAs MMIC Amplifier
MAAM28000 MA-COM-MAAM28000_16 Datasheet
940Kb / 5P
   Wide Band GaAs MMIC Amplifier
MAAM28000 MA-COM-MAAM28000 Datasheet
221Kb / 4P
   Wide Band GaAs MMIC Amplifier
MAAM28000-A1 MA-COM-MAAM28000-A1 Datasheet
127Kb / 3P
   Wide Band GaAs MMIC Amplifier
MAAM02350 MA-COM-MAAM02350 Datasheet
95Kb / 4P
   Wide Band GaAs MMIC Amplifier
MAAM02350-A2 MA-COM-MAAM02350-A2 Datasheet
110Kb / 3P
   Wide Band GaAs MMIC Amplifier
MAAM02350-A2 MA-COM-MAAM02350-A2_15 Datasheet
732Kb / 4P
   Wide Band GaAs MMIC Amplifier
MAAM28000 MA-COM-MAAM28000_15 Datasheet
221Kb / 4P
   Wide Band GaAs MMIC Amplifier
MAAM28000-A1 MA-COM-MAAM28000-A1_15 Datasheet
127Kb / 3P
   Wide Band GaAs MMIC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com