Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF244B Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # BF244B
Description  N-Channel RF Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BF244B Datasheet(HTML) 5 Page - Fairchild Semiconductor

  BF244B Datasheet HTML 1Page - Fairchild Semiconductor BF244B Datasheet HTML 2Page - Fairchild Semiconductor BF244B Datasheet HTML 3Page - Fairchild Semiconductor BF244B Datasheet HTML 4Page - Fairchild Semiconductor BF244B Datasheet HTML 5Page - Fairchild Semiconductor BF244B Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
N-Channel RF Amplifier
(continued)
Common Source Characteristics
Input Admittance
100
200
300
500
700
1000
1
5
10
f -- FREQUENCY (MHz)
V
= 15V
V
= 0
GS
DS
(CS)
g
iss
b
iss
Output Admittance
100
200
300
500
700
1000
1
f -- FREQUENCY (MHz)
V
= 15V
V
= 0
GS
DS
(CS)
b
(x 10)
OSS
g
OSS
Forward Transadmittance
100
200
300
500
700
1000
1
5
10
f -- FREQUENCY (MHz)
V
= 15V
V
= 0
GS
DS
(CS)
-b fss
+g
fss
Reverse Transadmittance
100
200
300
500
700
1000
1
5
10
f -- FREQUENCY (MHz)
V
= 15V
V
= 0
GS
DS
(CS)
- b
-g
( X 0.1)
rss
rss


Similar Part No. - BF244B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BF244B FAIRCHILD-BF244B Datasheet
26Kb / 2P
   N-Channel RF Amplifier
logo
National Semiconductor ...
BF244B NSC-BF244B Datasheet
120Kb / 2P
   JFET PRO ELECTRON SERIES
logo
List of Unclassifed Man...
BF244B ETC1-BF244B Datasheet
213Kb / 4P
   PLASTIC-CASE JUNCTION FIELD-EFFECT TRANSISTORS
logo
ON Semiconductor
BF244B ONSEMI-BF244B Datasheet
172Kb / 8P
   JFET VHF/UHF Amplifiers N-Channel - Depletion
June, 2001 ??Rev. 0
logo
Fairchild Semiconductor
BF244B FAIRCHILD-BF244B Datasheet
79Kb / 6P
   N-Channel RF Amplifier
More results

Similar Description - BF244B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BF244A FAIRCHILD-BF244A Datasheet
26Kb / 2P
   N-Channel RF Amplifier
2N3819 FAIRCHILD-2N3819_02 Datasheet
33Kb / 3P
   N-Channel RF Amplifier
MPF102 FAIRCHILD-MPF102_04 Datasheet
26Kb / 3P
   N-Channel RF Amplifier
J210 FAIRCHILD-J210 Datasheet
199Kb / 5P
   N-Channel RF Amplifier
MMBF102 FAIRCHILD-MMBF102 Datasheet
1Mb / 9P
   N-Channel RF Amplifier
J304 FAIRCHILD-J304 Datasheet
27Kb / 3P
   N-Channel RF Amplifier
J309 FAIRCHILD-J309_10 Datasheet
213Kb / 6P
   N-Channel RF Amplifier
MMBFJ305 FAIRCHILD-MMBFJ305_11 Datasheet
126Kb / 3P
   N-Channel RF Amplifier
2N5484 FAIRCHILD-2N5484_09 Datasheet
362Kb / 7P
   N-Channel RF Amplifier
MPF102 FAIRCHILD-MPF102 Datasheet
22Kb / 3P
   N-Channel RF Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com