Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L41E-21KA1A Datasheet(PDF) 4 Page - SICK AG

Part # L41E-21KA1A
Description  SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

L41E-21KA1A Datasheet(HTML) 4 Page - SICK AG

  L41E-21KA1A Datasheet HTML 1Page - SICK AG L41E-21KA1A Datasheet HTML 2Page - SICK AG L41E-21KA1A Datasheet HTML 3Page - SICK AG L41E-21KA1A Datasheet HTML 4Page - SICK AG L41E-21KA1A Datasheet HTML 5Page - SICK AG L41E-21KA1A Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
L41S-21KA1A, L41E-21KA1A | L41
SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
Connection diagram
3 x L41 (cascaded) on Flexi Classic main unit and extension unit
0 V
+24 V
FE
K1
K2
k1
k2
S1
2) PELV
E117081/00/2014-06-02
y
x
y
x
k2
k1
k1
k2
1)
z
z
Function
Q1
A1
UE410-MU/XU
3
A2
EN
I2
I1
X1
X2
Q2
Q4
S2
S3
Q3
S1
I4
I3
0
1
2
7
8
9
6
5
4
3
+24 V
0 V
TE
L41S
L41E
+24V
0 V
TE
L41S
L41E
L41S
+24 V
0 V
Q
+24 V
0 V
Q
+24 V
0 V
TE
L41 E
+24 V
0 V
Q
Task
Integration of three cascaded L4000 (L41) family single-beam photoelectric safety switches with a UE410-MU/XU safety controller
into a relay controller/contactor controller.
Operating mode: with restart interlock and with external device monitoring.
Function
When the input conditions are valid, the system is ready for switch-on and waits for an input signal/switch-on signal. The system is
enabled by pressing and releasing the S1 button. The related output on the UE410-MU/XU carries power. If the input conditions are
no longer met, the related outputs on the UE410-MU/XU shut down.
Possible faults
The incorrect function of the K1 and K2 contactors will be detected. The shutdown function is retained.
On manipulation (e.g., jamming) of the S1 button, the system does not enable the output current circuits.
Comments
1) Output circuits: These contacts are to be connected to the controller such that, with the output circuit open, the dangerous state
is disabled. For categories 4 and 3, the integration must be dual-channel (x/y paths). Single-channel integration in the control (z
path) is only possible with a single-channel control and by taking the risk analysis into account.
2) PELV as required in EN 60204-1 / 6.4
Optical short-circuits must be avoided. Take note of the operating instructions for the integrated devices. The safety-related para-
meters (safety integrity level and response time) are dependent on the types used.
Recommended accessories
Other models and accessories
www.sick.com/L41
Brief description
Type
Part no.
Mounting brackets and plates
Mounting bracket for M18 sensors, steel, zinc coated, without mounting hardware
BEF-WN-M18
5308446
Plug connectors and cables
Head A: female connector, M12, 4-pin, straight
Head B: cable
Cable: PVC, unshielded, 5 m
DOL-1204-G05M
6009866
Head A: female connector, M12, 4-pin, angled
Head B: cable
Cable: PVC, unshielded, 5 m
DOL-1204-W05M
6009867
4
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
Online data sheet | 2017-09-01 12:26:26
Subject to change without notice


Similar Part No. - L41E-21KA1A

ManufacturerPart #DatasheetDescription
logo
SICK AG
L41E-21MA1A SICK-L41E-21MA1A Datasheet
1Mb / 6P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
More results

Similar Description - L41E-21KA1A

ManufacturerPart #DatasheetDescription
logo
SICK AG
L40E-11MA1A SICK-L40E-11MA1A Datasheet
1Mb / 7P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L27E-3P3730 SICK-L27E-3P3730 Datasheet
1,003Kb / 6P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L27E-3P2450 SICK-L27E-3P2450 Datasheet
1,003Kb / 6P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L21E-21KA2A SICK-L21E-21KA2A Datasheet
1,004Kb / 6P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L21E-21KA1A SICK-L21E-21KA1A Datasheet
1,004Kb / 6P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L21E-21MA2A SICK-L21E-21MA2A Datasheet
1Mb / 6P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L29E-3P3430 SICK-L29E-3P3430 Datasheet
421Kb / 5P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L28E-3P2431 SICK-L28E-3P2431 Datasheet
992Kb / 7P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L41E-33MA2A SICK-L41E-33MA2A Datasheet
1Mb / 6P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L40E-33MA2A SICK-L40E-33MA2A Datasheet
1Mb / 7P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L27E-3P2430 SICK-L27E-3P2430 Datasheet
1,003Kb / 6P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com