Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY75B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CNY75B
Description  OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CNY75B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CNY75B Datasheet HTML 1Page - List of Unclassifed Manufacturers CNY75B Datasheet HTML 2Page - List of Unclassifed Manufacturers CNY75B Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
7/12/00
DB92225m-AAS/A2
0.26
0.5
Dimensions in mm
7.0
6.0
1.2
7.62
3.0
13°
Max
3.35
4.0
3.0
2.54
7.62
6.62
0.5
APPROVALS
l
UL recognised, File No. E91231
'X' SPECIFICATION APPROVALS
l
l
VDE 0884 in 3 available lead forms : -
- STD
- G form
- SMD approved to CECC 00802
l
Certified to EN60950 by the following
Test Bodies :-
Nemko - Certificate No. P96101299
Fimko - Registration No. 190469-01..22
Semko - Reference No. 9620076 01
Demko - Reference No. 305567
DESCRIPTION
TheCNY75A,CNY75B,CNY75Cseries of
optically coupled isolators consist of
infrared light emitting diode and NPN
silicon photo transistor in a standard 6
pin dual in line plastic package.
FEATURES
l
Options :-
10mm lead spread - add G after part no.
Surface mount - add SM after part no.
Tape&reel - add SMT&R after part no.
l
High BV
CEO (90V min)
l
High Isolation Voltage (5.3kV
RMS ,7.5kVPK )
l
All electrical parameters 100% tested
l
Custom electrical selections available
APPLICATIONS
l
DC motor controllers
l
Industrial systems controllers
l
Measuring instruments
l
Signal transmission between systems of
different potentials and impedances
OPTICALLY COUPLED
ISOLATOR
PHOTOTRANSISTOR OUTPUT
1
3
4
6
2
5
ABSOLUTE MAXIMUM RATINGS
(25°C unless otherwise specified)
Storage Temperature
-55°C to + 150°C
Operating Temperature
-55°C to + 100°C
Lead Soldering Temperature
(1/16 inch (1.6mm) from case for 10 secs) 260°C
INPUT DIODE
Forward Current
60mA
Reverse Voltage
6V
Power Dissipation
105mW
OUTPUT TRANSISTOR
Collector-emitter Voltage BV
CEO
90V
Collector-base Voltage BV
CBO
90V
Emitter-collector Voltage BV
ECO
6V
Power Dissipation
160mW
POWER DISSIPATION
Total Power Dissipation
200mW
(derate linearly 2.67mW/°C above 25°C)
CNY75AX, CNY75BX, CNY75CX,
CNY75A, CNY75B, CNY75C
OPTION G
7.62
SURFACE MOUNT
OPTION SM
10.16
0.26
ISOCOM INC
1024 S. Greenville Ave, Suite 240,
Allen, TX 75002 USA
Tel:(214)495-0755 Fax:(214)495-0901
e-mail info@isocom.com
http://www.isocom.com
ISOCOMCOMPONENTSLTD
Unit 25B, Park View Road West,
Park View Industrial Estate, Brenda Road
Hartlepool, TS25 1YD England Tel: (01429)863609
Fax : (01429) 863581 e-mail sales@isocom.co.uk
http://www.isocom.com
10.46
9.86
0.6
0.1
1.25
0.75


Similar Part No. - CNY75B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY75B VISHAY-CNY75B Datasheet
186Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.7, 26-Oct-04
CNY75B VISHAY-CNY75B Datasheet
210Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A4, 11-Jan-99
CNY75B VISHAY-CNY75B Datasheet
161Kb / 11P
   Optocoupler, Phototransistor Output,with Base Connection
Rev. 1.7, 08-May-08
logo
ISOCOM COMPONENTS
CNY75B ISOCOM-CNY75B Datasheet
166Kb / 3P
   OPTICALLY COUPLED ISOLATOR
CNY75BX ISOCOM-CNY75BX Datasheet
166Kb / 3P
   OPTICALLY COUPLED ISOLATOR
More results

Similar Description - CNY75B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4N35X ETC1-4N35X Datasheet
55Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
ISOCOM COMPONENTS
MCT2200X ISOCOM-MCT2200X Datasheet
54Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
List of Unclassifed Man...
H11AV1X ETC-H11AV1X Datasheet
56Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
CNX72AX ETC-CNX72AX Datasheet
52Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
SFH601-5 ETC1-SFH601-5 Datasheet
67Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
ISOCOM COMPONENTS
4N38X ISOCOM-4N38X Datasheet
75Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MCT270 ISOCOM-MCT270 Datasheet
480Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
List of Unclassifed Man...
CQY80X ETC-CQY80X Datasheet
48Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
CNY17-1X ETC-CNY17-1X Datasheet
66Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MOC8100 ETC-MOC8100 Datasheet
55Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
ISOCOM COMPONENTS
MCT2X ISOCOM-MCT2X Datasheet
63Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com