Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS61884-IQ Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS61884-IQ
Description  Octal T1/E1/J1 Line Interface Unit
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61884-IQ Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS61884-IQ Datasheet HTML 29Page - Cirrus Logic CS61884-IQ Datasheet HTML 30Page - Cirrus Logic CS61884-IQ Datasheet HTML 31Page - Cirrus Logic CS61884-IQ Datasheet HTML 32Page - Cirrus Logic CS61884-IQ Datasheet HTML 33Page - Cirrus Logic CS61884-IQ Datasheet HTML 34Page - Cirrus Logic CS61884-IQ Datasheet HTML 35Page - Cirrus Logic CS61884-IQ Datasheet HTML 36Page - Cirrus Logic CS61884-IQ Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 72 page
background image
CS61884
DS485PP4
33
As illustrated in Figure 13, the ACB consists of a
R/W bit, address field, and two reserved bits. The
R/W bit specifies if the current register access is a
read (R/W = 1) or a write (R/W = 0) operation. The
address field specifies the register address from
0x00 to 0x1f.
13.3 Parallel Port Operation
Parallel port host mode operation is selected when
the MODE pin is high. In this mode, the CS61884
register set is accessed using an 8-bit, multiplexed
bidirectional address/data bus D[7:0]. Timing over
the parallel port is independent of the transmit and
receive system timing.
The device is compatible with both Intel and Mo-
torola bus formats. The Intel bus format is selected
when the MOT/INTL pin is high and the Motorola
bus format is selected when the MOT/INTL pin is
low. In either mode, the interface can have the ad-
dress and data multiplexed over the same 8-bit bus
or on separate busses. This operation is controlled
with the MUX pin; MUX = 1 means that the paral-
lel port has its address and data multiplexed over
the same bus; MUX = 0 defines a non-multiplexed
bus. The timing for the different modes are shown
in Figure 26, Figure 27, Figure 28, Figure 29,
Figure 30, Figure 31, Figure 32 and Figure 33.
Non-multiplexed Intel and Motorola modes are
shown in Figure 30, Figure 31, Figure 32 and
Figure 33.The CS pin initiates the cycle, followed
by the DS,RD or WR pin. Data is latched into or
out of the part using the rising edge of the DS,WR
or RD pin. Raising CS ends the cycle.
Multiplexed Intel and Motorola modes are shown
in Figure 26, Figure 27, Figure 28 and Figure 29.A
read or write is initiated by writing an address byte
to D[7:0]. The device latches the address on the
falling edge of ALE(AS). During a read cycle, the
register data is output during the later portion of the
RD or DS pulses. The read cycle is terminated and
the bus returns to a high impedance state as RD
transitions high in Intel timing or DS transitions
high in Motorola timing. During a write cycle, val-
id write data must be present and held stable during
the WR or DS pulses.
In Intel mode, the RDY output pin is normally in a
high impedance state; it pulses low once to ac-
knowledge that the chip has been selected, and high
again to acknowledge that data has been written or
read. In Motorola mode, the ACK pin performs a
similar function; it drives high to indicate that the
address has been received by the part, and goes low
again to indicate that data has been written or read.
CS
SDI
SCLK
SDO
CLKE=0
0
R/W
00
0
0
0
1D0
D1
D2
D5
D3
D6
D4
D7
D0
D1
D2
D5
D3
D6
D4
D7
Address/Command Byte
Data Input/Output
Figure 13. Serial Read/Write Format (SPOL = 0)


Similar Part No. - CS61884-IQ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS61884-IQ CIRRUS-CS61884-IQ Datasheet
406Kb / 22P
   Octal T1/E1/J1 Line Interface Evaluation Board
CS61884-IQ CIRRUS-CS61884-IQ Datasheet
1Mb / 71P
   Octal T1/E1/J1 Line Interface Unit
CS61884-IQZ CIRRUS-CS61884-IQZ Datasheet
1Mb / 71P
   Octal T1/E1/J1 Line Interface Unit
More results

Similar Description - CS61884-IQ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS61884 CIRRUS-CS61884_05 Datasheet
1Mb / 71P
   Octal T1/E1/J1 Line Interface Unit
logo
PMC-Sierra, Inc
PM4318 PMC-PM4318 Datasheet
2Mb / 244P
   OCTAL E1/T1/J1 LINE INTERFACE DEVICE
logo
Renesas Technology Corp
IDT82V2048E RENESAS-IDT82V2048E Datasheet
2Mb / 77P
   OCTAL CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
March 2009
logo
Dallas Semiconductor
DS26303 DALLAS-DS26303_07 Datasheet
1,011Kb / 101P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
logo
Maxim Integrated Produc...
DS26303 MAXIM-DS26303 Datasheet
1,004Kb / 97P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
REV 072205
DS2148 MAXIM-DS2148 Datasheet
1Mb / 73P
   5V E1/T1/J1 Line Interface Unit
REV: 011206
logo
Integrated Device Techn...
IDT82V2048E IDT-IDT82V2048E Datasheet
1Mb / 76P
   OCTAL CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
logo
Maxim Integrated Produc...
DS26303 MAXIM-DS26303_V01 Datasheet
1Mb / 101P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
REV: 053107
logo
Cirrus Logic
CDB61884 CIRRUS-CDB61884 Datasheet
406Kb / 22P
   Octal T1/E1/J1 Line Interface Evaluation Board
logo
Integrated Device Techn...
IDT82V2088 IDT-IDT82V2088 Datasheet
1Mb / 78P
   OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com