Electronic Components Datasheet Search |
|
0014562057 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
0014562057 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 2 page This document was generated on 08/29/2017 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0014562057 Status: Active Overview: SL™ Modular Connectors Description: 2.54mm Pitch SL™ Insulation Displacement Connector Assembly, Female, Single Row, Version A, Non-polarized, Wire Size 24 AWG, 0.76µm Gold (Au), 5 Circuits Documents: 3D Model Product Specification TS-70541-001-001 (PDF) Drawing (PDF) Packaging Specification PK-70873-0001 (PDF) Product Specification PS-70400-001 (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR19980 UL E29179 General Product Family Ribbon Cable / Wire Trap Connectors Series 70400 Comments Terminals Preloaded Component Type Housing Glow-Wire Compliant No Overview SL™ Modular Connectors Product Name SL™ UPC 800754215916 Physical Circuits (Loaded) 5 Color - Resin Black Durability (mating cycles max) 50 Entry Angle Vertical Flammability 94V-0 Lock to Mating Part None Material - Metal Phosphor Bronze Material - Plating Mating Gold Material - Plating Termination Tin Material - Resin Polyester Alloy Number of Rows 1 PCB Retention None Packaging Type Tube Pitch - Mating Interface 2.54mm Plating min - Mating 0.762µm Plating min - Termination 1.905µm Polarized to Mating Part No Stackable Yes Surface Mount Compatible (SMC) N/A Temperature Range - Operating -40°C to +105°C Termination Interface: Style IDT or Pierce Wire Insulation Diameter 1.35mm max. Wire Size AWG 24 Wire/Cable Type Discrete Wire, Ribbon Cable Electrical Current - Maximum per Contact 3.0A Voltage - Maximum 250V Material Info Engineering Number 704001054 Series image - Reference only EU ELV Not Reviewed EU RoHS China RoHS Not Reviewed REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com Please visit the Contact Us section for any non-product compliance questions. China ROHS Not Reviewed ELV Not Reviewed RoHS Phthalates Not Reviewed Search Parts in this Series 70400 Series Mates With Single Row Headers and Housings, 8624 , 70203 , 42375 , 42377 Use With 7307 Tinned 28AWG, 7767 Topcoat 28AWG, 24241 Tinned 26AWG, 8996 Topcoat 26AWG, 24226 Tinned 24AWG, 8997 Topcoat 24AWG, 24369 High Flex 26AWG, 24389 High Flex 24AWG |
Similar Part No. - 0014562057_17 |
|
Similar Description - 0014562057_17 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |