Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR1045L Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # SR1045L
Description  10A SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

SR1045L Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  SR1045L Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd SR1045L Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd SR1045L Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
R
FIG.2 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
0.1
1
10
0.01
0.4
0.2
0.6
0.8
1.0
1.2
1.4
1.6
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.01
0
0.1
1
100
10
20
40
60
80
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
0.1
100
10000
1.0
4.0
10
100
1000
TJ=25
o
C
PULSE WIDTH=300uS
1% DUTY CYCLE
TJ=100
o
C
TJ=25
o
C
TJ = 25
o
C
f = 1.0 MHZ
Vsig = 50mVp-p
SR1060L
SR1045L-SR1050L
SR1080L
SR10100L
SR10150L SR10200L
FIG.1 - FORWARD CURRENT DERATING CURVE
10.0
8.0
4.0
2.0
6.0
0
0
50
100
150
LEAD TEMPERATURE,
oC
60 Hz Resistive or
Inductive load
FIG.3 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
2 of 3
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
SR1045L-SR10200L
SR1045L-SR10200L
75
100
125
150
175
200
1
10
100
Pulse Width 8.3ms
Single Half-Sire-Wave
(JEDEC Method)
225
250
275
Alldatasheet


Similar Part No. - SR1045L

ManufacturerPart #DatasheetDescription
logo
MAKO SEMICONDUCTOR CO.,...
SR1045L MAKOSEMI-SR1045L Datasheet
499Kb / 4P
   High current capability, low forward voltage
logo
Jinan Jingheng (Group) ...
SR1045L JINANJINGHENG-SR1045L Datasheet
68Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Electronics ...
SR1045L CHENDA-SR1045L Datasheet
3Mb / 2P
   10 0A Surface Mount Schottky Barrier Rectifiers
logo
Nanjing International G...
SR1045L DGNJDZ-SR1045L Datasheet
471Kb / 2P
   10A SUPER BARRIER RECTIFIER
logo
Microdiode Electronics ...
SR1045L CHENDA-SR1045L Datasheet
5Mb / 2P
   15 0A Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SR1045L

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
SB10T80L ZSELEC-SB10T80L Datasheet
328Kb / 3P
   10A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SL1045 ZSELEC-SL1045 Datasheet
271Kb / 3P
   10A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SL10T80 ZSELEC-SL10T80 Datasheet
328Kb / 3P
   10A SURFACE MOUNT SCHOTTKY BARRIER DIODE
10U45S ZSELEC-10U45S Datasheet
299Kb / 3P
   10A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SR10T80L ZSELEC-SR10T80L Datasheet
264Kb / 3P
   10A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SB1045L ZSELEC-SB1045L Datasheet
278Kb / 3P
   10A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Shanghai Shunye Electro...
SB1045L SY-SB1045L Datasheet
1Mb / 2P
   10A Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
SBG1030CT DIODES-SBG1030CT Datasheet
45Kb / 2P
   10A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30092 Rev. B-2
SBG1030CT DIODES-SBG1030CT_1 Datasheet
77Kb / 3P
   10A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30092 Rev. 4 - 2
SBM1040CT DIODES-SBM1040CT Datasheet
72Kb / 3P
   10A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
DS30356 Rev. 2 - 1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com