Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS22BF Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # SS22BF
Description  2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

SS22BF Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  SS22BF Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd SS22BF Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SS22BF - SS220BF
SS22BF - SS220BF
0.01
0.1
1.0
10
0
0.4
0.8
1.2
V , INSTANTANEOUS FWD VOLTAGE (V)
Fig. 2 Typ. Forward Characteristics
F
T - 25ºC
j
I Pulse Width = 300 s
F
µ
10
100
1000
0.1
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25°C
f = 1 MHz
j
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 5 Typical Reverse Characteristics
T = 100ºC
j
T = 75ºC
j
T = 25ºC
j
100
10
1.0
0.1
0.01
0.001
2 of 2
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
0
10
20
30
40
50
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
Single Half-Sine-Wave
(JEDEC Method)
T = 100 C
j
°
0
1.0
2.0
25
50
75
100
125
150
T , LEAD TEMPERATURE (ºC)
Fig. 1 Forward Current Derating Curve
L
SS22BF- SS24BF SS25BF- SS26BF
SS28BF- SS210BF
SS215BF- SS220BF
Alldatasheet


Similar Part No. - SS22BF

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
SS22BF CHENDA-SS22BF Datasheet
812Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SS22BF YFWDIODE-SS22BF Datasheet
193Kb / 3P
   Surface Mount Schottky Barrier Rectifier
logo
Xian Semipower Electron...
SS22BF SEMIPOWER-SS22BF Datasheet
126Kb / 3P
   Surface Mount Schottky Barrier Rectifier
logo
Jiangsu High diode Semi...
SS22BF HDSEMI-SS22BF Datasheet
1Mb / 4P
   SMBF Plastic-Encapsulate Diodes
logo
Galaxy Semi-Conductor H...
SS22BF BILIN-SS22BF Datasheet
444Kb / 4P
   Schottky Barrier Rectifiers
More results

Similar Description - SS22BF

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SR22 WTE-SR22_06 Datasheet
46Kb / 4P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Zibo Seno Electronic En...
DS22W ZSELEC-DS22W Datasheet
138Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
20BQ020 ZSELEC-20BQ020 Datasheet
151Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SK22 ZSELEC-SK22 Datasheet
122Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS220S ZSELEC-SS220S Datasheet
93Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS22 ZSELEC-SS22 Datasheet
64Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS22F ZSELEC-SS22F Datasheet
87Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
DSK22 ZSELEC-DSK22 Datasheet
139Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Won-Top Electronics
SK22 WTE-SK22_06 Datasheet
46Kb / 4P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Zibo Seno Electronic En...
SK23 ZSELEC-SK23 Datasheet
156Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com