Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS1200W Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # SS1200W
Description  1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

SS1200W Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  SS1200W Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd SS1200W Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Symbol
SS12W SS13W SS14W
SS15W SS16W SS18W SS110W SS1150WSS1200W Unit
Weight: 0.01 grams (approx.)
Case: SOD-123, Molded Plastic
Surge Overload Rating to 20A Peak
Classification Rating 94V-O
Guard Ring Die Construction
For Use in Low Voltage Application
Ideally Suited for Automatic Assembly
SS12W – SS1200W
1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
Features
!
Schottky Barrier Chip
!
!
Low Power Loss, High Efficiency
!
!
!
!
Plastic Case Material has UL Flammability
                            
Mechanical Data
!
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
!
Lead Free: For RoHS / Lead Free Version
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Note: 1. Mounted on P.C. Board with 5.0mm2 copper pad area.
1 of 2
SS12W – SS1200W
2.8±0.1
Cathode Band
Top View
3.7±0.2
0.6±0.25
SOD - 123FL
Dimensions in millimeters
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
Typical Junction Capacitance
0.55
0.70
0.85
0.95
V
1.0
A
14
21
28
35
42
56
70
105
140
V
20
30
40
50
60
80
100
150
200
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
RMS Reverse Voltage
VR(RMS)
Average Rectified Output Current
@TL = 75°C
IO
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
20
A
Forward Voltage
@IF = 1.0A
VFM
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
0.5
20
mA
RJL
RJA
28
88
°C/W
Operating Temperature Range
Tj
-65 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Typical Thermal Resistance (Note 1)
j
C
110
30
110
pF
Characteristic
Alldatasheet


Similar Part No. - SS1200W

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
SS1200 JUXING-SS1200 Datasheet
309Kb / 1P
   Surface Mount Schottky Rectifiers
logo
Microdiode Electronics ...
SS1200 CHENDA-SS1200 Datasheet
536Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Galaxy Semi-Conductor H...
SS1200 BILIN-SS1200 Datasheet
232Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Guangdong Juxing Electr...
SS1200 JUXING-SS1200 Datasheet
1Mb / 2P
   Surface Mount Schottky Rectifiers
logo
Zibo Seno Electronic En...
SS1200 ZSELEC-SS1200 Datasheet
96Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - SS1200W

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
RB162M-40 SUNMATE-RB162M-40 Datasheet
1Mb / 3P
   1.0A Surface Mount Schottky Barrier Diode
logo
Zibo Seno Electronic En...
SS12F ZSELEC-SS12F Datasheet
87Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
STPS0520Z ZSELEC-STPS0520Z Datasheet
148Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SK14 ZSELEC-SK14 Datasheet
132Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
MBRX0520 ZSELEC-MBRX0520 Datasheet
175Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SUNMATE electronic Co.,...
RB160M-60 SUNMATE-RB160M-60 Datasheet
1Mb / 3P
   1.0A Surface Mount Schottky Barrier Diode
logo
Won-Top Electronics
SS12 WTE-SS12_06 Datasheet
45Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SK12 WTE-SK12_06 Datasheet
45Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
1N5817W SEMTECH_ELEC-1N5817W Datasheet
241Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Zibo Seno Electronic En...
X10 ZSELEC-X10 Datasheet
158Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com