Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4448 Datasheet(PDF) 3 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # 1N4448
Description  Silicon Epitaxial Planar Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

1N4448 Datasheet(HTML) 3 Page - Zibo Seno Electronic Engineering Co.,Ltd

  1N4448 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4448 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4448 Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
tp
3
0.1
10 -5
2
2
-4
5
10
2
5
0.1
v=0
0.2
0.5
5
4
1
2
5
3
4
10
IFRM
2
-2
-3
10
2
5
10
tp
2
5
10 -1
2
5
1
2
5
10 s
T
IFRM
t
v=tp/T
10
VR=20V
Admissible repetitive peak forward current
versus pulse duratin
Valid provided that leads at a distance of 8 mm from case
are kept at ambient temperature
4
3
5
100
5
2
0
1
5
2
10
100
Tj
I
200 C
o
1N 4448
Leakage current
versus junction temperature
2
2
5
IR
10
2
3
nA
5
10 4
1N 4448
T=1/fp
A
Silicon Epitaxial Planar Switching Diode
1N4448/LL4448
Z ibo Seno Electronic Engineering Co., Ltd.
3 of 3
1N4448 / LL4448
www.senocn.com
Alldatasheet


Similar Part No. - 1N4448

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4448 PHILIPS-1N4448 Datasheet
57Kb / 8P
   High-speed diodes
1999 May 25
1N4448 PHILIPS-1N4448 Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
logo
Chongqing Pingwei Enter...
1N4448 CHONGQING-1N4448 Datasheet
38Kb / 1P
   HIGH SPEED SWITCHING DIODES
logo
GOOD-ARK Electronics
1N4448 GOOD-ARK-1N4448 Datasheet
235Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
logo
First Components Intern...
1N4448 FCI-1N4448 Datasheet
123Kb / 2P
   500 mW EPITAXIAL PLANAR DIODES
More results

Similar Description - 1N4448

ManufacturerPart #DatasheetDescription
logo
Rohm
DA221 ROHM-DA221 Datasheet
74Kb / 4P
   Switching diode Silicon epitaxial planar
logo
Zowie Technology Corpor...
1N4148WSGH ZOWIE-1N4148WSGH Datasheet
131Kb / 2P
   Silicon Epitaxial Planar Switching Diode
logo
SEMTECH ELECTRONICS LTD...
BAV70W SEMTECH_ELEC-BAV70W Datasheet
287Kb / 2P
   SILICON EPITAXIAL PLANAR SWITCHING DIODE
logo
Zowie Technology Corpor...
1N4148WTGH ZOWIE-1N4148WTGH Datasheet
152Kb / 2P
   Silicon Epitaxial Planar Switching Diode
1N4148WSGH ZOWIE-1N4148WSGH_11 Datasheet
140Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Zibo Seno Electronic En...
1N914G ZSELEC-1N914G Datasheet
127Kb / 3P
   Silicon Epitaxial Planar Switching Diode
1N914W ZSELEC-1N914W Datasheet
148Kb / 3P
   Silicon Epitaxial Planar Switching Diode
1SS400 ZSELEC-1SS400 Datasheet
180Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Olitech Electronics Co....
BAS35 OLITECH-BAS35 Datasheet
515Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Nanjing International G...
MMBD914 DGNJDZ-MMBD914 Datasheet
277Kb / 2P
   Silicon Epitaxial Planar Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com