Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SMC20A Datasheet(PDF) 3 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # 1.5SMC20A
Description  6.8 to 440Volts 1500Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

1.5SMC20A Datasheet(HTML) 3 Page - Zibo Seno Electronic Engineering Co.,Ltd

  1.5SMC20A Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd 1.5SMC20A Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd 1.5SMC20A Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd 1.5SMC20A Datasheet HTML 4Page - Zibo Seno Electronic Engineering Co.,Ltd 1.5SMC20A Datasheet HTML 5Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UNI/BI-DIRECTIONAL 6.8
to 440Volts 1500W SMD TRANSIENT VOLTAGE SUPPRESSORS
3 of 5
Notes:
1. Suffix C denotes Bi-directional device.
2.
VBR measured with IT current pulse = 300
ms.
3.
For Bi-Directional devices having VRWM of 10V and under, the IR is doubled.
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
1.5SMC SERIES
1.5SMC SERIES
1.5SMC6.8
1.5SMC6.8C
6V8
6V8C
5.50
6.12
7.48
10
10.8
140.7
1000.0
1.5SMC6.8A 1.5SMC6.8CA
6V8A
6V8CA
5.80
6.45
7.14
10
10.5
144.8
1000.0
1.5SMC7.5
1.5SMC7.5C
7V5
7V5C
6.05
6.75
8.25
10
11.7
129.9
500.0
1.5SMC7.5A 1.5SMC7.5CA
7V5A
7V5CA
6.40
7.13
7.88
10
11.3
134.5
500.0
1.5SMC8.2
1.5SMC8.2C
8V2
8V2C
6.63
7.38
9.02
10
12.5
121.6
200.0
1.5SMC8.2A 1.5SMC8.2CA
8V2A
8V2CA
7.02
7.79
8.61
10
12.1
125.6
200.0
1.5SMC9.1
1.5SMC9.1C
9V1
9V1C
7.37
8.19
10.0
1.0
13.8
110.1
50.0
1.5SMC9.1A 1.5SMC9.1CA
9V1A
9V1CA
7.78
8.65
9.55
1.0
13.4
113.4
50.0
1.5SMC10
1.5SMC10C
10
10C
8.10
9.00
11.0
1.0
15.0
101.3
10.0
1.5SMC10A
1.5SMC10CA
10A
10CA
8.55
9.50
10.5
1.0
14.5
104.8
10.0
1.5SMC11
1.5SMC11C
11
11C
8.92
9.90
12.1
1.0
16.2
93.8
5.0
1.5SMC11A
1.5SMC11CA
11A
11CA
9.40
10.5
11.6
1.0
15.6
97.4
5.0
1.5SMC12
1.5SMC12C
12
12C
9.72
10.8
13.2
1.0
17.3
87.9
5.0
1.5SMC12A
1.5SMC12CA
12A
12CA
10.2
11.4
12.6
1.0
16.7
91.0
5.0
1.5SMC13
1.5SMC13C
13
13C
10.5
11.7
14.3
1.0
19.0
80.0
5.0
1.5SMC13A
1.5SMC13CA
13A
13CA
11.1
12.4
13.7
1.0
18.2
83.5
5.0
1.5SMC15
1.5SMC15C
15
15C
12.1
13.5
16.5
1.0
22.0
69.1
5.0
1.5SMC15A
1.5SMC15CA
15A
15CA
12.8
14.3
15.8
1.0
21.2
71.7
5.0
1.5SMC16
1.5SMC16C
16
16C
12.9
14.4
17.6
1.0
23.5
64.7
5.0
1.5SMC16A
1.5SMC16CA
16A
16CA
13.6
15.2
16.8
1.0
22.5
67.6
5.0
1.5SMC18
1.5SMC18C
18
18C
14.5
16.2
19.8
1.0
26.5
57.4
5.0
1.5SMC18A
1.5SMC18CA
18A
18CA
15.3
17.1
18.9
1.0
25.2
60.3
5.0
1.5SMC20
1.5SMC20C
20
20C
16.2
18.0
22.0
1.0
29.1
52.2
5.0
1.5SMC20A
1.5SMC20CA
20A
20CA
17.1
19.0
21.0
1.0
27.7
54.9
5.0
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
Alldatasheet


Similar Part No. - 1.5SMC20A

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
1.5SMC20A DGNJDZ-1.5SMC20A Datasheet
98Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Central Semiconductor C...
1.5SMC20A CENTRAL-1.5SMC20A Datasheet
146Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
logo
Nantong Hornby Electron...
1.5SMC20A HORNBY-1.5SMC20A Datasheet
335Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Vishay Siliconix
1.5SMC20A VISHAY-1.5SMC20A Datasheet
113Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
logo
Gaomi Xinghe Electronic...
1.5SMC20A GXELECTRONICS-1.5SMC20A Datasheet
200Kb / 4P
   Surface Mount Transient Voltage Suppressor
More results

Similar Description - 1.5SMC20A

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
SMCJ ZSELEC-SMCJ Datasheet
105Kb / 5P
   5.0 to 440Volts 1500Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
P6SMB ZSELEC-P6SMB Datasheet
104Kb / 5P
   6.8 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
3.0SMC ZSELEC-3.0SMC Datasheet
80Kb / 5P
   6.8 to 440Volts 3000Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
P4SMA ZSELEC-P4SMA Datasheet
318Kb / 5P
   6.8 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMBJ ZSELEC-SMBJ Datasheet
134Kb / 5P
   5.0 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMAJ ZSELEC-SMAJ Datasheet
298Kb / 5P
   5.0 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Rugao Dachang Electroni...
P4KE DACHANG-P4KE Datasheet
272Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
P6KE DACHANG-P6KE Datasheet
270Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
1.5KE6.8 DACHANG-1.5KE6.8 Datasheet
174Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
logo
DAESAN ELECTRONIC CORP.
1N6267 DAESAN-1N6267 Datasheet
1Mb / 6P
   POWER 1500Watts VOLTAGE 6.8 to 440 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com