Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4736A Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # 1N4736A
Description  1.0W ZENER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

1N4736A Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  1N4736A Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4736A Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1N4728A – 1N4764A
2 of 2
Electrical Characteristics @T
A=25°C unless otherwise specified
Nominal Zener
Voltage (Note 2)
Test
Current
Maximum Zener Impedance
(Note 3)
Leakage Current
Max DC Zener
Current
Max Surge
Current 8.3ms
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR
@ VR
IZM
IZS
Type
Number
(Note 1)
(V)
(mA)
Ω
Ω
Ω)
Ω
Ω
Ω)
(mA)
(µA)
(V)
(mA)
(mA)
1N4728A
1N4729A
1N4730A
1N4731A
1N4732A
3.3
3.6
3.9
4.3
4.7
76
69
64
58
53
10
10
9.0
9.0
8.0
400
400
400
400
500
1.0
1.0
1.0
1.0
1.0
100
100
50
10
10
1.0
1.0
1.0
1.0
1.0
276
252
234
217
193
1380
1260
1190
1070
970
1N4733A
1N4734A
1N4735A
1N4736A
1N4737A
5.1
5.6
6.2
6.8
7.5
49
45
41
37
34
7.0
5.0
2.0
3.5
4.0
550
600
700
700
700
1.0
1.0
1.0
1.0
0.5
10
10
10
10
10
1.0
2.0
3.0
4.0
5.0
178
162
146
133
121
890
810
730
660
605
1N4738A
1N4739A
1N4740A
1N4741A
1N4742A
8.2
9.1
10
11
12
31
28
25
23
21
4.5
5.0
7.0
8.0
9.0
700
700
700
700
700
0.5
0.5
0.25
0.25
0.25
10
10
10
5.0
5.0
6.0
7.0
7.6
8.4
9.1
110
100
91
83
76
550
500
454
414
380
1N4743A
1N4744A
1N4745A
1N4746A
1N4747A
13
15
16
18
20
19
17
15.5
14
12.5
10
14
16
20
22
700
700
700
750
750
0.25
0.25
0.25
0.25
0.25
5.0
5.0
5.0
5.0
5.0
9.9
11.4
12.2
13.7
15.2
69
61
57
50
45
344
304
285
250
225
1N4748A
1N4749A
1N4750A
1N4751A
1N4752A
22
24
27
30
33
11.5
10.5
9.5
8.5
7.5
23
25
35
40
45
750
750
750
1000
1000
0.25
0.25
0.25
0.25
0.25
5.0
5.0
5.0
5.0
5.0
16.7
18.2
20.6
22.8
25.1
41
38
34
30
27
205
190
170
150
135
1N4753A
1N4754A
1N4755A
1N4756A
1N4757A
36
39
43
47
51
7.0
6.5
6.0
5.5
5.0
50
60
70
80
95
1000
1000
1500
1500
1500
0.25
0.25
0.25
0.25
0.25
5.0
5.0
5.0
5.0
5.0
27.4
29.7
32.7
35.8
38.8
25
23
22
19
18
125
115
110
95
90
1N4758A
1N4759A
1N4760A
1N4761A
1N4762A
56
62
68
75
82
4.5
4.0
3.7
3.3
3.0
110
125
150
175
200
2000
2000
2000
2000
3000
0.25
0.25
0.25
0.25
0.25
5.0
5.0
5.0
5.0
5.0
42.6
47.1
51.7
56.0
62.2
16
14
13
12
11
80
70
65
60
55
1N4763A
1N4764A
91
100
2.8
2.5
250
350
3000
3000
0.25
0.25
5.0
5.0
69.2
76.0
10
9.0
50
45
Note: 1. Type numbers listed have standard tolerance on the nominal zener voltage of ±5%.
2. Measured under thermal equilibrium and DC (IZT) test conditions.
3. The Zener impedance is derived from the 60Hz AC voltage which results when an AC current having an RMS value equal to 10%
of the Zener current (IZT or IZK) is superimposed on IZT or IZK. Zener impedance is measured at two points to insure a sharp knee
on the breakdown curve and to eliminate unstable units.
1N4728A – 1N4764A
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
Alldatasheet


Similar Part No. - 1N4736A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4736A PHILIPS-1N4736A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Fairchild Semiconductor
1N4736A FAIRCHILD-1N4736A Datasheet
667Kb / 5P
   Zener Diodes
logo
SeCoS Halbleitertechnol...
1N4736A SECOS-1N4736A Datasheet
149Kb / 2P
   ZENER DIODES
logo
RFE international
1N4736A RFE-1N4736A Datasheet
554Kb / 4P
   Zener Diodes
DEC-13-2023
logo
List of Unclassifed Man...
1N4736A ETC1-1N4736A Datasheet
16Kb / 1P
   Zener Diodes
More results

Similar Description - 1N4736A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N4728A DIODES-1N4728A_08 Datasheet
124Kb / 3P
   1.0W ZENER DIODE
logo
Won-Top Electronics
1N4728A WTE-1N4728A Datasheet
44Kb / 4P
   1.0W ZENER DIODE
logo
Comchip Technology
1N4728A COMCHIP-1N4728A Datasheet
123Kb / 3P
   1.0W Zener Diode
logo
Diodes Incorporated
1N4728A DIODES-1N4728A_1 Datasheet
451Kb / 4P
   1.0W ZENER DIODE
DS18007 Rev. 16 - 2
SMAZ36-13 DIODES-SMAZ36-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ39-13 DIODES-SMAZ39-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ7V5-13 DIODES-SMAZ7V5-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Sangdest Microelectroni...
1SMA4741 SMC-1SMA4741 Datasheet
265Kb / 6P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
1SMA4736A WTE-1SMA4736A Datasheet
96Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
SMAZ5V1 DIODES-SMAZ5V1_1 Datasheet
90Kb / 4P
   1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 14 - 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com