Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4748 Datasheet(PDF) 4 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # 1N4748
Description  1W Silicon Planar Power Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

1N4748 Datasheet(HTML) 4 Page - Zibo Seno Electronic Engineering Co.,Ltd

  1N4748 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4748 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4748 Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4748 Datasheet HTML 4Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
I, Lead Length (mm)
Fig. 2 Typical Thermal Resistance vs. Lead Length
0
05
10
15
50
100
150
30
20
25
200
250
100
0
0
0.2
0.4
0.8
0.6
200
TA, Ambient Temperature
Fig. 1 Power Dissipation vs Ambient Temperature
VR=30V
VR=20V
VR=5V
VR=2V
VR=0V
f=1MHz
TA=25°C
50
Vz, Zener Voltage (V)
Fig. 3 Junction Capacitance vs Zener Voltage
100
1
010
20
30
40
10
1000
100
2mA
Vz, Zener Voltage (V)
Fig. 4 Typical Zener Impedance vs. Zener Voltage
60
1
1
10mA
20mA
10
5mA
10
100
Iz=1mA
1000
Z ibo Seno Electronic Engineering Co., Ltd.
1N4727-1N4761
4 of 4
www.senocn.com
1N4727 - 1N4761
Alldatasheet


Similar Part No. - 1N4748

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
1N4748 CHENDA-1N4748 Datasheet
1Mb / 3P
   ZENER DIODES
logo
Surge Components
1N4748 SURGE-1N4748 Datasheet
84Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N4748 JINANJINGHENG-1N4748 Datasheet
131Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Digitron Semiconductors
1N4748 DIGITRON-1N4748 Datasheet
184Kb / 3P
   SILICON 1 WATT ZENER DIODES
logo
Bytesonic Electronics C...
1N4748 BYTESONIC-1N4748 Datasheet
405Kb / 4P
   Silicon Planar Power Zener Diodes
More results

Similar Description - 1N4748

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
1N4729A ZSELEC-1N4729A Datasheet
202Kb / 4P
   1W Silicon Planar Power Zener Diodes
logo
Shanghai Lunsure Electr...
1N4728THRU1N4764 CHENYI-1N4728THRU1N4764 Datasheet
55Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Zibo Seno Electronic En...
MM1W3V3 ZSELEC-MM1W3V3 Datasheet
297Kb / 3P
   1W Silicon Planar Zener Diodes
logo
Jinan Jingheng (Group) ...
1N4278 JINANJINGHENG-1N4278 Datasheet
131Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Jinan Jing Heng Electro...
BZV85-C2V7 JINGHENG-BZV85-C2V7 Datasheet
74Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Guangdong Juxing Electr...
SMA4728A JUXING-SMA4728A Datasheet
2Mb / 3P
   1W Silicon Planar Zener Diodes
1SMAF4728A JUXING-1SMAF4728A Datasheet
572Kb / 3P
   1W Silicon Planar Zener Diodes
logo
Jinan Jing Heng Electro...
SMA4728 JINGHENG-SMA4728 Datasheet
74Kb / 2P
   1W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
1N4728A DAESAN-1N4728A Datasheet
314Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Tiger Electronic Co.,Lt...
1N4749 TGS-1N4749 Datasheet
308Kb / 3P
   1W SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com