Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

658807713100 Datasheet(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 658807713100
Description  0.80mm SMT Female Shrouded Vertical Receptacle w. Chamfer 7.75mm Height WR-BTB
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

658807713100 Datasheet(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  658807713100 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 658807713100 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 658807713100 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 658807713100 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 658807713100 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Cautions and Warnings:
The following conditions apply to all goods within the product services of the Connectors
of Würth Elektronik eiSos GmbH & Co. KG:
General:
• This electronic component is designed and developed with the intention for use in general electronics equipment.
• Before incorporating the components into any equipment in the field such as aerospace, aviation, nuclear control, submarine,
transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information
network etc. where higher safety and reliability are especially required or if there is possibility of direct damage or injury to human body,
Wurth Elektronik must be asked for a written approval.
• In addition, even electronic component in general electronic equipment, when used in electrical circuits that require high safety,
reliability functions or performance, the sufficient reliability evaluation-check for the safety must be performed by the user before usage.
• The connector is designed and manufactured to be used within the datasheet specified values.
• Do not use the connector outside the datasheet specifications.
• Prevent any damage or scratches on the connector, especially on the actuator.
• Direct mechanical impact to the product shall be prevented (e.g overlapping of the PCB´s).
• The responsibility for the applicability of the customer specific products and use in a particular customer design is always within the
authority of the customer. All technical specification for standard products do also apply to customer specific products.
• The Connectors are designed to be used along with Würth Elektronik counterparts and tools. Würth Elektronik cannot insure the
reliability of these components while being used with other products.
Product Specific:
Soldering:
• The solder profile must comply with the WE technical soldering specification, otherwise this will void the warranty.
• Other soldering methods are not verified and have to be validated by the customer at his own risk.
Cleaning and Washing:
• Parts are not constructed for washing, so washing can cause malfunction afterwards.
• Cleaning agent that are used to clean the customer applications might damage or change the characteristics of the component, body,
pins and termination.
• Please do not submerse our washable products into water or cleaning agents or put them in locations exposed to water completely.
• When cleaning by hand (brushing), please do not use excessive force on our connectors to avoid malfunction afterwards, because
customer could deform function relevant areas.
• We recommended a solution without organic acid (preserve the plating against corrosion) volatile, without residues and compatible with
the plastic.
• We recommend to perform tests and to let a part in immersion in the solution 8 to 12 hours and see if there is a degradation.
Storage Conditions:
• The Connectors are considered MSL1 into closed original packaging and are not subject to storage time limits regarding the moisture
sensivity but all products shall be used before the end of the period of 12 months based on the products date code, if not 100%
solderability can’t be warranted.
Handling:
• Do not repeatedly operate the connector with excessive force. It may damage or deforms the contact dome which results in malfunction.
• In the case a product requires particular handling precautions, in addition to the general recommendations mentioned here before, these
will appear on the product datasheet.
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
DaMa
ATo
DIN ISO 2768-1m
DESCRIPTION
0.80mm SMT Female Shrouded
Vertical Receptacle w. Chamfer
7.75mm Height WR-BTB
ORDER CODE
658807713080
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
001.003
Valid
2017-08-24
eiCan
4/5
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 658807713100

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
658807713100 WURTH-658807713100 Datasheet
248Kb / 5P
   0.80mm SMT Female Shrouded Vertical Receptacle w. Chamfer 7.75mm Height WR-BTB
658807713100 WURTH-658807713100 Datasheet
248Kb / 5P
   0.80mm SMT Female Shrouded Vertical Receptacle w. Chamfer 7.75mm Height WR-BTB
More results

Similar Description - 658807713100

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
658807713040 WURTH-658807713040 Datasheet
248Kb / 5P
   0.80mm SMT Female Shrouded Vertical Receptacle w. Chamfer 7.75mm Height WR-BTB
658807713100 WURTH-658807713100 Datasheet
248Kb / 5P
   0.80mm SMT Female Shrouded Vertical Receptacle w. Chamfer 7.75mm Height WR-BTB
658803713080 WURTH-658803713080 Datasheet
254Kb / 5P
   0.80mm SMT Female Shrouded Vertical Receptacle w. Chamfer 3.75mm Height WR-BTB
658854613080 WURTH-658854613080 Datasheet
245Kb / 5P
   0.80mm SMT Male Shrouded Vertical Plug w. Chamfer 4.60mm Height WR-BTB
658801103040 WURTH-658801103040 Datasheet
250Kb / 5P
   0.80mm SMT Female Shrouded Vertical Receptacle 11.75mm Height WR-BTB
658801103080 WURTH-658801103080 Datasheet
250Kb / 5P
   0.80mm SMT Female Shrouded Vertical Receptacle 11.75mm Height WR-BTB
658101003064 WURTH-658101003064 Datasheet
259Kb / 5P
   1.00mm SMT Female Shrouded Vertical Receptacle 10.30mm Height WR-BTB
658105303064 WURTH-658105303064 Datasheet
261Kb / 5P
   1.00mm SMT Female Shrouded Vertical Receptacle 5.30mm Height WR-BTB
658107303064 WURTH-658107303064 Datasheet
259Kb / 5P
   1.00mm SMT Female Shrouded Vertical Receptacle 7.30mm Height WR-BTB
658855603040 WURTH-658855603040 Datasheet
237Kb / 5P
   0.80mm SMT Male Shrouded Vertical Plug 5.60mm Height WRBTB
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com