Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE68CA Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # 1.5KE68CA
Description  1500W TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

1.5KE68CA Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  1.5KE68CA Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd 1.5KE68CA Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd 1.5KE68CA Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd 1.5KE68CA Datasheet HTML 4Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
n
1 of 4
1.5KE SERIES
1.5KE SERIES
1500W TRANSIENT VOLTAGE SUPPRESSORS
Features
!
Glass Passivated Die Construction
!
1500W Peak Pulse Power Dissipation
!
6.8V – 440V Standoff Voltage
A
B
A
!
Uni- and Bi-Directional Versions Available
!
Excellent Clamping Capability
!
Fast Response Time
!
Plastic Case Material has UL Flammability
Classification Rating 94V-O
C
D
Mechanical Data
!
Case: JEDEC DO-201AE Molded Plastic
!
Terminals: Axial Leads, Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band or Cathode Notch
!
Marking:
Unidirectional – Device Code and Cathode Band
Bidirectional – Device Code Only
Weight: 1.20 grams (approx.)
“C” Suffix Designates Bi-directional Devices
“A” Suffix Designates 5% Tolerance Devices
No Suffix Designates 10% Tolerance Devices
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Pulse Power Dissipation at TA = 25°C (Note 1, 2, 5) Figure 3
PPPM
1500 Mi
W
Peak Forward Surge Current (Note 3)
IFSM
200
A
Peak Pulse Current on 10/1000µS Waveform (Note 1) Figure 1
IPPM
See Table 1
A
Steady State Power Dissipation (Note 2, 4)
PM(AV)
5.0
W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Note: 1. Non-repetitive current pulse, per Figure 1 and derated above TA = 25°C per Figure 4.
2. Mounted on 40mm2 copper pad.
3. 8.3ms single half sine-wave duty cycle = 4 pulses per minutes maximum.
4. Lead temperature at 75°C = TL .
5. Peak pulse power waveform is 10/1000µS.
DO-201AE
Dim
Min
Max
A
25.4
B
6.70
9.50
C
0.90
1.20
D
4.70
5.40
All Dimensions in mm
!
Lead Free: For RoHS / Lead Free Version
!
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
Alldatasheet


Similar Part No. - 1.5KE68CA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1.5KE68CA ONSEMI-1.5KE68CA Datasheet
58Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
February, 2002 ??Rev. 2
logo
SeCoS Halbleitertechnol...
1.5KE68CA SECOS-1.5KE68CA Datasheet
332Kb / 3P
   Voltage 6.8V ~ 550V 1500W Peak Power / 5.0W Steady State 1500W Peak Power TVS
logo
DB Lectro Inc
1.5KE68CA DBLECTRO-1.5KE68CA Datasheet
147Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 TO 440 Volts 1500 watt Peak Power / 6.5 Watt Steady State
logo
DAESAN ELECTRONIC CORP.
1.5KE68CA DAESAN-1.5KE68CA Datasheet
801Kb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Littelfuse
1.5KE68CA LITTELFUSE-1.5KE68CA Datasheet
141Kb / 5P
   Transient Voltage Suppression Diodes
More results

Similar Description - 1.5KE68CA

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
SMCJ5.0CA HUAXINAN-SMCJ5.0CA_V01 Datasheet
420Kb / 5P
   1500W Transient Voltage Suppressors
1.5KE6.8CA HUAXINAN-1.5KE6.8CA_V01 Datasheet
365Kb / 5P
   1500W Transient Voltage Suppressors
1.5SMBJ6.8CA HUAXINAN-1.5SMBJ6.8CA Datasheet
426Kb / 4P
   1500W Transient Voltage Suppressors
logo
Won-Top Electronics
1-5KE WTE-1-5KE Datasheet
66Kb / 5P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
15KE WTE-15KE Datasheet
65Kb / 5P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Semtech Corporation
1N6138 SEMTECH-1N6138_07 Datasheet
133Kb / 5P
   1500W Bipolar Transient Voltage Suppressors
1N6138 SEMTECH-1N6138_10 Datasheet
94Kb / 5P
   1500W Bipolar Transient Voltage Suppressors
logo
Digitron Semiconductors
1N5610 DIGITRON-1N5610 Datasheet
106Kb / 2P
   1500W TRANSIENT VOLTAGE SUPPRESSORS UNIDIRECTIONAL
logo
New Jersey Semi-Conduct...
1N6138 NJSEMI-1N6138 Datasheet
246Kb / 2P
   1500W BIPOLAR TRANSIENT VOLTAGE SUPPRESSORS
logo
Won-Top Electronics
15SMCJ WTE-15SMCJ Datasheet
64Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com