Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8342Q36BD-333I Datasheet(PDF) 7 Page - GSI Technology

Part # GS8342Q36BD-333I
Description  36Mb SigmaQuad-IITM Burst of 2 SRAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8342Q36BD-333I Datasheet(HTML) 7 Page - GSI Technology

Back Button GS8342Q36BD-333I Datasheet HTML 3Page - GSI Technology GS8342Q36BD-333I Datasheet HTML 4Page - GSI Technology GS8342Q36BD-333I Datasheet HTML 5Page - GSI Technology GS8342Q36BD-333I Datasheet HTML 6Page - GSI Technology GS8342Q36BD-333I Datasheet HTML 7Page - GSI Technology GS8342Q36BD-333I Datasheet HTML 8Page - GSI Technology GS8342Q36BD-333I Datasheet HTML 9Page - GSI Technology GS8342Q36BD-333I Datasheet HTML 10Page - GSI Technology GS8342Q36BD-333I Datasheet HTML 11Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
GS8342Q08/09/18/36BD-357/333/300/250
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.02c 8/2017
7/34
© 2011, GSI Technology
Background
Separate I/O SRAMs, from a system architecture point of view, are attractive in applications where alternating reads and writes are
needed. Therefore, the SigmaQuad-II SRAM interface and truth table are optimized for alternating reads and writes. Separate I/O
SRAMs are unpopular in applications where multiple reads or multiple writes are needed because burst read or write transfers from
Separate I/O SRAMs can cut the RAM’s bandwidth in half.
SigmaQuad-II B2 SRAM DDR Read
The read port samples the status of the Address Input and R pins at each rising edge of K. A low on the Read Enable-bar pin, R,
begins a read cycle. Data can be clocked out after the next rising edge of K with a rising edge of C (or by K if C and C are tied
high), and after the following rising edge of K with a rising edge of C (or by K if C and C are tied high). Clocking in a high on the
Read Enable-bar pin, R, begins a read port deselect cycle.
SigmaQuad-II B2 Double Data Rate SRAM Read First
Read A
NOP
Write B
Read C Write D
Read E Write F
Read G Write H
A
B
C
D
E
F
G
H
B
B+1
D
D+1
F
F+1
H
H+1
B
B+1
D
D+1
F
F+1
H
H+1
A
A+1
C
C+1
E
K
K
Address
R
W
BWx
D
C
C
Q
CQ
CQ


Similar Part No. - GS8342Q36BD-333I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8342Q36E-167 GSI-GS8342Q36E-167 Datasheet
1Mb / 34P
   36Mb SigmaQuad-II Burst of 4 SRAM
GS8342Q36E-167I GSI-GS8342Q36E-167I Datasheet
1Mb / 34P
   36Mb SigmaQuad-II Burst of 4 SRAM
GS8342Q36E-200 GSI-GS8342Q36E-200 Datasheet
1Mb / 34P
   36Mb SigmaQuad-II Burst of 4 SRAM
GS8342Q36E-200I GSI-GS8342Q36E-200I Datasheet
1Mb / 34P
   36Mb SigmaQuad-II Burst of 4 SRAM
GS8342Q36E-250 GSI-GS8342Q36E-250 Datasheet
1Mb / 34P
   36Mb SigmaQuad-II Burst of 4 SRAM
More results

Similar Description - GS8342Q36BD-333I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8342Q09BD-300I GSI-GS8342Q09BD-300I Datasheet
666Kb / 34P
   36Mb SigmaQuad-IITM Burst of 2 SRAM
GS8342D08BGD-250 GSI-GS8342D08BGD-250 Datasheet
580Kb / 34P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342D08BD-400 GSI-GS8342D08BD-400 Datasheet
580Kb / 34P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342T08 GSI-GS8342T08 Datasheet
494Kb / 35P
   36Mb SigmaDDR-IITM Burst of 2 SRAM
GS82582Q36GE-333I GSI-GS82582Q36GE-333I Datasheet
484Kb / 32P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582Q18E-250I GSI-GS82582Q18E-250I Datasheet
625Kb / 31P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS8182Q18BD-300M GSI-GS8182Q18BD-300M Datasheet
446Kb / 35P
   18Mb SigmaQuad-IITM Burst of 2 SRAM
GS8182Q36BGD-167 GSI-GS8182Q36BGD-167 Datasheet
738Kb / 36P
   18Mb SigmaQuad-IITM Burst of 2 SRAM
GS8342S08 GSI-GS8342S08 Datasheet
502Kb / 35P
   36Mb SigmaSIO DDR-IITM Burst of 2 SRAM
GS82582Q18GE-333I GSI-GS82582Q18GE-333I Datasheet
484Kb / 32P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com