Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8672D38BE-633I Datasheet(PDF) 4 Page - GSI Technology

Part # GS8672D38BE-633I
Description  72Mb SigmaQuad-IITM Burst of 4 ECCRAMTM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8672D38BE-633I Datasheet(HTML) 4 Page - GSI Technology

  GS8672D38BE-633I Datasheet HTML 1Page - GSI Technology GS8672D38BE-633I Datasheet HTML 2Page - GSI Technology GS8672D38BE-633I Datasheet HTML 3Page - GSI Technology GS8672D38BE-633I Datasheet HTML 4Page - GSI Technology GS8672D38BE-633I Datasheet HTML 5Page - GSI Technology GS8672D38BE-633I Datasheet HTML 6Page - GSI Technology GS8672D38BE-633I Datasheet HTML 7Page - GSI Technology GS8672D38BE-633I Datasheet HTML 8Page - GSI Technology GS8672D38BE-633I Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Pin Description Table
Symbol
Description
Type
Comments
SA
Synchronous Address Inputs
Input
R
Synchronous Read
Input
Active Low
W
Synchronous Write
Input
Active Low
BW0–BW3
Synchronous Byte Writes
Input
Active Low
K
Input Clock
Input
Active High
K
Input Clock
Input
Active Low
TMS
Test Mode Select
Input
TDI
Test Data Input
Input
TCK
Test Clock Input
Input
TDO
Test Data Output
Output
VREF
HSTL Input Reference Voltage
Input
ZQ
Output Impedance Matching Input
Input
Qn
Synchronous Data Outputs
Output
Dn
Synchronous Data Inputs
Input
Doff
Disable DLL when low
Input
Active Low
CQ
Output Echo Clock
Output
CQ
Output Echo Clock
Output
VDD
Power Supply
Supply
1.8 V Nominal
VDDQ
Isolated Output Buffer Supply
Supply
1.5 V Nominal
VSS
Power Supply: Ground
Supply
QVLD
Q Valid Output
Output
ODT
On-Die Termination
Input
NC
No Connect
NF
No Function
GS8672D20/38BE-633/550/500/450/400
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.03c 8/2017
4/30
© 2011, GSI Technology
Notes:
1. NC = Not Connected to die or any other pin
2. NF= No Function. There is an electrical connection to this input pin, but the signal has no function in the device. It can be left unconnected,
or tied to VSS or VDDQ.
3. K, or K cannot be set to VREF voltage.


Similar Part No. - GS8672D38BE-633I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8672D38BE-400I GSI-GS8672D38BE-400I Datasheet
483Kb / 30P
   72Mb SigmaQuad-IITM Burst of 4 ECCRAMTM
GS8672D38BE-500I GSI-GS8672D38BE-500I Datasheet
483Kb / 30P
   72Mb SigmaQuad-IITM Burst of 4 ECCRAMTM
GS8672D38BE-550I GSI-GS8672D38BE-550I Datasheet
483Kb / 30P
   72Mb SigmaQuad-IITM Burst of 4 ECCRAMTM
More results

Similar Description - GS8672D38BE-633I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8672D38BGE-633 GSI-GS8672D38BGE-633 Datasheet
483Kb / 30P
   72Mb SigmaQuad-IITM Burst of 4 ECCRAMTM
GS8672D20BE-550I GSI-GS8672D20BE-550I Datasheet
483Kb / 30P
   72Mb SigmaQuad-IITM Burst of 4 ECCRAMTM
GS8672D20BE-500I GSI-GS8672D20BE-500I Datasheet
483Kb / 30P
   72Mb SigmaQuad-IITM Burst of 4 ECCRAMTM
GS8672D38BGE-550 GSI-GS8672D38BGE-550 Datasheet
483Kb / 30P
   72Mb SigmaQuad-IITM Burst of 4 ECCRAMTM
GS8672D38BGE-550I GSI-GS8672D38BGE-550I Datasheet
483Kb / 30P
   72Mb SigmaQuad-IITM Burst of 4 ECCRAMTM
GS8672D20BGE-550I GSI-GS8672D20BGE-550I Datasheet
483Kb / 30P
   72Mb SigmaQuad-IITM Burst of 4 ECCRAMTM
GS8672D38BE-500I GSI-GS8672D38BE-500I Datasheet
483Kb / 30P
   72Mb SigmaQuad-IITM Burst of 4 ECCRAMTM
GS8672D20BGE-400 GSI-GS8672D20BGE-400 Datasheet
483Kb / 30P
   72Mb SigmaQuad-IITM Burst of 4 ECCRAMTM
GS8672D38BE-400I GSI-GS8672D38BE-400I Datasheet
483Kb / 30P
   72Mb SigmaQuad-IITM Burst of 4 ECCRAMTM
GS8672D38BE-550I GSI-GS8672D38BE-550I Datasheet
483Kb / 30P
   72Mb SigmaQuad-IITM Burst of 4 ECCRAMTM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com