Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5221CY-T7 Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL5221CY-T7
Description  Dual 12MHz Rail-to-Rail Input-Output Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5221CY-T7 Datasheet(HTML) 2 Page - Intersil Corporation

  EL5221CY-T7 Datasheet HTML 1Page - Intersil Corporation EL5221CY-T7 Datasheet HTML 2Page - Intersil Corporation EL5221CY-T7 Datasheet HTML 3Page - Intersil Corporation EL5221CY-T7 Datasheet HTML 4Page - Intersil Corporation EL5221CY-T7 Datasheet HTML 5Page - Intersil Corporation EL5221CY-T7 Datasheet HTML 6Page - Intersil Corporation EL5221CY-T7 Datasheet HTML 7Page - Intersil Corporation EL5221CY-T7 Datasheet HTML 8Page - Intersil Corporation EL5221CY-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage between VS+ and VS-. . . . . . . . . . . . . . . . . . . .+18V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . VS- - 0.5V, VS+ +0.5V
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . 30mA
Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . +125°C
Storage Temperature. . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
ESD Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VS+ = +5V, VS- = -5V, RL = 10kΩ and CL = 10pF to 0V, TA = 25°C unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
INPUT CHARACTERISTICS
VOS
Input Offset Voltage
VCM = 0V
2
12
mV
TCVOS
Average Offset Voltage Drift
(Note 1)
5
µV/°C
IB
Input Bias Current
VCM = 0V
2
50
nA
RIN
Input Impedance
1G
CIN
Input Capacitance
1.35
pF
AV
Voltage Gain
-4.5V
≤ V
OUT ≤ 4.5V
0.995
1.005
V/V
OUTPUT CHARACTERISTICS
VOL
Output Swing Low
IL = -5mA
-4.92
-4.85
V
VOH
Output Swing High
IL = 5mA
4.85
4.92
V
ISC
Short Circuit Current
Short to GND
±120
mA
POWER SUPPLY PERFORMANCE
PSRR
Power Supply Rejection Ratio
VS is moved from ±2.25V to ±7.75V
60
80
dB
IS
Supply Current (Per Buffer)
No load
500
750
µA
DYNAMIC PERFORMANCE
SR
Slew Rate (Note 2)
-4.0V
≤ VOUT ≤ 4.0V, 20% to 80%
7
10
V/µs
tS
Settling to +0.1%
VO = 2V step
500
ns
BW
-3dB Bandwidth
RL = 10kΩ, CL = 10pF
12
MHz
CS
Channel Separation
f = 5MHz
75
dB
NOTES:
1. Measured over the operating temperature range
2. Slew rate is measured on rising and falling edges
EL5221


Similar Part No. - EL5221CY-T7

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5221CY-T7 ELANTEC-EL5221CY-T7 Datasheet
263Kb / 13P
   Dual 12MHz Rail-to-Rail Input-Output Buffer
logo
Intersil Corporation
EL5221CY-T7 INTERSIL-EL5221CY-T7 Datasheet
218Kb / 13P
   Dual 12MHz Rail-to-Rail Input-Output Buffer
logo
Renesas Technology Corp
EL5221CY-T7 RENESAS-EL5221CY-T7 Datasheet
602Kb / 13P
   Dual 12MHz Rail-to-Rail Input-Output Buffer
More results

Similar Description - EL5221CY-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5221 RENESAS-EL5221 Datasheet
602Kb / 13P
   Dual 12MHz Rail-to-Rail Input-Output Buffer
logo
Elantec Semiconductor
EL5221C ELANTEC-EL5221C Datasheet
263Kb / 13P
   Dual 12MHz Rail-to-Rail Input-Output Buffer
logo
Intersil Corporation
EL5221 INTERSIL-EL5221_07 Datasheet
218Kb / 13P
   Dual 12MHz Rail-to-Rail Input-Output Buffer
EL5421T INTERSIL-EL5421T Datasheet
263Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
EL5421TIYZ INTERSIL-EL5421TIYZ Datasheet
260Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
logo
Renesas Technology Corp
EL5421T RENESAS-EL5421T Datasheet
678Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
logo
Intersil Corporation
EL5421 INTERSIL-EL5421_07 Datasheet
179Kb / 12P
   Quad 12MHz Rail-to-Rail Input-Output Buffer
logo
Elantec Semiconductor
EL5421C ELANTEC-EL5421C Datasheet
255Kb / 13P
   Quad 12MHz Rail-to-Rail Input-Output Buffer
logo
Intersil Corporation
EL5421 INTERSIL-EL5421 Datasheet
228Kb / 11P
   Quad 12MHz Rail-to-Rail Input-Output Buffer
logo
Renesas Technology Corp
EL5421 RENESAS-EL5421 Datasheet
569Kb / 12P
   Quad 12MHz Rail-to-Rail Input-Output Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com