Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7554IRE-T7 Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL7554IRE-T7
Description  Monolithic 4 Amp DC-DC Step-Down Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7554IRE-T7 Datasheet(HTML) 3 Page - Intersil Corporation

  EL7554IRE-T7 Datasheet HTML 1Page - Intersil Corporation EL7554IRE-T7 Datasheet HTML 2Page - Intersil Corporation EL7554IRE-T7 Datasheet HTML 3Page - Intersil Corporation EL7554IRE-T7 Datasheet HTML 4Page - Intersil Corporation EL7554IRE-T7 Datasheet HTML 5Page - Intersil Corporation EL7554IRE-T7 Datasheet HTML 6Page - Intersil Corporation EL7554IRE-T7 Datasheet HTML 7Page - Intersil Corporation EL7554IRE-T7 Datasheet HTML 8Page - Intersil Corporation EL7554IRE-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
FN7360.2
January 31, 2005
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are
at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings (TA = 25°C)
VIN, VDD to SGND. . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6.5V
VX to PGND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VIN +0.3V
SGND to PGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +0.3V
COMP, VREF, FB, VO, VTJ, TM,
SEL, PG, EN, STP, STN, COSC to SGND . . . . . -0.3V to VDD +0.3V
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +135°C
Ambient Operating Temperature . . . . . . . . . . . . . . . .-40°C to +85°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
DC Electrical Specifications
VDD = VIN = 3.3V, TA = TJ = 25°C, COSC = 390pF, Unless Otherwise Specified
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input Voltage Range
3
6
V
VREF
Reference Accuracy
1.24
1.26
1.28
V
VREFTC
Reference Temperature Coefficient
50
ppm/°C
VREFLOAD
Reference Load Regulation
0 < IREF < 50µA
-1
%
VRAMP
Oscillator Ramp Amplitude
1.15
V
IOSC_CHG
Oscillator Charge Current
0.1V < VOSC < 1.25V
200
µA
IOSC_DIS
Oscillator Discharge Current
0.1V < VOSC < 1.25V
8
mA
IVDD
VDD Supply Current
VEN = 1 (L disconnected)
2
2.7
5
mA
IVDD_OFF
VDD Standby Current
EN = 0
1
1.5
mA
VDD_OFF
VDD for Shutdown
2.4
2.65
V
VDD_ON
VDD for Startup
2.6
2.95
V
TOT
Over-temperature Threshold
135
°C
THYS
Over-temperature Hysteresis
20
°C
ILEAK
Internal FET Leakage Current
EN = 0, LX = 6V (low FET), LX = 0V (high FET)
10
µA
ILMAX
Peak Current Limit
6A
RDSON1
PFET On Resistance
35
70
m
RDSONTC2
NFET On Resistance
30
60
m
RDSONTC
RDSON Tempco
0.2
m
Ω/°C
ISTP
STP Pin Input Pull-down Current
VSTP = VIN/2
-4
2.5
µA
ISTN
STN Pin Input Pull-up Current
VSTN = VIN/2
2.5
4
µA
VPGP
Positive Power Good Threshold
With respect to target output voltage
6
14
%
VPGN
Negative Power Good Threshold
With respect to target output voltage
-14
-6
%
VPG_HI
Power Good Drive High
IPG = 1mA
2.6
V
VPG_LO
Power Good Drive Low
IPG = -1mA
0.5
V
VOVP
Output Over-voltage Protection
10
%
VFB
Output Initial Accuracy
ILOAD = 0A
0.79
0.8
0.81
V
VFB_LINE
Output Line Regulation
VIN = 3.3V, ∆VIN = 10%, ILOAD = 0A
0.2
0.5
%
GMEA
Error Amplifier Transconductance
VCC = 0.65V
85
125
165
µs
VFB_TC
Output Temperature Stability
0°C < TA < 85°C, ILOAD = 3A
±1
%
FS
Switching Frequency
300
370
440
kHz
IFB
Feedback Input Pull-up Current
VFB = 0V
100
200
nA
EL7554


Similar Part No. - EL7554IRE-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7554IRE-T7 INTERSIL-EL7554IRE-T7 Datasheet
404Kb / 14P
   Monolithic 4 Amp DC-DC Step-Down Regulator
More results

Similar Description - EL7554IRE-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7554 INTERSIL-EL7554_06 Datasheet
404Kb / 14P
   Monolithic 4 Amp DC-DC Step-Down Regulator
logo
Renesas Technology Corp
EL7564 RENESAS-EL7564 Datasheet
875Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
EL7563 RENESAS-EL7563 Datasheet
861Kb / 16P
   Monolithic 4 Amp DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7564 INTERSIL-EL7564 Datasheet
644Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
EL7566 INTERSIL-EL7566 Datasheet
490Kb / 14P
   Monolithic 6 Amp DC-DC Step-Down Regulator
EL7566 INTERSIL-EL7566_06 Datasheet
399Kb / 14P
   Monolithic 6A DC/DC Step-Down Regulator
logo
Renesas Technology Corp
EL7554 RENESAS-EL7554 Datasheet
732Kb / 14P
   Monolithic 4A DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7562 INTERSIL-EL7562 Datasheet
246Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
EL7562 INTERSIL-EL7562_06 Datasheet
162Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
logo
Renesas Technology Corp
EL7562 RENESAS-EL7562 Datasheet
470Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com