Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX584B39G Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # BZX584B39G
Description  100mW SURFACE MOUNT ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

BZX584B39G Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  BZX584B39G Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd BZX584B39G Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd BZX584B39G Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Approx. Weight: 0.005 grams
BZ X 584B2V4G-BZZ X 584B7 5G
Z ibo Seno Electronic Engineering Co., Ltd.
SOD-523
Dimensions in inch & mm
Case: SOD-523, Molded Plastic
Lead Free: For RoHS / Lead Free Version
100mW SURFACE MOUNT ZENER DIODE
Features
·
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Polarity: Cathode Band
·
Mechanical Data
Maximum Ratings
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 1)
Pd
100
mW
Forward Voltage @ IF = 10mA
VF
0.9
V
Thermal Resistance, Junction to Ambient Air (Note 2)
RqJA
625
K/W
Operating and Storage Temperature Range
Tj,TSTG
-55 to +150
°C
·
Planar Die Construction
·
Sealed Glass Case
·
Ideally Suited for Automated Insertion
·
2.4V - 43V Nominal Zener Voltages
@ TA = 25°C unless otherwise specified
1 of 3
www.senocn.com
·
NOTE: 1.DEVICE MOUNTED ON CERAMIC PCB:7.6mm x 9.4mm x 0.87mm WITH PAD AREAS 25mm2.
2.TESTED WITH PULSES,TP≦1.0ms.
. 0 5 1 ( 1 . 3 0 )
. 0 6 6 ( 1 . 7 0 )
. 0 5 8 ( 1 . 5 0 )
. 0 4 3 ( 1 . 1 0 )
. 0 0 6 ( 0 1 5 )
.
. 0 0 3 ( 0 0 8 )
.
CAT H ODE
3. f = 1KHZ
BZ X 584B2V4G-BZZ X 584B7 5G
Alldatasheet


Similar Part No. - BZX584B39G

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BZX584B39 JIANGSU-BZX584B39 Datasheet
1Mb / 5P
   ZENER DIODE
logo
Micro Commercial Compon...
BZX584B39 MCC-BZX584B39 Datasheet
509Kb / 4P
   Silicon 150 mWatt Zener Diodes
logo
DAESAN ELECTRONIC CORP.
BZX584B39 DAESAN-BZX584B39 Datasheet
260Kb / 3P
   ZENER DIODE
logo
Tak Cheong Electronics ...
BZX584B39V TAK_CHEONG-BZX584B39V Datasheet
279Kb / 5P
   200mW SOD-523 SURFACE MOUNT
More results

Similar Description - BZX584B39G

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BZX784B SECOS-BZX784B Datasheet
57Kb / 2P
   100mW, SOD-723 Surface Mount Zener Diodes
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com