Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3201 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # THS3201
Description  900-MHz, High-Power Output, Current Feedback Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3201 Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS3201 Datasheet HTML 4Page - Texas Instruments THS3201 Datasheet HTML 5Page - Texas Instruments THS3201 Datasheet HTML 6Page - Texas Instruments THS3201 Datasheet HTML 7Page - Texas Instruments THS3201 Datasheet HTML 8Page - Texas Instruments THS3201 Datasheet HTML 9Page - Texas Instruments THS3201 Datasheet HTML 10Page - Texas Instruments THS3201 Datasheet HTML 11Page - Texas Instruments THS3201 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
THS3491
SBOS875 – AUGUST 2017
www.ti.com
Product Folder Links: THS3491
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics: VS = ±7.5 V (continued)
at +VS = 7.5 V, –VS = –7.5 V, TA = 25°C, RLOAD = 100 Ω, noninverting gain = 5 V/V, and RGT package: RF = 576 Ω,
RG = 143 Ω, or DDA Package: RF = 798 Ω, RG = 200 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEST
LEVEL
POWER DOWN
Allowed REF pin voltage range
REF pin can be floated. PD pin must be
floated or held above REF pin. If REF is
tied to +VS, the device is enabled with PD
floating. Range is –VS to (+VS – 5 V)
–7.5
2.5
V
C
Recommended REF pin voltage
For bipolar supplies, normally ground REF
pin
0
V
C
REF pin current to ground
REF = 0 V, PD floated, positive out of the
pin
35
37
52
µA
A
VIL
Disable voltage threshold
PD below REF pin voltage turns amplifier
off, PD within 0.8 V of REF is off,
REF pin = 0 V
0.8
V
A
VIH
Enable voltage threshold
PD above REF pin voltage turns amplifier
on, PD > 1.6 V above REF is on,
REF pin = 0 V
1.6
V
A
PD pin low-input bias current
PD = REF = gnd, positive out of the pin
17
21
25
µA
A
PD pin high-input bias current
PD = REF + 3 V, REF = ground, positive
out of the pin
–1
2
1
µA
A
+VS Disabled supply current
600
700
850
µA
A
–VS Disabled supply current
550
642
770
µA
A
JUNCTION-TEMPERATURE SENSE, Tj-sense (QFN-16 only, pin 6)
TJ-sense temperature coefficient TJ = 0°C to 125°C
2.9
3
3.3
mV/°C
B
TJ-sense input impedance
Internally connected to REF pin
32.4
35
38
A
TJ-sense 25°C value
Device disabled (22°C to 32°C ATE
ambient temperature)
0.915
1.06
1.15
V
A


Similar Part No. - THS3201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3201 TI-THS3201 Datasheet
754Kb / 29P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
THS3201 TI1-THS3201 Datasheet
1Mb / 40P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT-FEEDBACK AMPLIFIER
THS3201-EP TI1-THS3201-EP Datasheet
882Kb / 32P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
THS3201-EP TI1-THS3201-EP Datasheet
1Mb / 34P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
THS3201-EP TI1-THS3201-EP_14 Datasheet
1Mb / 34P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
More results

Similar Description - THS3201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3491 TI-THS3491_V01 Datasheet
3Mb / 53P
[Old version datasheet]   THS3491 900-MHz, 500-mA High-Power Output Current Feedback Amplifier
REVISED FEBRUARY 2023
logo
Analog Devices
AD8011ARZ-REEL AD-AD8011ARZ-REEL Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011ANZ AD-AD8011ANZ Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
logo
Elantec Semiconductor
EL2030 ELANTEC-EL2030 Datasheet
408Kb / 16P
   120 MHz Current Feedback Amplifier
logo
Texas Instruments
THS3001IDR TI-THS3001IDR Datasheet
943Kb / 39P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIER
logo
Elantec Semiconductor
EL2020D ELANTEC-EL2020D Datasheet
422Kb / 2P
   50 MHz Current Feedback Amplifier
EL2020C ELANTEC-EL2020C Datasheet
409Kb / 20P
   50 MHz Current Feedback Amplifier
EL2130C ELANTEC-EL2130C Datasheet
230Kb / 8P
   85 MHz Current Feedback Amplifier
logo
Analog Devices
AD8011 AD-AD8011_03 Datasheet
267Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
logo
Elantec Semiconductor
EL2120C ELANTEC-EL2120C Datasheet
354Kb / 12P
   100 MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com