Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3491IRGTT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # THS3491IRGTT
Description  900-MHz, High-Power Output, Current Feedback Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3491IRGTT Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS3491IRGTT Datasheet HTML 3Page - Texas Instruments THS3491IRGTT Datasheet HTML 4Page - Texas Instruments THS3491IRGTT Datasheet HTML 5Page - Texas Instruments THS3491IRGTT Datasheet HTML 6Page - Texas Instruments THS3491IRGTT Datasheet HTML 7Page - Texas Instruments THS3491IRGTT Datasheet HTML 8Page - Texas Instruments THS3491IRGTT Datasheet HTML 9Page - Texas Instruments THS3491IRGTT Datasheet HTML 10Page - Texas Instruments THS3491IRGTT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
THS3491
www.ti.com
SBOS875 – AUGUST 2017
Product Folder Links: THS3491
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics: VS = ±15 V (continued)
at +VS = 15 V, –VS = –15 V, TA = 25°C, RLOAD = 100 Ω, noninverting gain = 5 V/V, and RGT package: RF = 576 Ω,
RG = 143 Ω, or DDA package: RF = 798 Ω, RG = 200 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEST
LEVEL
JUNCTION-TEMPERATURE SENSE, Tj-sense (QFN-16 only, pin 6)
TJ-sense 25°C value
Device disabled (22°C to 32°C ATE
ambient temperature)
0.915
1.06
1.15
V
A
TJ-sense temperature coefficient TJ = 0°C to 125°C
2.9
3
3.3
mV/°C
B
TJ-sense input impedance
Internally connected to REF pin
32.4
35
38
A
7.6 Electrical Characteristics: VS = ±7.5 V
at +VS = 7.5 V, –VS = –7.5 V, TA = 25°C, RLOAD = 100 Ω, noninverting gain = 5 V/V, and RGT package: RF = 576 Ω,
RG = 143 Ω, or DDA Package: RF = 798 Ω, RG = 200 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEST
LEVEL
AC PERFORMANCE
SSBW
Small-signal bandwidth
VO = 2 VPP, < 0.5-dB peaking
800
MHz
C
LSBW
Large-signal bandwidth
VO = 5 VPP, < 1-dB peaking
550
MHz
C
SR
Slew rate (10%-90%)
VO = 10 VPP
6000
V/µs
C
HD2
Second-order harmonic
distortion
f = 20 MHz, RLOAD = 100 Ω, VO = 5 VPP
–76
dBc
C
HD3
Third-order harmonic distortion
f = 20 MHz, RLOAD = 100 Ω, VO = 5 VPP
–82
dBc
C
en
Input-referred voltage noise
f > 10 kHz
1.7
nV/
√Hz
C
eip
Noninverting, input-referred
current noise
f > 10 kHz
15
pA/
√Hz
C
ein
Inverting, input-referred current
noise
f > 10 kHz
20
pA/
√Hz
C
ZOUT
Close-loop output impedance
f = 50 MHz
1
Ω
C
DC PERFORMANCE
ZOL
Open-loop transimpedance gain
VO = ±5 V, RLOAD = 500 Ω
8
14
A
VOS
Input offset voltage
–1.0
1
2
mV
A
VOS
drift
Input offset-voltage drift
–40°C
≤ TJ ≤ +125°C
3
µV/°C
B
Ib+
Noninverting input bias current
–5
1.5
5
µA
A
Ib+ drift
Noninverting input bias-current
drift
–40°C
≤ TJ ≤ +125°C
15
nA/°C
B
Ib-
Inverting input bias current
–15
4
15
µA
A
Ib- drift
Inverting input bias-current drift
–40°C
≤ TJ ≤ +125°C
15
nA/°C
B
INPUT
ZIN+
Noninverting input impedance
Closed-loop measurement
50
C
ZIN-
Inverting input impedance
Open-loop measurement
15
Ω
C
HRIN
Headroom to either supply
CMRR > 60 dB
4.1
4.3
V
C
OUTPUT
HROUT
Headroom to either supply
RLOAD = 100 Ω
1.3
1.5
1.7
V
A
Linear output current
RLOAD = 24 Ω, VO = ±5 V, ZOL > 1M Ω,
Bipolar each polarity
200
250
mA
A
POWER SUPPLY
IQ
Quiescent current
No load
15.4
15.8
16.4
mA
A


Similar Part No. - THS3491IRGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3491IRGTT TI-THS3491IRGTT Datasheet
3Mb / 53P
[Old version datasheet]   THS3491 900-MHz, 500-mA High-Power Output Current Feedback Amplifier
REVISED FEBRUARY 2023
More results

Similar Description - THS3491IRGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3491 TI-THS3491_V01 Datasheet
3Mb / 53P
[Old version datasheet]   THS3491 900-MHz, 500-mA High-Power Output Current Feedback Amplifier
REVISED FEBRUARY 2023
logo
Analog Devices
AD8011ARZ-REEL AD-AD8011ARZ-REEL Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011ANZ AD-AD8011ANZ Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
logo
Elantec Semiconductor
EL2030 ELANTEC-EL2030 Datasheet
408Kb / 16P
   120 MHz Current Feedback Amplifier
logo
Texas Instruments
THS3001IDR TI-THS3001IDR Datasheet
943Kb / 39P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIER
logo
Elantec Semiconductor
EL2020D ELANTEC-EL2020D Datasheet
422Kb / 2P
   50 MHz Current Feedback Amplifier
EL2020C ELANTEC-EL2020C Datasheet
409Kb / 20P
   50 MHz Current Feedback Amplifier
EL2130C ELANTEC-EL2130C Datasheet
230Kb / 8P
   85 MHz Current Feedback Amplifier
logo
Analog Devices
AD8011 AD-AD8011_03 Datasheet
267Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
logo
Elantec Semiconductor
EL2120C ELANTEC-EL2120C Datasheet
354Kb / 12P
   100 MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com