Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP1G125YZTR Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74AUP1G125YZTR
Description  Low-Power Single Bus Buffer Gate With 3-State Output
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G125YZTR Datasheet(HTML) 5 Page - Texas Instruments

  SN74AUP1G125YZTR Datasheet HTML 1Page - Texas Instruments SN74AUP1G125YZTR Datasheet HTML 2Page - Texas Instruments SN74AUP1G125YZTR Datasheet HTML 3Page - Texas Instruments SN74AUP1G125YZTR Datasheet HTML 4Page - Texas Instruments SN74AUP1G125YZTR Datasheet HTML 5Page - Texas Instruments SN74AUP1G125YZTR Datasheet HTML 6Page - Texas Instruments SN74AUP1G125YZTR Datasheet HTML 7Page - Texas Instruments SN74AUP1G125YZTR Datasheet HTML 8Page - Texas Instruments SN74AUP1G125YZTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
5
SN74AUP1G125
www.ti.com
SCES595N – JULY 2004 – REVISED JULY 2017
Product Folder Links: SN74AUP1G125
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. See the TI application report,
Implications of Slow of Floating CMOS Inputs, SCBA004.
6.3 Recommended Operating Conditions
See
(1)
MIN
MAX
UNIT
VCC
Supply voltage
0.8
3.6
V
VIH
High-level input voltage
VCC = 0.8 V
VCC
3.6
V
VCC = 1.1 V to 1.95 V
0.65 × VCC
3.6
VCC = 2.3 V to 2.7 V
1.6
3.6
VCC = 3 V to 3.6 V
2
3.6
VIL
Low-level input voltage
VCC = 0.8 V
0
V
VCC = 1.1 V to 1.95 V
0
0.35 × VCC
VCC = 2.3 V to 2.7 V
0
0.7
VCC = 3 V to 3.6 V
0
0.9
VO
Output voltage
Active state
0
VCC
V
3-state
0
3.6
IOH
High-level output current
VCC = 0.8 V
–20
µA
VCC = 1.1 V
–1.1
mA
VCC = 1.4 V
–1.7
VCC = 1.65 V
–1.9
VCC = 2.3 V
–3.1
VCC = 3 V
–4
IOL
Low-level output current
VCC = 0.8 V
20
µA
VCC = 1.1 V
1.1
mA
VCC = 1.4 V
1.7
VCC = 1.65 V
1.9
VCC = 2.3 V
3.1
VCC = 3 V
4
Δt/Δv
Input transition rise or fall rate
VCC = 0.8 V to 3.6 V
200
ns/V
TA
Operating free-air temperature
–40
85
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
SN74AUP1G125
UNIT
DCK
(SC70)
DBV
(SOT-23)
DRL
(SOT)
DRY
(SON)
DSF
(SON)
YFP
(DSBGA)
YZP
(DSBGA)
DPW
(X2SON)
5 PINS
5 PINS
5 PINS
6 PINS
6 PINS
6 PINS
5 PINS
5 PINS
RθJA
Junction-to-
ambient thermal
resistance
303.6
230.5
295.1
342.1
377.1
125.4
146.2
504.3
°C/W
RθJC(top)
Junction-to-case
(top) thermal
resistance
203.8
172.7
131.0
233.1
187.7
1.9
1.4
234.9
°C/W
RθJB
Junction-to-board
thermal resistance
100.9
62.2
143.9
206.7
236.6
37.2
39.3
370.3
°C/W
ψθJt
Junction-to-top
characterization
parameter
76.1
49.3
14.7
63.4
29.0
0.5
0.7
44.5
°C/W
ψθJB
Junction-to-board
characterization
parameter
99.3
61.6
144.4
206.7
236.3
37.5
39.8
369.7
°C/W
RθJC(bot)
Junction-to-case
(bottom) thermal
resistance
N/A
N/A
N/A
N/A
N/A
N/A
N/A
165.2
°C/W


Similar Part No. - SN74AUP1G125YZTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G125YZTR TI1-SN74AUP1G125YZTR Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125YZTR TI1-SN74AUP1G125YZTR Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125YZTR TI1-SN74AUP1G125YZTR Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
More results

Similar Description - SN74AUP1G125YZTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G126 TI1-SN74AUP1G126_17 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125 TI1-SN74AUP1G125_17 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125YZTR TI1-SN74AUP1G125YZTR Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125 TI-SN74AUP1G125_10 Datasheet
976Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G126 TI-SN74AUP1G126_10 Datasheet
1,023Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125 TI-SN74AUP1G125 Datasheet
302Kb / 15P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125_101 TI-SN74AUP1G125_101 Datasheet
977Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G126 TI1-SN74AUP1G126_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125 TI1-SN74AUP1G125_15 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
84Kb / 6P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com