Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSKS5400S Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSKS5400S
Description  Infrared Emitting Diode, 950 nm, GaAs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSKS5400S Datasheet(HTML) 2 Page - Vishay Siliconix

  TSKS5400S_13 Datasheet HTML 1Page - Vishay Siliconix TSKS5400S_13 Datasheet HTML 2Page - Vishay Siliconix TSKS5400S_13 Datasheet HTML 3Page - Vishay Siliconix TSKS5400S_13 Datasheet HTML 4Page - Vishay Siliconix TSKS5400S_13 Datasheet HTML 5Page - Vishay Siliconix TSKS5400S_13 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TSKS5400S
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 03-Sep-13
2
Document Number: 81074
For technical questions, contact: emittertechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Power Dissipation Limit vs. Ambient Temperature
Fig. 2 - Forward Current Limit vs. Ambient Temperature
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 3 - Pulse Forward Current vs. Forward Voltage
Fig. 4 - Forward Voltage vs. Ambient Temperature
0
20
40
60
80
100
120
140
160
180
0
1020
3040506070
8090100
21321
T
amb - Ambient Temperature (°C)
R
thJA = 270 K/W
0
20
40
60
80
100
120
0
10
203040
50607080
90 100
T
amb - Ambient Temperature (°C)
21322
R
thJA = 270 K/W
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 100 mA, tp
≤ 20 ms
VF
1.3
1.7
V
Reverse voltage
IR = 10 μA
VR
6V
Temperature coefficient of VF
IF = 100 mA
TKVF
- 1.3
mV/K
Junction capacitance
VR = 0 V, f = 1 MHz, E = 0
Cj
50
pF
Radiant intensity
IF = 100 mA, tp
≤ 20 ms
Ie
24.5
7
mW/sr
Radiant power
IF = 50 mA, tp
≤ 20 ms
φe
10
mW
Temperature coefficient of
φe
IF = 50 mA
TK
φe
- 1.0
%/K
Angle of half sensitivity
ϕ
± 30
deg
Peak wavelength
IF = 50 mA
λp
950
nm
Spectral bandwidth
IF = 50 mA
Δλ
50
nm
Rise time
IF = 100 mA
tr
800
ns
IF = 1 A, tp/T = 0.01, tp
≤ 10 μs
tr
450
ns
94 7996
10 1
10 0
10 2
10 3
10 4
10-1
4
3
2
1
0
VF - Forward Voltage (V)
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
-45 -30 -15
15
0
3045
607590
14347
IF = 10 mA
Tamb - Ambient Temperature (°C)


Similar Part No. - TSKS5400S_13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSKS5400S-ASZ VISHAY-TSKS5400S-ASZ Datasheet
107Kb / 6P
   GaAs Infrared Emitting Diode in Side View Package
Rev. 1, 30-Apr-02
TSKS5400S VISHAY-TSKS5400S_08 Datasheet
114Kb / 6P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
Rev. 1.6, 05-Sep-08
TSKS5400S VISHAY-TSKS5400S_V01 Datasheet
110Kb / 6P
   Infrared Emitting Diode, 950 nm, GaAs
01-Jan-2022
More results

Similar Description - TSKS5400S_13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSUS4300 VISHAY-TSUS4300_15 Datasheet
110Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 1.9, 20-Oct-15
TSKS5400 VISHAY-TSKS5400_13 Datasheet
144Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 2.4, 03-Sep-13
CQY37N VISHAY-CQY37N_V01 Datasheet
281Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
01-Jan-2022
TSUS5200 VISHAY-TSUS5200_09 Datasheet
112Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 2.2, 29-Jun-09
TSUS6202 VISHAY-TSUS6202 Datasheet
109Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 1.0, 29-Sep-15
TSUS5200 VISHAY-TSUS5200_11 Datasheet
109Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 2.3, 24-Aug-11
TSUS4400 VISHAY-TSUS4400_V01 Datasheet
113Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
01-Jan-2021
CQY37N VISHAY-CQY37N_11 Datasheet
278Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 1.7, 08-Mar-11
TSUS3400 VISHAY-TSUS3400 Datasheet
108Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 1.5, 25-Aug-11
TSUS5400 VISHAY-TSUS5400_11 Datasheet
111Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 1.8, 24-Aug-11
TSSS2600 VISHAY-TSSS2600_11 Datasheet
108Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 1.7, 24-Aug-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com