Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSUSB22MTC Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FSUSB22MTC
Description  Low Voltage Ultra Low Power USB High Speed (480 Mbps) Dual DPDT Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB22MTC Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FSUSB22MTC Datasheet HTML 1Page - Fairchild Semiconductor FSUSB22MTC Datasheet HTML 2Page - Fairchild Semiconductor FSUSB22MTC Datasheet HTML 3Page - Fairchild Semiconductor FSUSB22MTC Datasheet HTML 4Page - Fairchild Semiconductor FSUSB22MTC Datasheet HTML 5Page - Fairchild Semiconductor FSUSB22MTC Datasheet HTML 6Page - Fairchild Semiconductor FSUSB22MTC Datasheet HTML 7Page - Fairchild Semiconductor FSUSB22MTC Datasheet HTML 8Page - Fairchild Semiconductor FSUSB22MTC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
www.fairchildsemi.com
FIGURE 2. OFF Isolation
FIGURE 3. Crosstalk
FIGURE 4. RON


Similar Part No. - FSUSB22MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB22MTC FAIRCHILD-FSUSB22MTC Datasheet
833Kb / 11P
   Low Power 2 Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB22MTC FAIRCHILD-FSUSB22MTC Datasheet
552Kb / 12P
   Low-Power, 2-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB22MTCX FAIRCHILD-FSUSB22MTCX Datasheet
552Kb / 12P
   Low-Power, 2-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB22MTCX_NL FAIRCHILD-FSUSB22MTCX_NL Datasheet
833Kb / 11P
   Low Power 2 Port Hi-Speed USB 2.0 (480Mbps) Switch
More results

Similar Description - FSUSB22MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB20 FAIRCHILD-FSUSB20 Datasheet
720Kb / 11P
   Low Voltage Ultra Low Power USB High Speed (480 Mbps) Dual DPDT Switch
logo
Alpha & Omega Semicondu...
AOZ6186 AOSMD-AOZ6186 Datasheet
518Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switch
AOZ6184 AOSMD-AOZ6184 Datasheet
530Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switch
logo
Savitech Corp.
SV7030 SAVITECH-SV7030 Datasheet
216Kb / 9P
   Low Power, Low Attenuation, High-Speed USB 2.0 (480 Mbps) Switch
logo
Union Semiconductor, In...
UM7222 UNIONSEMI-UM7222 Datasheet
200Kb / 10P
   High-Speed USB2.0 (480 Mbps) DPDT Switch
UM7222MA UNIONSEMI-UM7222MA Datasheet
273Kb / 12P
   High-Speed USB2.0 (480 Mbps) DPDT Switch
logo
ON Semiconductor
NLAS7222BMUTAG ONSEMI-NLAS7222BMUTAG Datasheet
177Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
June, 2011 ??Rev. 5
NL3S2223 ONSEMI-NL3S2223 Datasheet
372Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
August, 2016 ??Rev. P0
NLAS7222B ONSEMI-NLAS7222B Datasheet
816Kb / 9P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
August, 2007 - Rev. 1
NLAS7223C ONSEMI-NLAS7223C Datasheet
413Kb / 9P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
October, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com