Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5250IY-T13 Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL5250IY-T13
Description  200MHz Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5250IY-T13 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL5250IY-T13 Datasheet HTML 4Page - Intersil Corporation EL5250IY-T13 Datasheet HTML 5Page - Intersil Corporation EL5250IY-T13 Datasheet HTML 6Page - Intersil Corporation EL5250IY-T13 Datasheet HTML 7Page - Intersil Corporation EL5250IY-T13 Datasheet HTML 8Page - Intersil Corporation EL5250IY-T13 Datasheet HTML 9Page - Intersil Corporation EL5250IY-T13 Datasheet HTML 10Page - Intersil Corporation EL5250IY-T13 Datasheet HTML 11Page - Intersil Corporation EL5250IY-T13 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
FN7384.4
February 14, 2005
FIGURE 21. CMRR
FIGURE 22. GROUP DELAY
FIGURE 23. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 24. VOLTAGE + CURRENT NOISE vs FREQUENCY
FIGURE 25. DISTORTION vs OUTPUT AMPLITUDE
FIGURE 26. SLEW RATE vs POWER SUPPLY
Typical Performance Curves (Continued)
100
100M
1K
1M
0
20
40
60
100
FREQUENCY (Hz)
80
100K
10M
AV=+2
10K
1M
600M
100M
2500
1500
500
-500
-2500
FREQUENCY (Hz)
-1500
AV=+1
RL=500Ω
CL=5pF
10M
AV=+1
RL=500Ω
CL=5pF
15
1.5
4
3
2.5
2
1
0
SUPPLY VOLTAGE (V)
0.5
34.5
23.5
2.5
1.5
100
100K
10K
100
10
1
0.1
FREQUENCY (Hz)
1K
AV=+1
RL=500Ω
CL=2.2pF
FREQ=1.9MHz
09
16
90
70
30
0
OUTPUT SWING (VP-P)
10
47
25
3
50
8
80
60
20
40
2ND HD
3RD HD
2.2
6.2
2.7
4.7
105
85
70
SPLIT POWER SUPPLY (V)
75
3.7
5.2
4.2
3.2
95
5.7
100
80
90
EL5150, EL5151, EL5250, EL5251, EL5451


Similar Part No. - EL5250IY-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5250IY-T13 INTERSIL-EL5250IY-T13 Datasheet
726Kb / 18P
   200MHz Amplifiers
EL5250IY-T13 INTERSIL-EL5250IY-T13 Datasheet
404Kb / 18P
   200MHz Amplifiers
logo
Renesas Technology Corp
EL5250IY-T13 RENESAS-EL5250IY-T13 Datasheet
890Kb / 18P
   200MHz Amplifiers
More results

Similar Description - EL5250IY-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5150 RENESAS-EL5150 Datasheet
890Kb / 18P
   200MHz Amplifiers
logo
Intersil Corporation
EL5150 INTERSIL-EL5150_06 Datasheet
726Kb / 18P
   200MHz Amplifiers
EL5150 INTERSIL-EL5150_08 Datasheet
404Kb / 18P
   200MHz Amplifiers
EL8200 INTERSIL-EL8200 Datasheet
1Mb / 15P
   200MHz Rail-to-Rail Amplifiers
EL8100 INTERSIL-EL8100_07 Datasheet
343Kb / 13P
   200MHz Rail-to-Rail Amplifiers
EL8100 INTERSIL-EL8100 Datasheet
564Kb / 14P
   200MHz Rail-to-Rail Amplifiers
EL8200 INTERSIL-EL8200_07 Datasheet
395Kb / 15P
   200MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8200 RENESAS-EL8200 Datasheet
830Kb / 16P
   200MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8100ISZ INTERSIL-EL8100ISZ Datasheet
561Kb / 14P
   200MHz Rail-to-Rail Amplifiers
September 14, 2010
EL8200 INTERSIL-EL8200_06 Datasheet
726Kb / 15P
   200MHz Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com