Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD12-15D5 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FDD12-15D5
Description  DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FDD12-15D5 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FDD12-15D5 Datasheet HTML 1Page - List of Unclassifed Manufacturers FDD12-15D5 Datasheet HTML 2Page - List of Unclassifed Manufacturers FDD12-15D5 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DC-DC CONVERTER
FDD12 SERIES
10 ~ 12W
CHINFA ELECTRONICS IND., CO. LTD.
ISO 9001 Certified
www.chinfa.com
sales@chinfa.com
SPECIFICATION
All Specifications Typical At Nominal Line, Full Load, 25
Unless Otherwise Noticed
GENERAL SPECIFICATION
* Switching frequency: .........................
* Isolation voltage: ..............................
* Isolation resistance: ..........................
* Operating ambient temperature: .........
* Storage temperature: ........................
* Max. Case temperature: .....................
* M.T.B.F.: ..........................................
* Cooling: ............................................
* Transient recovery time: .....................
* Temperature coefficient: .....................
* Dimension: .......................................
200KHz (typ.)
1,500VDC
100M Ω(min.)
-25 to +71℃
-40 to +100℃
100℃
661,000Hrs at @ GF40, according to MIL-HDBK-217F
Free air convection
500µS, 25% load step change
±0.02% / ℃
50.8 x 50.8 x 12mm
INPUT SPECIFICATIONS
* Input voltage range : ..........................
* Input filter: .......................................
* No load input current: .........................
* Max. Input voltage: ............................
10 ~ 36VDC for 24V
18 ~ 72VDC for 48V
Pi type
20mA for 24V in
15mA for 48V in
40VDC for 24V in
75VDC for 48V in
OUTPUT SPECIFICATIONS
* Output voltage accuracy: ...................
* Minimum load: ..................................
* Line regulation: ................................
* Load regulation: ...............................
* Ripple & noise: .................................
* Efficiency: ........................................
* Derating: .........................................
* Case material: ..................................
±2% at Vo_nom
No load for single output models
±20% at Vo_nom for dual output models
±1% at Vo_nom
±2% at Vo_nom for single output models
±5% at Vo_nom for dual output models
±1% Vout
100mV (max.) for 3.3 Vout
Up to 77%, see model list
See table 1
Metal
CONTROL AND PROTECTION
* Input reversed: .................................
* Output short circuit: ..........................
Shunt diode use external fuse
Continuous


Similar Part No. - FDD12-15D5

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
FDD12-15D5 CHINFA-FDD12-15D5 Datasheet
346Kb / 8P
   DC - DC CONVERTER 10 ~ 12W SINGLE & DUAL OUTPUT
FDD12-15D5 CHINFA-FDD12-15D5 Datasheet
294Kb / 8P
   DC - DC CONVERTER 10 ~ 12W SINGLE & DUAL OUTPUT
More results

Similar Description - FDD12-15D5

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com