Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV62568 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62568
Description  1-A High Efficiency Synchronous Buck Converter in SOT Package
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV62568 Datasheet(HTML) 5 Page - Texas Instruments

  TLV62568 Datasheet HTML 1Page - Texas Instruments TLV62568 Datasheet HTML 2Page - Texas Instruments TLV62568 Datasheet HTML 3Page - Texas Instruments TLV62568 Datasheet HTML 4Page - Texas Instruments TLV62568 Datasheet HTML 5Page - Texas Instruments TLV62568 Datasheet HTML 6Page - Texas Instruments TLV62568 Datasheet HTML 7Page - Texas Instruments TLV62568 Datasheet HTML 8Page - Texas Instruments TLV62568 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5
TLV62568, TLV62568P
www.ti.com
SLVSD89A – NOVEMBER 2016 – REVISED APRIL 2017
Product Folder Links: TLV62568 TLV62568P
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
6.5
Electrical Characteristics
VIN = 5.0 V, TJ = 25°C, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
IQ
Quiescent current into VIN pin
Not switching
35
uA
ISD
Shutdown current into VIN pin
EN = 0 V
0.1
2
µA
VUVLO
Under voltage lock out
VIN falling
2.3
2.45
V
Under voltage lock out hysteresis
100
mV
TJSD
Thermal shutdown threshold
Junction temperature rising
150
°C
Junction temperature falling
130
LOGIC INTERFACE
VIH
High-level input voltage at EN pin
2.5 V
≤ VIN ≤ 5.5 V
1.2
0.95
V
VIL
Low-level input voltage at EN pin
2.5 V
≤ VIN ≤ 5.5 V
0.85
0.4
V
tSS
Soft startup time
TLV62568DBV
700
µs
TLV62568DRL, TLV62568PDRL
900
VPG
Power good threshold, TLV62568P
VFB rising, referenced to VFB nominal
95%
VFB falling, referenced to VFB nominal
90%
VPG,OL
Power good low-level output voltage
ISINK = 1 mA
0.4
V
IPG,LKG
Input leakage current into PG pin
VPG = 5.0 V
0.01
µA
tPG,DLY
Power good delay time
VFB falling
40
µs
OUTPUT
VFB
Feedback regulation voltage
0.588
0.6
0.612
V
RDS(on)
High-side FET on resistance
150
m
Low-side FET on resistance
100
ILIM
High-side FET current limit
1.5
A
fSW
Switching frequency
VOUT = 1.8 V
1.5
MHz


Similar Part No. - TLV62568

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62568 TI1-TLV62568 Datasheet
725Kb / 21P
[Old version datasheet]   1-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62568A TI1-TLV62568A Datasheet
1Mb / 22P
[Old version datasheet]   1-, 2-A Step Down Converter with Forced PWM Feature in SOT563 Package
TLV62568ADRL TI1-TLV62568ADRL Datasheet
1Mb / 22P
[Old version datasheet]   1-, 2-A Step Down Converter with Forced PWM Feature in SOT563 Package
TLV62568ADRLR TI1-TLV62568ADRLR Datasheet
1Mb / 22P
[Old version datasheet]   1-, 2-A Step Down Converter with Forced PWM Feature in SOT563 Package
TLV62568ADRLT TI1-TLV62568ADRLT Datasheet
1Mb / 22P
[Old version datasheet]   1-, 2-A Step Down Converter with Forced PWM Feature in SOT563 Package
More results

Similar Description - TLV62568

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62568 TI1-TLV62568 Datasheet
725Kb / 21P
[Old version datasheet]   1-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569_017 TI1-TLV62569_017 Datasheet
1Mb / 24P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569_0017 TI1-TLV62569_0017 Datasheet
1Mb / 25P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569 TI1-TLV62569_17 Datasheet
1Mb / 23P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569 TI1-TLV62569 Datasheet
648Kb / 19P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TPS62A01 TI-TPS62A01_V01 Datasheet
1Mb / 21P
[Old version datasheet]   TPS62A01/TPS62A01A, 1-A High-Efficiency Synchronous Buck Converter in a SOT-5X3 Package
MARCH 2022
TPS62A01 TI-TPS62A01_V02 Datasheet
1Mb / 21P
[Old version datasheet]   TPS62A01/TPS62A01A, 1-A High-Efficiency Synchronous Buck Converter in a SOT-5X3 Package
MARCH 2022
TPS62A01 TI-TPS62A01 Datasheet
1Mb / 20P
[Old version datasheet]   TPS62A01/TPS62A01A, 1-A High-Efficiency Synchronous Buck Converter in a SOT563 Package
DECEMBER 2021
TPS62A06 TI-TPS62A06_V01 Datasheet
1Mb / 23P
[Old version datasheet]   TPS62A06x, 6-A, High-Efficiency, Synchronous Buck Converter in a SOT563 Package
REVISED JUNE 2023
TPS62A06 TI1-TPS62A06_V02 Datasheet
1Mb / 23P
[Old version datasheet]   TPS62A06x, 6-A, High-Efficiency, Synchronous Buck Converter in a SOT563 Package
REVISED JUNE 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com