Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV74227PDQNR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV74227PDQNR
Description  200-mA, Small Size, Low-Dropout Linear Voltage Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV74227PDQNR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV74227PDQNR Datasheet HTML 7Page - Texas Instruments TLV74227PDQNR Datasheet HTML 8Page - Texas Instruments TLV74227PDQNR Datasheet HTML 9Page - Texas Instruments TLV74227PDQNR Datasheet HTML 10Page - Texas Instruments TLV74227PDQNR Datasheet HTML 11Page - Texas Instruments TLV74227PDQNR Datasheet HTML 12Page - Texas Instruments TLV74227PDQNR Datasheet HTML 13Page - Texas Instruments TLV74227PDQNR Datasheet HTML 14Page - Texas Instruments TLV74227PDQNR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Time (100 s/div)
m
V
IN
V
OUT
Time (100 s/div)
m
V
IN
V
OUT
Time (100 s/div)
m
V
IN
V
OUT
Time (100 s/div)
m
V
IN
V
OUT
Time (100 s/div)
m
50 mA
100 mA
V
OUT
I
OUT
Time (100 s/div)
m
1 mA
150 mA
V
OUT
I
OUT
11
TLV742P
www.ti.com
SBVS323 – SEPTEMBER 2017
Product Folder Links: TLV742P
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
at TJ = –40°C to +85°C, VIN = VOUT(NOM) + 0.5 V or 2 V (whichever is greater), IOUT = 10 mA, VEN = VIN, and COUT = 1 µF
Typical values are at TJ = 25°C, (unless otherwise noted)
VOUT = 2.8 V
Figure 31. Load Transient Response
VOUT = 2.8 V
Figure 32. Load Transient Response
VOUT = 1.2 V, IOUT = 150 mA
Figure 33. Line Transient Response
VOUT = 1.2 V, IOUT = 200 mA
Figure 34. Line Transient Response
VOUT = 1.2 V, IOUT = 150 mA
Figure 35. Line Transient Response
VOUT = 1.2 V, IOUT = 200 mA
Figure 36. Line Transient Response


Similar Part No. - TLV74227PDQNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV74227PDQNR TI1-TLV74227PDQNR Datasheet
538Kb / 26P
[Old version datasheet]   200-mA, Small Size, Low-Dropout Linear Voltage Regulator
More results

Similar Description - TLV74227PDQNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV742P TI1-TLV742P_18 Datasheet
538Kb / 26P
[Old version datasheet]   200-mA, Small Size, Low-Dropout Linear Voltage Regulator
TPS799L TI1-TPS799L Datasheet
603Kb / 14P
[Old version datasheet]   200-mA, Low-Dropout Linear Regulator
logo
Analog Devices
ADP3303 AD-ADP3303_15 Datasheet
271Kb / 16P
   200 mA Low Dropout Linear Regulator
REV. C
logo
Texas Instruments
UCC386 TI-UCC386 Datasheet
116Kb / 8P
[Old version datasheet]   LOW-DROPOUT 200-mA LINEAR REGULATOR
logo
Analog Devices
ADP3303A AD-ADP3303A_15 Datasheet
139Kb / 8P
   200 mA Low Dropout Linear Regulator
REV. A
logo
Texas Instruments
TLV755P_1808 TI1-TLV755P_1808 Datasheet
2Mb / 47P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P_18 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P_19 Datasheet
2Mb / 42P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P Datasheet
1Mb / 28P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P_1807 TI1-TLV755P_1807 Datasheet
2Mb / 41P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com