Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV62568DRL Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV62568DRL
Description  1-A High Efficiency Synchronous Buck Converter in SOT Package
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV62568DRL Datasheet(HTML) 1 Page - Texas Instruments

  TLV62568DRL Datasheet HTML 1Page - Texas Instruments TLV62568DRL Datasheet HTML 2Page - Texas Instruments TLV62568DRL Datasheet HTML 3Page - Texas Instruments TLV62568DRL Datasheet HTML 4Page - Texas Instruments TLV62568DRL Datasheet HTML 5Page - Texas Instruments TLV62568DRL Datasheet HTML 6Page - Texas Instruments TLV62568DRL Datasheet HTML 7Page - Texas Instruments TLV62568DRL Datasheet HTML 8Page - Texas Instruments TLV62568DRL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Load (A)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
60
65
70
75
80
85
90
95
100
D008
VOUT = 1.2 V
VOUT = 1.8 V
VOUT = 2.5 V
VOUT = 3.3 V
R1
200 k
R2
100 k
SW
GND FB
EN
PG
VIN
C3*
C2
10 µF
R3
499 k
C1
4.7 µF
VIN
2.5 V to 5.5 V
VPG
VOUT
1.8 V / 1.0 A
L1
2.2 µH
C3: Optional
TLV62568P
Copyright Ú 2016, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.
TLV62568, TLV62568P
SLVSD89A – NOVEMBER 2016 – REVISED APRIL 2017
TLV62568 1-A High Efficiency Synchronous Buck Converter in SOT Package
1
1 Features
1
Up to 95% Efficiency
Low RDS(ON) Switches 150 mΩ / 100 mΩ
2.5-V to 5.5-V Input Voltage Range
Adjustable Output Voltage from 0.6 V to VIN
Power Save Mode for Light Load Efficiency
100% Duty Cycle for Lowest Dropout
35-µA Operating Quiescent Current
1.5-MHz Switching Frequency
Power Good Output
Over Current Protection
Internal Soft Startup
Thermal Shutdown Protection
Available in SOT Package
Pin-to-Pin Compatible with TLV62569
2 Applications
General Purpose POL Supply
Network Video Camera
Set Top Box
Wireless Router
3 Description
The TLV62568 device is a synchronous step-down
buck DC-DC converter optimized for high efficiency
and compact solution size. The device integrates
switches capable of delivering an output current up to
1 A.
(1)
Product preview
At medium to heavy loads, the device operates in
pulse width modulation (PWM) mode with 1.5-MHz
switching
frequency.
At
light
load,
the
device
automatically enters Power Save Mode (PSM) to
maintain high efficiency over the entire load current
range. In shutdown, the current consumption is
reduced to less than 2 μA.
The TLV62568 provides an adjustable output voltage
via an external resistor divider. An internal soft start
circuit limits the inrush current during startup. Other
features
like
over
current
protection,
thermal
shutdown protection and power good are built-in. The
device is available in a SOT23 and SOT563 package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLV62568
SOT-23 (5)
2.90 mm × 2.80 mm
TLV62568P
SOT-23 (6)
TLV62568
SOT563 (6)
1.60 mm x 1.60 mm
TLV62568P
SOT563 (6)
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Device Comparison
PART NUMBER
FUNCTION
PACKAGE
MARKING
PACKAGE
TLV62568DBV
-
14VF
SOT23-5
TLV62568PDDC(1)
Power Good
SOT23-6
TLV62568DRL
-
18L
SOT563-6
TLV62568PDRL
Power Good
18N
SOT563-6
Simplified Schematic
Efficiency at 5-V Input Voltage


Similar Part No. - TLV62568DRL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62568DRLR TI1-TLV62568DRLR Datasheet
725Kb / 21P
[Old version datasheet]   1-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62568DRLT TI1-TLV62568DRLT Datasheet
725Kb / 21P
[Old version datasheet]   1-A High Efficiency Synchronous Buck Converter in SOT Package
More results

Similar Description - TLV62568DRL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62568 TI1-TLV62568 Datasheet
725Kb / 21P
[Old version datasheet]   1-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569_017 TI1-TLV62569_017 Datasheet
1Mb / 24P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569_0017 TI1-TLV62569_0017 Datasheet
1Mb / 25P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569 TI1-TLV62569_17 Datasheet
1Mb / 23P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569 TI1-TLV62569 Datasheet
648Kb / 19P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TPS62A01 TI-TPS62A01_V01 Datasheet
1Mb / 21P
[Old version datasheet]   TPS62A01/TPS62A01A, 1-A High-Efficiency Synchronous Buck Converter in a SOT-5X3 Package
MARCH 2022
TPS62A01 TI-TPS62A01_V02 Datasheet
1Mb / 21P
[Old version datasheet]   TPS62A01/TPS62A01A, 1-A High-Efficiency Synchronous Buck Converter in a SOT-5X3 Package
MARCH 2022
TPS62A01 TI-TPS62A01 Datasheet
1Mb / 20P
[Old version datasheet]   TPS62A01/TPS62A01A, 1-A High-Efficiency Synchronous Buck Converter in a SOT563 Package
DECEMBER 2021
TPS62A06 TI-TPS62A06_V01 Datasheet
1Mb / 23P
[Old version datasheet]   TPS62A06x, 6-A, High-Efficiency, Synchronous Buck Converter in a SOT563 Package
REVISED JUNE 2023
TPS62A06 TI1-TPS62A06_V02 Datasheet
1Mb / 23P
[Old version datasheet]   TPS62A06x, 6-A, High-Efficiency, Synchronous Buck Converter in a SOT563 Package
REVISED JUNE 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com