Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV62568DBVT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62568DBVT
Description  1-A High Efficiency Synchronous Buck Converter in SOT Package
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV62568DBVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV62568DBVT Datasheet HTML 6Page - Texas Instruments TLV62568DBVT Datasheet HTML 7Page - Texas Instruments TLV62568DBVT Datasheet HTML 8Page - Texas Instruments TLV62568DBVT Datasheet HTML 9Page - Texas Instruments TLV62568DBVT Datasheet HTML 10Page - Texas Instruments TLV62568DBVT Datasheet HTML 11Page - Texas Instruments TLV62568DBVT Datasheet HTML 12Page - Texas Instruments TLV62568DBVT Datasheet HTML 13Page - Texas Instruments TLV62568DBVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
SW
IN
OUT
OUT
L
L
MAX
,
OUT
MAX
,
L
f
L
V
V
1
V
I
2
I
I
I
´
-
´
=
D
D
+
=
÷
ø
ö
ç
è
æ
+
´
=
÷
ø
ö
ç
è
æ
+
´
=
2
1
1
6
.
0
2
1
1
R
R
V
R
R
V
V
FB
OUT
10
TLV62568, TLV62568P
SLVSD89A – NOVEMBER 2016 – REVISED APRIL 2017
www.ti.com
Product Folder Links: TLV62568 TLV62568P
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
(1)
Inductor tolerance and current de-rating is anticipated. The effective inductance can vary by +20% and -30%.
(2)
Capacitor tolerance and bias voltage de-rating is anticipated. The effective capacitance can vary by +20% and -50%.
(3)
This LC combination is the standard value and recommended for most applications.
When sizing R2, in order to achieve low current consumption and acceptable noise sensitivity, use a maximum of
200 kΩ for R2. Larger currents through R2 improve noise sensitivity and output voltage accuracy but increase
current consumption.
(2)
A feed forward capacitor, C3 improves the loop bandwidth to make a fast transient response (shown in
Figure 19). 6.8-pF capacitance is recommended for R2 of 100-kΩ resistance. A more detailed discussion on the
optimization for stability vs. transient response can be found in SLVA289.
8.2.2.2 Output Filter Design
The inductor and output capacitor together provide a low-pass filter. To simplify this process, Table 4 outlines
possible inductor and capacitor value combinations. Checked cells represent combinations that are proven for
stability by simulation and lab test. Further combinations should be checked for each individual application.
Table 4. Matrix of Output Capacitor and Inductor Combinations
VOUT [V]
L [µH](1)
COUT [µF]
(2)
4.7
10
22
2x 22
100
0.6
≤ VOUT < 1.2
1
+
2.2
++(3)
1.2
≤ VOUT < 1.8
1
+
+
2.2
++(3)
+
1.8
≤ VOUT
1
+
+
+
2.2
++(3)
+
+
8.2.2.3 Inductor Selection
The main parameters for inductor selection is inductor value and then saturation current of the inductor. To
calculate the maximum inductor current under static load conditions, Equation 3 is given:
where:
IOUT,MAX is the maximum output current
ΔIL is the inductor current ripple
fSW is the switching frequency
L is the inductor value
(3)
It is recommended to choose a saturation current for the inductor that is approximately 20% to 30% higher than
IL,MAX. In addition, DC resistance and size should also be taken into account when selecting an appropriate
inductor.
8.2.2.4 Input and Output Capacitor Selection
The architecture of the TLV62568 allows use of tiny ceramic-type output capacitors with low equivalent series
resistance (ESR). These capacitors provide low output voltage ripple and are thus recommended. To keep its
resistance up to high frequencies and to achieve narrow capacitance variation with temperature, it is
recommended to use X7R or X5R dielectric.


Similar Part No. - TLV62568DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62568DBVT TI1-TLV62568DBVT Datasheet
725Kb / 21P
[Old version datasheet]   1-A High Efficiency Synchronous Buck Converter in SOT Package
More results

Similar Description - TLV62568DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62568 TI1-TLV62568 Datasheet
725Kb / 21P
[Old version datasheet]   1-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569_017 TI1-TLV62569_017 Datasheet
1Mb / 24P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569_0017 TI1-TLV62569_0017 Datasheet
1Mb / 25P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569 TI1-TLV62569_17 Datasheet
1Mb / 23P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569 TI1-TLV62569 Datasheet
648Kb / 19P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TPS62A01 TI-TPS62A01_V01 Datasheet
1Mb / 21P
[Old version datasheet]   TPS62A01/TPS62A01A, 1-A High-Efficiency Synchronous Buck Converter in a SOT-5X3 Package
MARCH 2022
TPS62A01 TI-TPS62A01_V02 Datasheet
1Mb / 21P
[Old version datasheet]   TPS62A01/TPS62A01A, 1-A High-Efficiency Synchronous Buck Converter in a SOT-5X3 Package
MARCH 2022
TPS62A01 TI-TPS62A01 Datasheet
1Mb / 20P
[Old version datasheet]   TPS62A01/TPS62A01A, 1-A High-Efficiency Synchronous Buck Converter in a SOT563 Package
DECEMBER 2021
TPS62A06 TI-TPS62A06_V01 Datasheet
1Mb / 23P
[Old version datasheet]   TPS62A06x, 6-A, High-Efficiency, Synchronous Buck Converter in a SOT563 Package
REVISED JUNE 2023
TPS62A06 TI1-TPS62A06_V02 Datasheet
1Mb / 23P
[Old version datasheet]   TPS62A06x, 6-A, High-Efficiency, Synchronous Buck Converter in a SOT563 Package
REVISED JUNE 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com