Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV62568PDRLR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62568PDRLR
Description  1-A High Efficiency Synchronous Buck Converter in SOT Package
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV62568PDRLR Datasheet(HTML) 3 Page - Texas Instruments

  TLV62568PDRLR Datasheet HTML 1Page - Texas Instruments TLV62568PDRLR Datasheet HTML 2Page - Texas Instruments TLV62568PDRLR Datasheet HTML 3Page - Texas Instruments TLV62568PDRLR Datasheet HTML 4Page - Texas Instruments TLV62568PDRLR Datasheet HTML 5Page - Texas Instruments TLV62568PDRLR Datasheet HTML 6Page - Texas Instruments TLV62568PDRLR Datasheet HTML 7Page - Texas Instruments TLV62568PDRLR Datasheet HTML 8Page - Texas Instruments TLV62568PDRLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
PG
1
2
3
6
5
4
EN
SW
GND
VIN
FB
NC/PG
1
2
3
6
5
4
EN
SW
GND VIN
FB
1
2
3
5
4
EN
SW
GND
VIN
FB
SOT23-5
DBV Package
(Top View)
SOT23-6
DDC Package
(Top View)
SOT563-6
DRL Package
(Top View)
3
TLV62568, TLV62568P
www.ti.com
SLVSD89A – NOVEMBER 2016 – REVISED APRIL 2017
Product Folder Links: TLV62568 TLV62568P
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
Pin Functions
PIN NUMBER
I/O/PWR
DESCRIPTION
NAME
SOT23-5
SOT23-6
SOT563-6
EN
1
1
5
I
Device enable logic input. Logic high enables the device, logic low disables
the device and turns it into shutdown. Do not leave floating.
GND
2
2
2
PWR
Ground pin.
SW
3
3
4
PWR
Switch pin connected to the internal FET switches and inductor terminal.
Connect the inductor of the output filter to this pin.
VIN
4
4
3
PWR
Power supply voltage input.
PG
-
5
6
O
Power good open drain output pin for TLV62568P. The pull-up resistor should
not be connected to any voltage higher than 5.5V. If it's not used, leave the
pin floating.
FB
5
6
1
I
Feedback pin for the internal control loop. Connect this pin to an external
feedback divider.
NC
-
-
6
O
No connection pin for TLV62568DRL. The pin can be connected to the output.
Or leave it floating.
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. Functional operation of the
device at these or any other conditions beyond those indicated under recommended operating conditions is not implied. Exposure to
absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
(3)
While switching.
6 Specifications
6.1 Absolute Maximum Ratings
Over operating temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage(2)
VIN, EN, PG
–0.3
6
V
SW (DC)
–0.3
VIN+0.3
V
SW (AC, less than 10 ns)(3)
–3.0
9
V
FB
–0.3
5.5
V
Operating junction temperature, TJ
–40
150
°C
Storage temperature, Tstg
–65
150
°C


Similar Part No. - TLV62568PDRLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62568PDRLR TI1-TLV62568PDRLR Datasheet
725Kb / 21P
[Old version datasheet]   1-A High Efficiency Synchronous Buck Converter in SOT Package
More results

Similar Description - TLV62568PDRLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62568 TI1-TLV62568 Datasheet
725Kb / 21P
[Old version datasheet]   1-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569_017 TI1-TLV62569_017 Datasheet
1Mb / 24P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569_0017 TI1-TLV62569_0017 Datasheet
1Mb / 25P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569 TI1-TLV62569_17 Datasheet
1Mb / 23P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569 TI1-TLV62569 Datasheet
648Kb / 19P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TPS62A01 TI-TPS62A01_V01 Datasheet
1Mb / 21P
[Old version datasheet]   TPS62A01/TPS62A01A, 1-A High-Efficiency Synchronous Buck Converter in a SOT-5X3 Package
MARCH 2022
TPS62A01 TI-TPS62A01_V02 Datasheet
1Mb / 21P
[Old version datasheet]   TPS62A01/TPS62A01A, 1-A High-Efficiency Synchronous Buck Converter in a SOT-5X3 Package
MARCH 2022
TPS62A01 TI-TPS62A01 Datasheet
1Mb / 20P
[Old version datasheet]   TPS62A01/TPS62A01A, 1-A High-Efficiency Synchronous Buck Converter in a SOT563 Package
DECEMBER 2021
TPS62A06 TI-TPS62A06_V01 Datasheet
1Mb / 23P
[Old version datasheet]   TPS62A06x, 6-A, High-Efficiency, Synchronous Buck Converter in a SOT563 Package
REVISED JUNE 2023
TPS62A06 TI1-TPS62A06_V02 Datasheet
1Mb / 23P
[Old version datasheet]   TPS62A06x, 6-A, High-Efficiency, Synchronous Buck Converter in a SOT563 Package
REVISED JUNE 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com