Electronic Components Datasheet Search |
|
TLV7113330DDSET Datasheet(PDF) 2 Page - Texas Instruments |
|
|
TLV7113330DDSET Datasheet(HTML) 2 Page - Texas Instruments |
2 / 33 page TLV710 Series TLV711 Series SBVS142A – JULY 2010 – REVISED AUGUST 2010 www.ti.com This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. ORDERING INFORMATION(1) PRODUCT VOUT (2) TLV710xxyyqwwwz XX is nominal output voltage of channel 1 (for example 18 = 1.8V). TLV711xxyyqwwwz YY is nominal output voltage of channel 2 (for example 28 = 2.8V). Q is optional. Use "U" for devices with EN pin pull-up resistor, and "D" for devices with EN pin pull-down resistor. WWW is package designator. Z is package quantity. Use "R" for reel (3000 pieces), and "T" for tape (250 pieces). (1) For the most current package and ordering information see the Package Option Addendum at the end of this document, or visit the device product folder on www.ti.com. (2) Output voltages from 1.2V to 4.8V in 50mV increments are available through the use of innovative factory OTP programming; minimum order quantities may apply. Contact factory for details and availability. ABSOLUTE MAXIMUM RATINGS (1) At TJ = –40°C to +125°C (unless otherwise noted). VALUE MIN MAX UNIT IN –0.3 +6.0 V Voltage(2) EN –0.3 VIN + 0.3 V OUT –0.3 +6.0 V Current OUT Internally limited A Output short-circuit duration Indefinite s Operating junction, TJ –55 +150 °C Temperature Storage, Tstg –55 +150 °C Human body model (HBM) QSS 009-105 (JESD22-A114A) 2 kV Electrostatic Discharge Rating Charged device model (CDM) QSS 009-147 500 V (JESD22-C101B.01) (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated is not implied. Exposure to absolute-maximum-rated conditions for extended periods my affect device reliability. (2) All voltages with respect to ground. THERMAL INFORMATION (1) TLV710, TLV711 THERMAL METRIC(2) DSE UNITS 6 PINS yJT Junction-to-top characterization parameter 6 °C/W (1) See the Power Dissipation section for more details. (2) For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953. 2 Submit Documentation Feedback Copyright © 2010, Texas Instruments Incorporated |
Similar Part No. - TLV7113330DDSET |
|
Similar Description - TLV7113330DDSET |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |