Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS1H000AQDGNRQ1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS1H000AQDGNRQ1
Description  40-V 1-(ohm) Single-Channel Smart High-Side Switch
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS1H000AQDGNRQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS1H000AQDGNRQ1 Datasheet HTML 3Page - Texas Instruments TPS1H000AQDGNRQ1 Datasheet HTML 4Page - Texas Instruments TPS1H000AQDGNRQ1 Datasheet HTML 5Page - Texas Instruments TPS1H000AQDGNRQ1 Datasheet HTML 6Page - Texas Instruments TPS1H000AQDGNRQ1 Datasheet HTML 7Page - Texas Instruments TPS1H000AQDGNRQ1 Datasheet HTML 8Page - Texas Instruments TPS1H000AQDGNRQ1 Datasheet HTML 9Page - Texas Instruments TPS1H000AQDGNRQ1 Datasheet HTML 10Page - Texas Instruments TPS1H000AQDGNRQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Graph Placeholder
C00
Graph Placeholder
C00
Open Load
Open Load
IN
FAULT
td(ol,on)
td(ol,off)
VOUT
td(on)
10%
90%
10%
90%
dV/dt(on)
VIN
td(off)
dV/dt(off)
7
TPS1H000-Q1
www.ti.com
SLVSDO6 – AUGUST 2017
Product Folder Links: TPS1H000-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.6 Switching Characteristics
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
td(on)
Turnon delay time, IN rising edge to
10% of VOUT
VVS = 13.5 V, VDIAG_EN = 5 V, IOUT
= 0.1 A
20
50
90
µs
td(off)
Turnoff delay time, IN falling edge to
90% of VOUT
VVS = 13.5 V, VDIAG_EN = 5 V, IOUT
= 0.1 A
20
50
90
µs
dV/dt(on)
Slew rate on, VOUT from 10% to
90%
VVS = 13.5 V, VDIAG_EN = 5 V, IOUT
= 0.1 A
0.1
0.6
V/µs
dV/dt(off)
Slew rate off, VOUTfrom 90% to 10%
VVS = 13.5 V, VDIAG_EN = 5 V, IOUT
= 0.1 A
0.3
0.9
V/µs
Figure 3. Output Delay Characteristics
Figure 4. Open-Load Blanking-Time Characteristic
6.7 Typical Characteristics
Figure 5.
Figure 6.


Similar Part No. - TPS1H000AQDGNRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS1H100-Q1 TI1-TPS1H100-Q1 Datasheet
1Mb / 46P
[Old version datasheet]   TPS1H100-Q1 40-V, 100-m Single-Channel Smart High-Side Power Switch
TPS1H100AQPWPRQ1 TI1-TPS1H100AQPWPRQ1 Datasheet
1Mb / 46P
[Old version datasheet]   TPS1H100-Q1 40-V, 100-m Single-Channel Smart High-Side Power Switch
TPS1H100BQPWPRQ1 TI1-TPS1H100BQPWPRQ1 Datasheet
1Mb / 46P
[Old version datasheet]   TPS1H100-Q1 40-V, 100-m Single-Channel Smart High-Side Power Switch
TPS1H200-Q1 TI1-TPS1H200-Q1 Datasheet
848Kb / 32P
[Old version datasheet]   40-V 200-m(ohm) Single-Channel Smart High-Side Switch
TPS1H200A-Q1 TI1-TPS1H200A-Q1 Datasheet
848Kb / 32P
[Old version datasheet]   40-V 200-m(ohm) Single-Channel Smart High-Side Switch
More results

Similar Description - TPS1H000AQDGNRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS1H200-Q1 TI1-TPS1H200-Q1 Datasheet
848Kb / 32P
[Old version datasheet]   40-V 200-m(ohm) Single-Channel Smart High-Side Switch
TPS1HA08-Q1 TI1-TPS1HA08-Q1 Datasheet
236Kb / 7P
[Old version datasheet]   40-V, 8-m(ohm) Single-Channel Smart High-Side Switch
TPS1HA08-Q1 TI1-TPS1HA08-Q1_18 Datasheet
963Kb / 52P
[Old version datasheet]   40-V, 8-m(ohm) Single-Channel Smart High-Side Switch
TPS2HB08-Q1 TI1-TPS2HB08-Q1 Datasheet
171Kb / 7P
[Old version datasheet]   40-V, 8-m(ohm) Dual-Channel Smart High-Side Switch
TPS2HB08-Q1 TI1-TPS2HB08-Q1_19 Datasheet
1Mb / 56P
[Old version datasheet]   40-V, 8-m(ohm) Dual-Channel Smart High-Side Switch
TPS2HB16-Q1 TI1-TPS2HB16-Q1 Datasheet
304Kb / 10P
[Old version datasheet]   40-V, 16-m(ohm) Dual-Channel Smart High-Side Switch
TPS2HB35-Q1 TI1-TPS2HB35-Q1 Datasheet
239Kb / 7P
[Old version datasheet]   40-V, 35-m(ohm) Dual-Channel Smart High-Side Switch
TPS2HB08-Q1 TI1-TPS2HB08-Q1_18 Datasheet
851Kb / 52P
[Old version datasheet]   40-V, 8-m(ohm) Dual-Channel Smart High-Side Switch
TPS2HB50-Q1 TI1-TPS2HB50-Q1 Datasheet
239Kb / 7P
[Old version datasheet]   40-V, 50-m(ohm) Dual-Channel Smart High-Side Switch
TPS27S100 TI1-TPS27S100 Datasheet
1Mb / 36P
[Old version datasheet]   40-V, 80-m(ohm) Single-Channel High-Side Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com