Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22916 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS22916
Description  1-V ??5.5-V, 2-A, 60-m(ohm) Ultra-Low Leakage Load Switch
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22916 Datasheet(HTML) 4 Page - Texas Instruments

  TPS22916_17 Datasheet HTML 1Page - Texas Instruments TPS22916_17 Datasheet HTML 2Page - Texas Instruments TPS22916_17 Datasheet HTML 3Page - Texas Instruments TPS22916_17 Datasheet HTML 4Page - Texas Instruments TPS22916_17 Datasheet HTML 5Page - Texas Instruments TPS22916_17 Datasheet HTML 6Page - Texas Instruments TPS22916_17 Datasheet HTML 7Page - Texas Instruments TPS22916_17 Datasheet HTML 8Page - Texas Instruments TPS22916_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
4
TPS22916
SLVSDO5A – JULY 2017 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: TPS22916
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VIN
Input voltage
–0.3
6
V
VOUT
Output voltage
–0.3
6
V
VON
Enable voltage
–0.3
6
V
IMAX
Maximum continuous switch current
2
A
IPLS
Maximum pulsed switch current, pulse < 300-µs, 2% duty cycle
2.5
A
TJ,MAX
Maximum junction temperature
125
°C
TSTG
Storage temperature
–65
150
°C
TLEAD
Maximum Lead temperature (10-s soldering time)
300
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM is possible with the necessary precautions. Pins listed as ±2000 V may actually have higher performance.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250-V CDM is possible with the necessary precautions. Pins listed as ±500 V may actually have higher performance.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±500
6.3 Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN
Input voltage
1
5.5
V
VOUT
Output voltage
0
5.5
V
VIH
High-level input voltage, ON
1
5.5
V
VIL
Low-level input voltage, ON
0
0.35
V
TA
Operating free-air temperature
–40
85
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
Thermal Parameters(1)
TPS22916xx
UNIT
YFP (WCSP)
4 PINS
θJA
Junction-to-ambient thermal resistance
193
°C/W
θJCtop
Junction-to-case (top) thermal resistance
2.3
°C/W
θJB
Junction-to-board thermal resistance
36
°C/W
ψJT
Junction-to-top characterization parameter
12
°C/W
ψJB
Junction-to-board characterization parameter
36
°C/W


Similar Part No. - TPS22916_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22916B TI1-TPS22916B Datasheet
330Kb / 21P
[Old version datasheet]   1 V??.5-V, 2-A, 60-m(ohm) Ultra-Low Leakage Load Switch
TPS22916B TI-TPS22916B Datasheet
1Mb / 29P
[Old version datasheet]   TPS22916xx 1-V??.5-V, 2-A, 60-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22916B TI-TPS22916B Datasheet
1Mb / 29P
[Old version datasheet]   TPS22916xx 1-V??.5-V, 2-A, 60-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22916BL TI-TPS22916BL Datasheet
1Mb / 29P
[Old version datasheet]   TPS22916xx 1-V??.5-V, 2-A, 60-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22916BL TI-TPS22916BL Datasheet
1Mb / 29P
[Old version datasheet]   TPS22916xx 1-V??.5-V, 2-A, 60-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
More results

Similar Description - TPS22916_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22916 TI1-TPS22916 Datasheet
330Kb / 21P
[Old version datasheet]   1 V??.5-V, 2-A, 60-m(ohm) Ultra-Low Leakage Load Switch
TPS22917 TI1-TPS22917 Datasheet
203Kb / 14P
[Old version datasheet]   1 V??.5-V, 2-A, 80-m(ohm) Ultra-Low Leakage Load Switch
TPS22917 TI1-TPS22917_18 Datasheet
1Mb / 27P
[Old version datasheet]   1 V??.5-V, 2-A, 80-m(ohm) Ultra-Low Leakage Load Switch
TPS22916 TI-TPS22916_V01 Datasheet
1Mb / 29P
[Old version datasheet]   TPS22916xx 1-V??.5-V, 2-A, 60-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22916 TI-TPS22916_V02 Datasheet
1Mb / 29P
[Old version datasheet]   TPS22916xx 1-V??.5-V, 2-A, 60-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22917 TI-TPS22917_V01 Datasheet
2Mb / 29P
[Old version datasheet]   TPS22917x 1 V??.5-V, 2-A, 80-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22918 TI1-TPS22918_16 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22918-Q1 TI1-TPS22918-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22914B TI1-TPS22914B Datasheet
1Mb / 26P
[Old version datasheet]   5.5-V, 2-A, 37m(ohm) On-Resistance Load Switch
TPS22959 TI1-TPS22959 Datasheet
7Mb / 29P
[Old version datasheet]   5.5-V, 15-A, 4.4-m(ohm) On-Resistance Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com