Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22916 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22916
Description  1-V ??5.5-V, 2-A, 60-m(ohm) Ultra-Low Leakage Load Switch
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22916 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS22916 Datasheet HTML 6Page - Texas Instruments TPS22916 Datasheet HTML 7Page - Texas Instruments TPS22916 Datasheet HTML 8Page - Texas Instruments TPS22916 Datasheet HTML 9Page - Texas Instruments TPS22916 Datasheet HTML 10Page - Texas Instruments TPS22916 Datasheet HTML 11Page - Texas Instruments TPS22916 Datasheet HTML 12Page - Texas Instruments TPS22916 Datasheet HTML 13Page - Texas Instruments TPS22916 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
VIN (V)
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
20
40
60
80
D008
85qC
25qC
40qC
VIN (V)
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
50
75
100
125
150
175
200
225
250
275
D010
85qC
25qC
40qC
VIN (V)
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
100
150
200
250
300
350
400
450
500
550
600
D009
85°C
25°C
40°C
10
TPS22916
SLVSDO5A – JULY 2017 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: TPS22916
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.7.2 Typical Switching Characteristics
The typical data in this section apply to all devices at 25°C unless otherwise noted.
CL = 0.1 µF
RL = 10 Ω
Figure 9. Fast Turn On Time
TPS22916B
VIN = 5 V
CL = 0.1 μF
RL = 10 Ω
Figure 10. Fast Turn On at 5 V
CL = 0.1 µF
RL = 10 Ω
Figure 11. Fast Rise Time
TPS22916B
VIN = 3.6 V
CL = 0.1 μF
RL = 10 Ω
Figure 12. Fast Turn On at 3.6 V
CL = 0.1 µF
RL = 10 Ω
Figure 13. Fast Slew Rate
TPS22916B
VIN = 1 V
CL = 0.1 μF
RL = 10 Ω
Figure 14. Fast Turn on at 1 V


Similar Part No. - TPS22916

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22916 TI1-TPS22916 Datasheet
330Kb / 21P
[Old version datasheet]   1 V??.5-V, 2-A, 60-m(ohm) Ultra-Low Leakage Load Switch
TPS22916 TI-TPS22916 Datasheet
1Mb / 29P
[Old version datasheet]   TPS22916xx 1-V??.5-V, 2-A, 60-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22916 TI-TPS22916 Datasheet
1Mb / 29P
[Old version datasheet]   TPS22916xx 1-V??.5-V, 2-A, 60-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22916B TI1-TPS22916B Datasheet
330Kb / 21P
[Old version datasheet]   1 V??.5-V, 2-A, 60-m(ohm) Ultra-Low Leakage Load Switch
TPS22916B TI-TPS22916B Datasheet
1Mb / 29P
[Old version datasheet]   TPS22916xx 1-V??.5-V, 2-A, 60-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
More results

Similar Description - TPS22916

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22916 TI1-TPS22916 Datasheet
330Kb / 21P
[Old version datasheet]   1 V??.5-V, 2-A, 60-m(ohm) Ultra-Low Leakage Load Switch
TPS22917 TI1-TPS22917 Datasheet
203Kb / 14P
[Old version datasheet]   1 V??.5-V, 2-A, 80-m(ohm) Ultra-Low Leakage Load Switch
TPS22917 TI1-TPS22917_18 Datasheet
1Mb / 27P
[Old version datasheet]   1 V??.5-V, 2-A, 80-m(ohm) Ultra-Low Leakage Load Switch
TPS22916 TI-TPS22916_V01 Datasheet
1Mb / 29P
[Old version datasheet]   TPS22916xx 1-V??.5-V, 2-A, 60-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22916 TI-TPS22916_V02 Datasheet
1Mb / 29P
[Old version datasheet]   TPS22916xx 1-V??.5-V, 2-A, 60-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22917 TI-TPS22917_V01 Datasheet
2Mb / 29P
[Old version datasheet]   TPS22917x 1 V??.5-V, 2-A, 80-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22918 TI1-TPS22918_16 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22918-Q1 TI1-TPS22918-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22914B TI1-TPS22914B Datasheet
1Mb / 26P
[Old version datasheet]   5.5-V, 2-A, 37m(ohm) On-Resistance Load Switch
TPS22959 TI1-TPS22959 Datasheet
7Mb / 29P
[Old version datasheet]   5.5-V, 15-A, 4.4-m(ohm) On-Resistance Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com