Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS63710DRRR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS63710DRRR
Description  Low Noise Synchronous Inverting Buck Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS63710DRRR Datasheet(HTML) 5 Page - Texas Instruments

  TPS63710DRRR Datasheet HTML 1Page - Texas Instruments TPS63710DRRR Datasheet HTML 2Page - Texas Instruments TPS63710DRRR Datasheet HTML 3Page - Texas Instruments TPS63710DRRR Datasheet HTML 4Page - Texas Instruments TPS63710DRRR Datasheet HTML 5Page - Texas Instruments TPS63710DRRR Datasheet HTML 6Page - Texas Instruments TPS63710DRRR Datasheet HTML 7Page - Texas Instruments TPS63710DRRR Datasheet HTML 8Page - Texas Instruments TPS63710DRRR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
5
TPS63710
www.ti.com
SLVSD44 – SEPTEMBER 2017
Product Folder Links: TPS63710
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
The values given for all the capacitors are effective capacitance, which includes the dc bias effect. Especially the input capacitor CIN and
the CCP capacitor, which are charged to the input voltage, are strongly effected. Their effective capacitance is much lower based on the
dc voltage applied. Therefore, the nominal capacitor value needs to be larger than the minimum values given in the table. Please check
the manufacturer´s dc bias curves for the effective capacitance vs dc voltage applied.
(2)
If a maximum output current below 1A is required, the capacitance can be reduced accordingly. See the application section for details.
(3)
The maximum value also includes dc bias at the nominal operating voltage. During start-up when the voltage is 0 V, the effective
capacitance can be higher. Please see the application section for details.
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VIN
Supply Voltage Range
3.1
14
V
Supply voltage slew rate for a VIN step of less than 1V
-1
1
V/µs
Supply voltage slew rate for a VIN step of greater or equal than 1V
-0.1
0.1
V/µs
IOUT
Output Current
duty cycle
≤ 70%
-1
0
A
L
Effective Inductance
1.5
2.2
6.2
µH
COUT
Effective Output Capacitance(1) for Tj = -20°C to 125°C
15
44
100
µF
COUT
Effective Output Capacitance(1) for Tj = -40°C to 125°C
22
44
100
µF
CIN
Effective Input Capacitance(1)
2 x CCP
µF
CCP
Effective Capacitance on the CP pin required for full output current at
≤ 70% duty
cycle(1) (2)
4
4.7
20(3)
µF
CAUX
Effective Capacitance from VAUX pin to GND (1)
0.08
0.22
1
µF
CCAP
Effective Capacitance from CAP pin to GND (1)
0.01
10
µF
R
Total resistance for R1 + R2 from VREF to GND
100
500
TJ
Operating Junction Temperature
-40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
TPS63710
UNIT
DRR (WSON)
12 PINS
RθJA
Junction-to-ambient thermal resistance
44.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
47.7
°C/W
RθJB
Junction-to-board thermal resistance
18.9
°C/W
ψJT
Junction-to-top characterization parameter
0.4
°C/W
ψJB
Junction-to-board characterization parameter
19.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
5.8
°C/W


Similar Part No. - TPS63710DRRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63700 TI-TPS63700 Datasheet
1Mb / 22P
[Old version datasheet]   DC-DC INVERTER
TPS63700DRC TI-TPS63700DRC Datasheet
1Mb / 22P
[Old version datasheet]   DC-DC INVERTER
TPS63700DRCR TI-TPS63700DRCR Datasheet
1Mb / 22P
[Old version datasheet]   DC-DC INVERTER
TPS63700DRCRG4 TI-TPS63700DRCRG4 Datasheet
1Mb / 22P
[Old version datasheet]   DC-DC INVERTER
TPS63700DRCT TI-TPS63700DRCT Datasheet
1Mb / 22P
[Old version datasheet]   DC-DC INVERTER
More results

Similar Description - TPS63710DRRR

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5723 GMT-G5723 Datasheet
44Kb / 1P
   Synchronous Buck Converter with Low-Noise LDO Regulator
logo
Major-Power Technology ...
MA5604 MPOWER-MA5604 Datasheet
429Kb / 7P
   Synchronous Buck Converter
logo
Rohm
BD9B300MUV-EVK-101 ROHM-BD9B300MUV-EVK-101 Datasheet
1Mb / 11P
   Synchronous Buck Converter
logo
QX Micro Devices Co.,Lt...
QX3406 QXMD-QX3406 Datasheet
1Mb / 2P
   Synchronous Buck Converter
logo
Rohm
BD9109FVMEVK-101 ROHM-BD9109FVMEVK-101 Datasheet
787Kb / 8P
   Synchronous Buck Converter
logo
First Silicon Co., Ltd
FC3470 FS-FC3470 Datasheet
931Kb / 8P
   Synchronous Buck Converter
logo
Linear Technology
LT8471EFE LINER-LT8471EFE Datasheet
401Kb / 6P
   Dual Output, Buck and Inverting Converter
logo
Diodes Incorporated
AL8811 DIODES-AL8811 Datasheet
496Kb / 11P
   Boost/Buck/Inverting DC-DC CONVERTER
logo
Cypress Semiconductor
MB39C022G CYPRESS-MB39C022G Datasheet
809Kb / 29P
   Buck DC/DC Converter Low Noise LDO
logo
Major-Power Technology ...
MA5006 MPOWER-MA5006 Datasheet
249Kb / 2P
   1A, 1.2MHz Low Noise Sync. Buck Converter
Rev.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com